|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DFP Vishay Dale Thick Film Resistor Networks Flat Pack, 11, 12 Schematics FEATURES 11 and 12 Schematics 0.065" [1.65mm] height for high density packaging Low temperature coefficient (- 55C to + 125C) 100ppm/C Hot solder dipped leads Highly stable thick film Wide resistance range All devices are capable of passing the MIL-STD-202, Method 210, Condition C "Resistance to Soldering Heat" test STANDARD ELECTRICAL SPECIFICATIONS POWER RATING GLOBAL MODEL P25C ELEMENT W P25C PACKAGE W CIRCUIT SCHEMATIC 11 12 LIMITING ELEMENT VOLTAGE MAX. V 75 75 TEMPERATURE1) COEFFICIENT ppm/C STANDARD2) TOLERANCE % RESISTANCE RANGE W TEMPERATURE COEFFICIENT TRACKING ppm/C 50 50 0.25 0.65 0.15 0.65 1)Temperature Range: - 55C to + 125C * Consult factory for stocked values DFP 100 2 10 - 1M 100 2 10 - 1M 2) 1% and 5% tolerance available TECHNICAL SPECIFICATIONS 11 Schematic 7 or 8 isolated resistors The DFPxx11 provides the user with 7 or 8 nominally equal resistors with each resistor isolated from all others. Commonly used in the following applications: * "Wired OR" Pull-up * Long-line Impedance Balancing * Power Driven Pull-up * LED Current Limiting * Power Gate Pull-up * ECL Output Pull-down * Line Termination * TTL Input Pull-down 13 or 15 resistors with one pin common The DFPxx12 provides the user with a choice of 13 or 15 nominally equal resistors, each connected to a common pin (14 or 16). Commonly used in the following applications: * MOS/ROM Pull-up/Pull-down * TTL Input Pull-down * Open Collector Pull-up * Digital Pulse Squaring * "Wired OR" Pull-up * TTL Unused Gate Pull-up * Power Driven Pull-up * High Speed Parallel Pull-up DFP1411 Pin #1 DFP1611 12 Schematic ******** DFP1412 Pin #1 DFP1612 GLOBAL PART NUMBER INFORMATION New Global Part Numbering: DFP14121K00GD05 (preferred part numbering format) D GLOBAL MODEL DFP F P 1 4 1 2 1 K 0 0 G D 0 5 PACKAGING SPECIAL Blank = Standard (Dash Number) (up to 3 digits) From 1-999 as applicable PIN COUNT 14 16 SCHEMATIC 11 = Isolated 12 = Bussed RESISTANCE VALUE R = Decimal K = Thousand M = Million 10R0 = 10W 680K = 680KW 1M00 = 1.0MW TOLERANCE CODE F = 1% G = 2% J = 5% E05 = Lead Free, Tube D05 = Tin/Lead, Tube Historical Part Number example: DFP1412102G (will continue to be accepted) DFP HISTORICAL MODEL 14 PIN COUNT 12 SCHEMATIC 102 RESISTANCE VALUE G TOLERANCE CODE D05 PACKAGING www.vishay.com 40 For technical questions contact: ff2aresistors@vishay.com Document Number: 31513 Revision: 08-Sep-04 DFP Thick Film Resistor, Networks, Flat Pack DIMENSIONS in inches [millimeters] Pin #1 0.250 [6.35] Min. 0.065 [1.65] Max. 0.825 [20.96] Max. 0.265 [6.73] Max. 0.250 [6.35] Min. 0.005 + 0.004 - 0.002 [0.127 + 0.102 - 0.051] Vishay Dale 0.050 [1.27] Typ. 0.019 0.006 [0.48 0.15] 0.365 [9.27] Min. 0.385 [9.78] Max. GLOBAL MODEL DFP14 DFP16 DIMENSION A 0.037 0.010 [0.94 0.25] 0.012 0.010 [0.30 0.25] TECHNICAL SPECIFICATIONS PARAMETER Isolation Resistance 11 Schematic Voltage Coefficient of Resistance: Maximum Operating Voltage: Operating Temperature Range: Storage Temperature Range: UNIT MW ppm/V VDC C C DFP14 / 16 > 100 < 50 typical 75 - 55 to + 125 - 55 to + 150 MECHANICAL SPECIFICATIONS Marking: Model number, schematic number, value tolerance, pin 1 indicator, date code. Marking Resistance Permanency testing per MIL-STD-202 to Solvents: Method 215. Solderability: Terminals: Per MIL-STD-202, Method 208E. Per MIL-STD-1276 DFPxx11, DFPxx12 = Type G (hot solder dipped). Hot solder dipped leads supplied as standard finish. Epoxy filled ceramic sandwich Power Rating (Watts) Body: 11 Schematic Power Rating (Watts) Package 12 Schematic Package 0.65 0.65 0.50 0.50 Single Resistor 0.25 Single Resistor 0.15 - 55 + 25 + 70 + 125 + 150 - 55 + 25 + 70 + 125 + 150 Derating Ambient Temperature C Derating Ambient Temperature C PERFORMANCE TEST Power Conditioning Thermal Shock Short Time Overload Low Temperature Operation Moisture Resistance Resistance to Soldering Heat Shock Vibration Load Life Terminal Strength Insulation Resistance Dielectric Withstanding Voltage Document Number: 31513 Revision: 08-Sep-04 CONDITIONS 1.5 x rated power, applied 1.5 hours "ON" and 0.5 hour "OFF" for 100 hours 4 hours at + 25C ambient temperature 5 cycles between - 65C and + 125C 2.5 x rated working voltage, 5 seconds 45 minutes at full rated working voltage at - 65C 240 hours with humidity ranging from 80% RH to 98% RH Leads immersed in + 260DC solder to within 1/16" of body for 10 seconds Total of 18 shocks at 100 G's 12 hours at maximum of 20 G's between 10 and 2,000 Hz 1000 hours at + 70C, rated power applied 1.5 hours "ON", 0.5 hour "OFF" for full 1000 hour period. Derated according to the curve. 1.5 pound pull for 30 seconds 10,000 Megohm (minimum) No evidence of arcing or damage (200 V RMS for 1 minute) For technical questions contact: ff2aresistors@vishay.com MAX. DR (Typical Test Lots) 0.50% DR 0.50% DR 0.25% DR 0.25% DR 0.50% DR 0.25% DR 0.25% DR 0.25% DR 0.50% DR 0.25% DR www.vishay.com 41 |
Price & Availability of DFP1612 |