Part Number Hot Search : 
CXA3001N 10211 48LC1 N4003 TSM0512S 0A60T DE3S6M10 C3334
Product Description
Full Text Search
 

To Download DF6A-1822PCF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.96mm Pitch Connector Directly Mounted on Board
DF6 Series
sFeatures
1. Service Efficiency Up
Conventional thick cables are directly mounted on the board piece by piece, but connecterization has achieved soldering services in a batch. This product enhances soldering service efficiency.
2. Miniaturization
This product achieves miniaturization for thick cables. Mounting height on board Width : : 7.5mm 5.0mm
3. Board Prefixed Mechanism
Since the connector is softly press-fitted to the board for insertion, it can be prefixed to the board.
Height: 7.5mm
sApplications
Secondary power supply units for various equipment
width: 4.6mm
Prefixed mechanism
B91
sProduct Specifications
Current rating Rating (Note 1) Voltage rating AWG 18 : Cable size AWG 20 : AWG 22 : 300V AC 5A 4A 3A Operating Temperature Range Operating Moisture Range Storage Temperature Range Storage Humidity Range -35 to +85c (Note 1) 20 to 80% -10 to +60c (Note 2) 40 to 70% (Note 2)
Item 1.Insulation Resistance 2.Withstanding voltage 3.Contact Resistance 4.Vibration 6.Temperature Cycle 1000M ohms min.
Specification 500V DC 1500V AC/1 minute 100mA No flashover or insulation breakdown. 15m ohms max. No damage, cracks, or parts looseness. No damage, cracks, or parts looseness.
Condition
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95% (-55c: 30 minutes 15 to 35c: 10 minutes85c: 30 minutes 5 to 35c: 10 minutes ) 5 cycles Flow: 250c for 10 seconds Manual soldering: 300c for 3 seconds
5.Humidity (Steady state) No damage, cracks, or parts looseness.
7. Resistance to Soldering heat No deformation of components affecting performance.
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sMaterial
Product Crimping Plug Crimping Contact for Plug Part Insulator Brass Material Polyamide Copper Alley Finish White Tin plated Remarks UL94V-0 ________
Note: HRS's tin plating process takes measures against whisker.
sOrdering Information
qCrimping Plug
DF6 - * P - 3.96 C
q q Series Name e Connector type P: Plug : DF 6 w e r t r Contact pitch: 3.96mm t C: Crimping plug
w Number of contacts: 1~8, 10
qCrimping Contact
DF6A - 1822 PCF
q q Applicable cable type None: UL 1007 A: UL 1015 w Applicable cable size 1822: AWG#18~#22 w e e Packaging type PCF: Plug contact, reel packaging SC: Plug contact, bag packaging
B92
sPrecrimping Plug
Photo: Contact Inserted
Part Number DF6- 1P-3.96C DF6- 2P-3.96C DF6- 3P-3.96C DF6- 4P-3.96C DF6- 5P-3.96C DF6- 6P-3.96C DF6- 7P-3.96C DF6- 8P-3.96C DF6-10P-3.96C
CL No. 546-0001-1 546-0002-4 546-0003-7 546-0004-0 546-0005-2 546-0006-5 546-0007-8 546-0008-0 546-0011-5
Number of Contacts 1 2 3 4 5 6 7 8 10
A 4.92 8.88 12.84 16.80 20.76 24.72 28.68 32.64 40.56
_____
3.96 7.92 11.88 15.84 19.80 23.76 27.72 35.64
B
Contact View for Insertion
Note: A packaging quantity is delivered by the bag unit (100 pcs.).
sCrimping Contact
qSlip length DF6-1822PC (F): 2.1mm to 2.6mm DF6A-1822PC (F): 2.3mm to 2.8mm qApplicable through-hole: 1.8 +0.15 0
Part Number DF6 -1822PCF DF6 -1822PC DF6A-1822PCF DF6A-1822PC
CL No. 546-0009-3 546-0010-2 546-0013-0 546-0014-3
UL style 1007 1015
Applicable Cable Packaging Type Jacket dia. AWG size Contact Construct Reel 1.5 to 2.2mm AWG 18 34 cores/0.18mm Bag AWG 20 21 cores/0.18mm Reel 2.2 to 2.9mm AWG 22 17 cores/0.16mm Bag
Quantity 5,000 100 3,000 100
A
B
C 1.2 1.4
10.2 1.5 10.5 1.7
Note 1. The applicable cable conductor is a tin plated and annealed copper wire. Note 2. If other cables are used instead of the applicable cable, contact the Hirose Sales Department.
BApplicable Crimping Tools
TypeItem Applicator Press unit Manual crimping tool Extraction tool Part Number AP105-DF6-1822P AP105-DF6A-1822P CM-105 DF6 -TA1822HC DF6A-TA1822HC DF-C-PO(A) CL No. 901-4505-9 901-4520-2 901-0005-4 550-0174-9 550-0222-0 550-0170-8 Applicable Contact DF6 -1822PCF DF6A-1822PCF
________
DF6 -1822PC DF6A-1822PC DF6/DF6A-1822PC(F)
Note: If any trouble has been caused due to other tools, which are not designated by Hirose, Hirose never guarantee any products.
B93
BPrecautions
1.Recommended soldering condition Flow: 250c for 3 seconds Manual soldering: 290c for 2 seconds sAfter soldering, if a load is given to the cable where connector and cable contain heat, the jacket holding member will be loosened. After soldering, the operation should be performed, after connector returns to room temperature. Refer to the "Nylon Connector Use Hand book". Don't use solvent to degrade the cable jacket like trichloroethane. In addition, avoid heat cleaning with solvent. Refer to the "Nylon Connector Use Hand book".
2.Cleaning condition
3.Connecting condition
B94


▲Up To Search▲   

 
Price & Availability of DF6A-1822PCF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X