Part Number Hot Search : 
MUN2115 244APA 74AC259 RGP10 AD730 B2000 LBN13011 CMPD2003
Product Description
Full Text Search
 

To Download DF2-9P-25C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
DF2 Series
sFeatures
1. Header Cost Saving
Based on the harnesses product at the both ends of insertion/extraction socket and directly mounted connector, the both socket harnesses can afford to save either of two necessary headers, while functions to separate mutual boards are remained.
2. Space Saving
This connector is designed in a narrow space. Board mounting height : Width :
5.5mm 4.0mm
Height 5.5mm
3. Board Pre-fixed Mechanism
Since the connector is smoothly press-fitted to the board, it can be pre-fixed to the board.
Board ground width 2.7mm Board pre-fixed mechanism Figure 1
sApplications
Personal computers, facsimiles, printers and other business equipment.
B132
sProduct Specifications
Current rating Rating (Note1) Voltage rating AWG 24 : 3A Cable Size AWG 26 : 2A AWG 28 : 1A 250V AC Operating Temperature Range Operating Moisture Range Storage Temperature Range Storage Moisture Range -30 to +85c (Note2) -40 to 80% -10 to +60c (Note3) -40 to 70% (Note3)
Standard Value Compliant to UL CSA Safety Standard Rating Rated Current Rated Voltage Item 1. Insulation Resistance 2. Withstanding voltage 4. Vibration 1000M ohms min. No flashover or insulation breakdown. No damage, cracks, or parts looseness. Specification 500V DC 650V AC/1 minute 100mA Wire Size AWG 24 to 28 : 1A 30V AC
sUL CSA Safety Standard File No. UL :E52653 CSA :LR95109
Condition
3. Resistance in Crimping Area 30m ohms Max 5. Humidity (Steady state) Contact resistance: 30m ohms max.Insulation resistance: 1000M ohms min. 6. Temperature Cycle 7. Resistance to Soldering heat Contact resistance: 30m ohms max:Insulation resistance: 1000M ohms min. No deformation of components affecting performance.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95% (-55c: 30 minutes 5 to 35c: 10 minutes (-85c: 30 minutes 5 to 35c: 10 minutes) 5 cycles Flow: 250c for 10 seconds Manual soldering: 300c for 3 seconds
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sMaterial
Product Crimping Socket Plug Crimping Contact Part Insulator Contact Material Polyamide Brass Finish White Tin plated Remarks UL94V-0 -----
sOrdering Information
qCrimping Plug
DF2
q q Series Name e Connector Type P : Plug
- * P - 2.5 C
w : DF 2 e r t : 2.5mm r Contact Pitch
w Number of Contacts : 2 to 16, 18, 20 t C : Crimping Plug
qContact
DF2
- 2428 - PCF
q w w Packaging Type PCF : Plug Contact, Reel PC : Plug Contact, Bag
q Applicable Cable Size 2428 : AWG 24 to 28
B133
sCrimping Plug
Photo: Contact Inserted. qPrinted Board Through-hole Diameter : O0.8 +0.1 +0
Note1: Contact No. indicates all number of contacts. Note2: Do not clean the cable with heat nor trichloroethane.
[Specific No.] -* *, (* *) None :100 pcs. per bag Unit: mm Number of Contacts Number of Contacts Part Number CL No. A B Part Number CL No. A B 2.5 25 5 27.5 2 11 DF2- 2P-2.5C(**) 542-0001-6-** DF2-11P-2.5C(**) 542-0010-7-** 5 27.5 7.5 30 3 12 DF2- 3P-2.5C(**) 542-0002-9-** DF2-12P-2.5C(**) 542-0011-0-** 7.5 30 10 32.5 4 13 DF2- 4P-2.5C(**) 542-0003-1-** DF2-13P-2.5C(**) 542-0012-2-** 10 32.5 12.5 35 5 14 DF2- 5P-2.5C(**) 542-0004-4-** DF2-14P-2.5C(**) 542-0013-5-** 12.5 35 15 37.5 6 15 DF2- 6P-2.5C(**) 542-0005-7-** DF2-15P-2.5C(**) 542-0014-8-** 15 37.5 17.5 40 7 16 DF2- 7P-2.5C(**) 542-0006-0-** DF2-16P-2.5C(**) 542-0015-0-** 17.5 42.5 20 45 8 18 DF2- 8P-2.5C(**) 542-0007-2-** DF2-18P-2.5C(**) 542-0017-6-** 20.5 47.5 22.5 50 9 20 DF2- 9P-2.5C(**) 542-0008-5-** DF2-20P-2.5C(**) 542-0019-1-** 22.5 25 10 DF2-10P-2.5C(**) 542-0009-8-** Note : A packaging quantity at the specific No."None" is delivered by the bag unit . If needed, please order the product per bag.
sCrimping Contact
Part Number DF2-2428PCF DF2-2428PC CL No. 542-0020-0 542-0021-3 Packaging Type Reel Bag Quantity 1000 100 Finish Tin plated Tin plated
qApplicable Cable (Tin plating annealed copper wire)
Conductor Size (Wire construction) Jacket Diameter AWG #24 (11cores. /0.16mm) AWG #26 (07cores. /0.16mm) O0.9 to O1.5mm AWG #28 (07cores. /0.127mm) Note: If other cables are used instead of the applicable cable, contact Hirose sales department.
qRecommended Cable
UL1061, UL1007
qStrip Length
1.6 to 2.1mm
BApplicable Crimping Tool
Type Part Number CL No. Applicable Contact Applicator AP105-DF2-2428P 901-4506-1 DF2-2428PCF Main press unit CM-105 901-0005-4 -------------Manual Crimping Tool DF2-TA2428HC 550-0172-3 DF2-2428PC Extraction Tool DF-C-PO(A) 550-0170-8 DF2-2428PCF Note: If any trouble has occurred due to other tools, which are not designated by Hirose, Hirose won't guarantee any products.
B134
BPrecautions
1. Recommended Soldering Condition Flow: 250c for 3 seconds Manual soldering: 290c for 2 seconds sAfter the soldering process, if a load is applied to the cable in the state where the connector and the cable contains heat, the cable jacket holding members are apt to be loosened. Therefore, the post-soldering process should be carried out after the connector temperature returns to the room temperature. 2. Cleaning Condition Refer to Nylon Connector Use Hand book. Don't use such a solvent as trichloroethane which degrades the cable jacket. In addition, avoid heat cleaning with such a solvent. 3. Connection Condition Refer to Nylon Connector Use Hand book.
B135


▲Up To Search▲   

 
Price & Availability of DF2-9P-25C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X