Part Number Hot Search : 
32M50 A12BB S5KC20 2N7002F H393P 07108GOA BA159G H22B1
Product Description
Full Text Search
 

To Download DF19L-8S-1SDGND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW
1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable.
Drawing of mated connectors on a DF19G - *P-1H board
DF19 Series
,,,, ,, ,,,, ,,,, ,,,,, ,, ,,,, ,, ,,,, ,,,,, ,,,,, ,,
,,,,,, ,,,,,,,,,, ,,,,,,, ,,,, ,,,,,,,,,, ,,,,, ,,,, ,,,,, ,,,, ,,,,,,,
Drawing of mated connectors on a DF19K- *P-1H board For connection of cables For connection of FPC For connection of fine coaxial cables
On-board type
Offset type
Reverse offset type
,,,,,, ,,,,, , ,, ,,,, ,, ,,,,,, ,,,,, ,,
,,,,,, ,,,,,,,,,, ,,,,,, ,,,,,,,,,, ,,,,,,, ,,,, ,,,,,,,,,, ,,,,, ,,,, ,,,, ,,,,,,, ,,,,
Drawing of mated connectors on a DF19L- *P-1H board
sFeatures
1. Ultra Low Profile
FPC type: Max. 1.7 mm thick Discrete Wire & Coaxial 1.5 mm thick
2. SMT HEADERS Suit all Sockets
Each header can connect to three different sockets (cable, FPC, and fine coaxial cable type. (Note: Fine coaxial cable type is under development.)
,,,,,, ,,,,, , ,, ,,,, ,, ,,,,,, ,,,,, ,,
,,,,,, ,,,,,,,,,, ,,,,,,, ,,,, ,,,,,,,,,, ,,,,, ,,,, ,,,, ,,,,,,, ,,,, ,,,,,,,
Drawing of mated connectors on a DF19KR- *P-1H board
3. Standardised Outer Dimensions
The three sockets have the same outside dimensions to allow complete Flexibility.
4. Many Variations
There are headers of the on-board, offset, and reverse offset types to accommodate all designs.
5. Connection to a Metal GROUND Plate
Ground lines can be connected to a metal shell for shielding.
sApplication
LCDs, notebook personal computers, small OA machines, and small consumer products
,,,,, ,,,,,, , ,, ,, ,,,,, ,,,,, ,,,, , ,,
,,,,,,, ,,,,,, ,,,,,,,,,, ,,,,,,, ,,,, ,,,, ,,,, ,,,,,,,,,, ,,,, ,,,,,,,,,,
2000.5
1
sProduct Specifications
Rated current AWG#28 : 1A AWG#30 : 0.5A Rating AWG#32 : 0.3A FPC Rated voltage AC100V Item 1.Insulation resistance 2.Voltage proof 3.Contact resistance 4.Insertion-Extraction Force (per Contact) 5.Vibration 6.Damp heat 7.Temperature Cycling 8.Mechanical operation 9.Resistance to soldering heat 500MW or more No flashover or breakdown 30mW or less (50mW or less for FPC)
MIN 0.2N(20gf), MAX 3N(300gf)
Operating temperature range Operating humidity range
-35~85c Note 1 -35~85c Note 2 -20~80%
Storage temperature range
-10~60c Note 2 -40~70%
: 0.5A
Fine coaxial cable AWG# 40: 0.3A
Storage humidity range
Specification
Conditions Measure at DC100V. 300 V AC, applied for one minute. Measure at 100 mA. Measure with a steel pin with thickness of 0.20.005. Frequency: 10 Hz to 55 Hz, amplitude of 0.75 mm in 3 directions, 2h Temperature of 402-C, humidity of 90% to 95%, duration 96h (-55-C: 30 min -> 5-C to 35-C: 10 min -> 85-C: 30 min -> 5-C to 35-C: 10 min ) 5 cycles 50 mechanical-operation cycles Reflow: At the recommended temperature profile, manual soldering: iron temperature 300-C for 3s
No electrical discontinuity for 1s or more Contact resistance: specified value or less, insulation resistance: 500MW or more Contact resistance: specified value or less, insulation resistance: 500MW or more Contact resistance: specified value or less No melting of resin portion, which affects performance
Note1: Includes the temperature rise due to current flow. Note2: The term storage refers to unused products prior to PCB mounting that is being stored for long periods. The operating temperature and humidity range are applicable to connectors not carrying current. After PCB assembly or temporary storage during transportation. Note3: The aforementioned specifications are representative of this series. For information on specific parts, confirm with Sales Office.
sMaterial
Product Pin header Part Insulation Terminal Ground Plate Socket Crimp-Contact FPC socket Ground plate for FPC Socket for fine coaxial cables Ground plate for fine coaxial cables Note1: Tinning is Whisker free Insulation Ground Plate Terminal Insulation Terminal Ground Plate Insulation Terminal Ground Plate Ground Plate Material Polyamide resin Phosphor bronze Phosphor bronze Polyamide resin Stainless steel Phosphor bronze Polyamide resin Phosphor bronze Stainless steel LCP resin Phosphor bronze Phosphor bronze Phosphor bronze Color / Finish Grey Selective Gold Plating Tin Plated Grey Tin Plated Gold Plated Grey Selective Gold Plating Tin Plated Grey Selective Gold Plating Tin Plated Tin Plated UL standard UL94V-0 ------------------UL94V-0 ------------------UL94V-0 ------------------UL94V-0 ----------------------------
2
sPart Number Construction
The type name DF19 represents a specific product specification. To order a product, specify the type from pages 4 to 9.
qConnector
DF 19 # - * P - 1 H
1 2 3 4 5 6 7
DF 19 # - * S - 1 F - GND
1 2 3 4 5 6 7 8 1 Series Name : DF 2 Series No. : 19 3 Profile : sPin header G : On-board type (1.65 mm from the board) K : Offset type (1.0 mm from the board) L : Offset type (1.1 mm from the board) KR : Reverse offset type of DF19K (1.0 mm from the board) sCrimp socket None : Without grounding shell G : With grounding shell (protected for EMI) sFPC socket G : Specification for connection with ground shell sGround plate for FPC G : Specification for connection with ground shell sSocket for coaxial fine cables G : Specification for connection with ground shell sGround plate for fine coaxial cables G : Specification for connection with ground shell 4 Number of contacts : 8,14,20,30... (Note 1) 5 Connector type S : Single row socket P : Single row pin header 6 Contact pitch : 1mm 7 Wiring type / terminal profile H : Right angle SMT C : Crimp socket F : FPC socket SD : Socket for fine coaxial cables 8 Part for installation GND : Ground plate (Note 2)
(Note 1) Be careful, as the number of contacts differ depending on the profile. (Note 2) The FPC and coaxial fine cable types always use a ground plate.
qTerminal
DF19 - 2830 SCF A (* *)
1 2 3 4 1 Symbol 2830 : AWG#28~30 3032 : AWG#30~32 2 Type SCF : Socket contact reel Packaging 3 Plating A : Gold plating 4 Specification None : 10 000 pieces per reel 41 : 20 000 pieces per reel
3
sRight Angle Pin Header (SMT) (On-board Type)
Assembled Header
BRecommended PCB Layout
,,,,,,,,,,,, ,,,,,,,,,,,, ,,,,,,,,,,,, ,,,,,,,,,,,,
Note1: Masked area (hatched). Pattern in this area must be protected by resist.
Specification No.* *, (* *) (59): Gold plating, Tape and reel packaging
29 33.95 44 Note1: Specify the number of reels to order tape and reel packaging (1 000 pieces per reel).
Product No. HRS No. Number of poles A (* *) CL685-0021-0-* * 8 11.55 DF19G-18P-1H 14 17.55 DF19G-14P-1H (* *) CL685-0004-0-* * (* *) CL685-0006-6-* * 20 23.55 DF19G-20P-1H 30 33.55 DF19G-30P-1H (* *) CL685-0015-7-* *
B 7 13 19
C 11.95 17.95 23.95
Width of emboss 24 44 44
Unit: mm Remarks 1.65 mm from the board
4
sRight Angle Pin Header (SMT) (Offset Type)
Assembled Header
BRecommended PCB Layout
Specification No.* *, (* *) (59): Gold plating
Product No. DF19K-20P-1H (* *) DF19K-30P-1H (* *) Product No. DF19L-14P-1H (* *) DF19L-20P-1H (* *) DF19L-30P-1H (* *)
HRS No. CL685-0008-1-* * CL685-0032-6-* * HRS No. CL685-0003-8-* * CL685-0019-8-* * CL685-0016-0-* *
Number of poles 20 30 Number of poles 14 20 30
A 23.55 33.55 A 17.55 23.55 33.55
B 19 29 B 13 19 29
C
D
E
Width of emboss 44 56 Width of emboss 44 44 56
Unit: mm Remarks 1.0 mm from the board Remarks 1.1 mm from the board
26.55 24.15 25.15 36.55 34.15 35.15
C D E
20.55 18.15 19.15 26.55 24.15 25.15 36.55 34.15 35.15
Note1: Specify the number of reels to order tape and reel packaging (1 000 pieces per reel).
5
sRight Angle Pin Header (SMT) (Reverse Offset Type)
Assembled Header
sRecommended PCB Layout
Specification No.* *, (* *) (59): Gold plating
Product No. DF19KR-14P-1H (* *) DF19KR-20P-1H (* *)
HRS No. CL685-0024-8-* *
Number of poles 14
A 17.55
B 13
C
D
E
Width of emboss 44 44
Unit: mm Remarks 1.0 mm from the board
20.55 18.15 19.15
20 23.55 19 26.55 24.15 25.15 CL685-0023-5-* * Note1: Specify the number of reels to order tape and reel packaging (1 000 pieces per reel).
6
sSingle Row Socket (Discrete Wire)
DF19-*S-1C DF19G-*S-1C
Assembled Socket
Specification No. * * ,(* *) None: 1 pack (100 pieces) Unit: mm Product No. HRS No. Number of poles A B 8 11.5 7 DF19G - 8S-1C (* *) CL685-0022-2-* * (* *) CL685-0005-3-* * 14 17.5 13 DF19G -14S-1C 20 23.5 19 DF19G -20S-1C (* *) CL685-0007-9-* * 30 33.5 29
30 33.5 29 DF19G -30S-1C (* *) CL685-0014-4-* * Note1: Products are sold in bulk packs. To order, specify the number of packs (100 pieces per pack).
CL685-0029-1-* * (* *) CL685-0012-9-* * DF19 -14S-1C DF19 -20S-1C (* *) CL685-0011-6-* * DF19 -30S-1C (* *) CL685-0013-1-* *
Product No. DF19 - 8S-1C (* *)
HRS No.
Number of poles A 8 14 20
B
11.5 7 17.5 13 23.5 19
sSocket Crimp Contact
Product No. DF19-2830SCF (* *) DF19-3032SCF (* *) HRS No. 685-0001-2Type
Reel terminal
Quantity 10,000 pieces per reel 20,000 pieces per reel
Color / Finish Gold plating Gold plating
685-0002-5-41 Reel terminal
Specification No. * * ,(* *) None : 1 Reel 10,000 pieces per reel (41) : 1 Reel 20,000 pieces per reel
qApplicable Wire (tinned soft conductor)
Applicable wire size (core wire composition) AWG#28 (7 strands/0.127 mm) AWG#30 (7 strands/0.1 mm) AWG#32 (7 strands/0.08 mm) O0.5 ~ O0.6mm Sheath diameter
qRecommended Wire qUL1571
qStrip Length q1.2~1.9mm
Note1: Please contact us when you use wires other than those specified in the table.
qRecommended Crimp Tooling
Type Applicator Press Manual crimping tool Product No. AP105-DF19S CM-105 HT302/DF19S HRS No. CL901-4571-3 CL901-0005-4 CL550-0284-7
Note1: Product is not guaranteed when non-specified tools are used. Note2: Terminals are cut for manual crimping tool use.
7
sSingle Row Socket (For FPC Cable)
Note1: Wiring of FPC requires a socket and a ground plate.
,,,,, ,,,, ,,, ,,, ,,,,, ,,,, ,,, ,,, ,,,,, ,,,, ,,, ,,, ,,,,, ,,,, ,,, ,,,
,,,,,,,, ,,,,,,,, ,,,,,,,, ,,,,,,,, ,,,,,,,, ,,,,,,,,
Assembled Socket
Product No. HRS No. Number of Contacts A 14 17.5 DF19G-14S-1F (* *) CL685-0017-2-* * (* *) CL685-0009-4-* * 20 23.5 DF19G-20S-1F 30 33.5 DF19G-30S-1F (* *) CL685-0033-9-* *
B 17.1 23.1 33.1
C 13 19 29
D
Unit: mm E 14 20 30
15.6 21.6 31.6
Specification No. * *, (* *) None: 1 pack (100 pieces)
Note1: Products are sold in bulk packs. To order, specify the number of packs (100 pieces per pack).
sGround Plate for FPC
Product No.
HRS No.
Number of Contacts 14 20 30
A
Unit: mm B C
Note1:See page 12 for the assembling method.
DF19G-14S-1F-GND (* *) CL685-0018-5-* * DF19G-20S-1F-GND (* *) CL685-0010-3-* * DF19G-30S-1F-GND (* *) CL685-0034-1-* *
14.4 14.35 15.75 20.4 20.35 21.75 30.4 30.35 31.75 Specification No. * *, (* *) None: 1 pack (100 pieces)
Note1: Products are sold in bulk packs. To order, specify the number of packs (100 pieces per pack).
qApplicable Assembling Tools
Type Product No. HRS No. CL902-4514-6 CL902-4513-3 CL902-4518-7 Desk-top tool (for 14 core wires) DF19G-14S/PR-MD2 Desk-top tool (for 20 core wires) DF19G-20S/PR-MD2 Desk-top tool (for 30 core wires) DF19G-30S/PR-MD2
Note1: Product is not guaranteed unless Hirose approved tools are used.
8
sSingle Row Socket (Fine Coaxial Cable) ... (Under development)
Specification No. * *, (* *) None: 1 pack (100 pieces) Product No. DF19G-14S-1SD (* *) HRS No. ----------Number of poles 14
----------20 DF19G-20S-1SD (* *) Note1: The products will be sold in bulk packs (100 pieces per pack). To order, specify the number of packs.
qApplicable Wire (Fine Coaxial Cable) ... Planned
Applicable wire size (core wire composition) Sheath diameter Assembled Coaxial Socket AWG#40(7strands/0.03mm) O0.3 ~ O0.4mm
9
BDrawing of Tape and Reel Dimensions (as per JIS-C-0806)
qDF19G-*P-1H qDF19K-*P-1H qDF19L-*P-1H
qDF19KR-*P-1H
Unit: mm Insertion connector Number of Contacts DF19G -18P-1H DF19G -14P-1H DF19G -20P-1H DF19G -30P-1H DF19K -20P-1H DF19K -30P-1H DF19L -14P-1H DF19L -20P-1H DF19L -30P-1H DF19KR -14P-1H DF19KR -20P-1H 08 14 20 30 20 30 14 20 30 14 20 A 24 44 44 56 44 56 44 44 56 44 44 B -------40.4 40.4 50.2 40.4 52.4 40.4 40.4 52.4 40.4 40.4 C 11.5 20.2 20.2 26.2 20.2 26.2 20.2 20.2 26.2 20.2 20.2 D 16.1 22.1 28.1 38.1 28.1 38.1 22.1 28.1 38.1 22.1 28.1 E 24.4 44.4 44.4 56.4 44.4 56.4 44.4 44.4 56.4 44.4 44.4 F 30.4 50.4 50.4 62.4 50.4 62.4 50.4 50.4 Offset type (1.0 mm from the board) 62.4 50.4 50.4 Reverse offset type of DF19K (1.0 mm from the board) Offset type (1.0 mm from the board) On-board type (1.65 mm from the board) Remarks
10
BSoldering Temperature Profile
1. Recommended temperature profile
(Note 1) The temperature profile can be applied twice with the normal temperature profile. (Note 2) The temperature is measured at the connector lead. 2. Recommended manual soldering conditions 3. Recommended screen thickness 4. Warpage of board 5. Cleaning 6. Wiring Soldering iron temperature 290 10c, soldering time 3 seconds or less 0.15mm Max. 0.03mm at the connector center with the connector ends as the reference. See the separate "Guide to Hirose Nylon connectors." See the separate "Guide to Hirose Nylon connectors." s As crimp terminals are extremely small, crimping must be performed with care: observe the directions in the "Crimping Condition Sheet" and "Crimping Standard Sheet." 7. Precautions s Due to the ultra miniature design care needs to be taken when disconnecting to avoid accidental damage.
11
BAssembly Procedure for FPC Socket
,,,, ,,,,, ,,,,, ,,,,, ,,,, ,,,, ,,,,, ,,,,, ,,,,, ,,,, ,,,, ,,,,, ,,,,, ,,,,, ,,,, ,,,,, ,,,,,
,,,,,,,, ,,,,,,,, ,,,,,,,, ,,,,,,,, ,,,, ,,,,,,,, ,,,,, ,,,,, ,,,,,,,,
,,,,, ,,,,, ,,,,,
,,,,,,,, ,,,,,,,, ,,,,,,,, ,,,,
Note1:The ground plate and the socket are sold separately. Note2:Use the special tool for assembling. Note3:To insert the ground plate, lift the FPC about 30 to make a space for insertion. Don't apply excessive force (bending or gouging, as the FPC copper foil (end of the cover film) will crack. Note4:If the ground plate doesn't enter the socket, don't apply excessive force, but check whether it is parallel with the socket. Note5:To protect the FPC, insert or pull out the connector in parallel with the engagement plane. Note6:To protect the FPC, don't apply excessive tension. Note7:To bend the FPC, observe the allowable R and other conditions recommended by the manufacturer, and keep a distance between the bending point and the socket as shown in the illustration below.
Note8:To assemble the FPC to the socket, use the recommended jigs and tools and be careful not to be injured by the edge of the metallic part of the connector. Observe the instructions given in the manual for wiring jigs and tools.
12
The contents of this catalog are current as of May 2000 Contents are subject to change without notice for the purpose of improvements.


▲Up To Search▲   

 
Price & Availability of DF19L-8S-1SDGND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X