Part Number Hot Search : 
1ZC16 SKM111AR 39861 NTE2935 HFA11 25PE40 0M25V CCN1002
Product Description
Full Text Search
 

To Download DF1510S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF15005S thru DF1510S
Vishay Semiconductors
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Major Ratings and Characteristics
IF(AV) VRRM IFSM IR VF Tj max. 1.5 A 50 V to 1000 V 50 A 5 A 1.1 V 150 C
Case Style DFS
~ ~
~
~
Features
* * * * UL Recognition, file number E54214 Ideal for automated placement High surge current capability Meets MSL level 1, per J-STD-020C
Typical Applications
General purpose use in ac-to-dc bridge full wave rectification for SMPS, Lighting Ballaster, Adapter, Battery Charger, Home Appliances, Office Equipment, and Telecommunication applications
(TA = 25 C unless otherwise noted) Parameter
N ew
Symbol VRRM VRMS VDC IF(AV) IFSM I2 t TJ, TSTG
Maximum Ratings
Pr od uc t
Mechanical Data
DF 15005S 50 35 50 DF 1501S 100 70 100 DF 1502S 200 140 200 DF 1504S 400 280 400 1.5 50 10 - 55 to + 150 DF 1506S 600 420 600
Case: DFS Epoxy meets UL-94V-0 Flammability rating Terminals: Matte tin plated (E3 Suffix) leads, solderable per J-STD-002B and MIL-STD-750, Method 2026 Polarity: As marked on body
DF 1508S 800 560 800
DF 1510S 1000 700 1000
Unit V V V A A A2sec C
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage current at TA = 40 C(2)
Maximum average forward output rectified
Peak forward surge current single half sinewave superimposed on rated load Rating for fusing (t < 8.3 ms) Operating junction and storage temperature range
Document Number 88570 09-Dec-04
www.vishay.com 1
DF15005S thru DF1510S
Vishay Semiconductors Electrical Characteristics
(TA = 25 C unless otherwise noted) Parameter Max. instantaneous forward voltage drop per leg Maximum DC reverse current at rated DC blocking voltage per leg Typical junction capacitance per leg (1) Test condition at 1.5 A TA = 25 C TA = 125 C Symbol VF IR DF 15005S DF 1501S DF 1502S DF 1504S 1.1 5.0 500 25 DF 1506S DF 1508S DF 1510S Unit V A
CJ
pF
Thermal Characteristics
(TA = 25 C unless otherwise noted) Parameter Typical thermal resistance per leg(2) Notes: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (2) Units mounted on P.C.B. with 0.51 x 0.51" (13 x 13 mm) copper pads Symbol RJA RJL DF 15005S DF 1501S DF 1502S DF 1504S 40 15 DF 1506S DF 1508S DF 1510S Unit C/W
Ratings and Characteristics Curves
(TA = 25 C unless otherwise noted)
1.5
Average Forward Output Current (A)
60 Peak Forward Surge Current (A)
60 Hz Resistive or Inductive Load
1.0
50 40 30 20 10 0 1 10
T = 150 C J Single Sine-Wave
0.5
P.C.B mounted on 0.51 x 0.51" (13 x 13 mm) Copper pads
0 20 40 60 80 100 120 140 160 Ambient Temperature ( C)
1.0 Cycle
100
Number of Cycles at 60 Hz
Figure 1. Derating Curve Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Leg
www.vishay.com 2
Document Number 88570 09-Dec-04
DF15005S thru DF1510S
Vishay Semiconductors
10
Instantaneous Forward Current (A)
100
1
Junction Capacitance (pF)
TJ = 25 C f = 1.0 MHz Vsig = 50mVp-p
10
0.1
TJ = 25 C Pulse width = 300s 1% Duty Cycle
0.01 0.4 0.6 0.8 1.0 1.2 1.4 Instantaneous Forward Voltage (V)
1 1 10 Reverse Voltage (V) 100
Figure 3. Typical Forward Characteristics Per Leg
Figure 5. Typical Junction Capacitance Per Leg
100
Instantaneous Reverse Current (A) Transient Thermal Impedance ( C/W)
100
10
TJ = 125 C
10
1
1
0.1
TJ = 50 C
0.01 0 20 40 60 80 100 Percent of Rated Peak Reverse Voltage (V)
0.1 0.01 0.1 1 t, Heating Time (sec.) 10 100
Figure 4. Typical Reverse Leakage Characteristics Per Leg
Figure 6. Typical Transient Thermal Impedance
Package outline dimensions in inches (millimeters)
0.205 (5.2) 0.195 (5.0)
g
0.047 (1.20) 0.040 (1.02)
0.047 Min. (1.20 Min.)
y
0.404 Max. (10.26 Max.) 0.060 Min. (1.52 Min.)
0.404 (10.3) 0.386 (9.80) 0.335 (8.51) 0.320 (8.13)
45o
0.255 (6.5) 0.245 (6.2)
0.205 (5.2) 0.195 (5.0)
0.130 (3.3) 0.120 (3.05)
0.013 (0.330) 0.009 (0.241)
0.060 (1.524) 0.040 (1.016)
0.013 (0.330) 0.003 (0.076)
Document Number 88570 09-Dec-04
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of DF1510S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X