Part Number Hot Search : 
27DH160 FN4836 219B13 TDA89 2SA1308 U1ZB150 1P1WC W30NF20
Product Description
Full Text Search
 

To Download DF1510S-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DF15005S DF1501S DF1502S DF1504S DF1506S DF1508S DF1510S
DF15005S - DF1510S
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Features
* * * * * *
Glass Passivated Die Construction Low Forward Voltage Drop, High Current Capability Surge Overload Rating to 50A Peak Designed for Surface Mount Applications UL Listed Under Recognized Component Index, File Number E94661 Lead Free Finish, RoHS Compliant (Date Code 0532+) (Note 3) DF-S
L
G
Dim A B C D E
Min 7.40 6.20 0.22 0.076 3/4 1.02 8.13 2.40 5.00 1.00
Max 7.90 6.50 0.30 0.33 10.40 1.53 8.51 3.40 5.20 1.20
AB
DE
Mechanical Data
* * * * * * *
Case: DF-S Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Tin. Solder Plated Leads, Solderable per MIL-STD-202, Method 208 e3 Polarity: As Marked on Case Marking: Type Number, See Page 3 Weight: 0.38 grams (approximate)
H J K
C
G H J K L
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Forward Rectified Current @ TA = 40C Non-Repetitive Peak Forward Surge Current, 8.3 ms single half-sine-wave superimposed on rated load Forward Voltage (per element) Peak Reverse Current at rated DC blocking voltage (per element) I2 t Rating for Fusing (t<8.3ms) @ IF = 1.5A @ TA = 25C @ TA = 125C
@ TA = 25C unless otherwise specified
DF DF Symbol 15005S 1501S VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I2 t CT RqJA Tj, TSTG 50 35 100 70
DF 1502S 200 140
DF 1504S 400 280 1.5 50 1.1 10 500 10.4 25 40 -65 to +150
DF 1506S 600 420
DF 1508S 800 580
DF 1510S 1000 700
Unit V V A A V A A2 s pF C/W C
Typical Total Capacitance per element (Note 1) Typical Thermal Resistance, Junction to Ambient (Note 2) Operating and Storage Temperature Range
Notes:
1. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC. 2. Thermal resistance, junction to ambient, measured on PC board with 5.0mm2 (0.03mm thick) land areas. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS17002 Rev. 9 - 2
1 of 3 www.diodes.com
DF15005S-DF1510S
a Diodes Incorporated
60 Hz Resistive or Inductive load
1.5
IF, INSTANTANEOUS FORWARD CURRENT (A)
2.0
10
IO, AVERAGE FORWARD CURRENT (A)
1.0
1.0
0.1
0.5
0 40 60 80 100 120 140
0.01 0.4 0.6 0.8 1.0 1.2 1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Output Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typ Forward Characteristics (per element)
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
Single half-sine-Wave
100
Tj = 25C f = 1.0 Mhz Vsig = 50 mV p-p
50
40
30
CT, CAPACITANCE (pF)
1 10 100
10
20
10 0
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typ Total Capacitance (per element) 100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Forward Surge Current
100
Tj = 125C
10
1.0
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typ Reverse Characteristics (per element)
DS17002 Rev. 9 - 2
2 of 3 www.diodes.com
DF15005S-DF1510S
Ordering Information
Device DF15XXXS-T DF15XXXS
Notes:
(Note 4) Packaging DF-S DF-S Shipping 1500/Tape & Reel 50 per Tube
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
DF15XXXS XXXX
= Manufacturers' code marking DF15XXXS = Product type marking code, ex: DF1510S YWW = Date code marking Y = Last digit of year ex: 2 for 2002 WW = Week code 01 to 52
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS17002 Rev. 9 - 2
3 of 3 www.diodes.com
DF15005S-DF1510S


▲Up To Search▲   

 
Price & Availability of DF1510S-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X