Part Number Hot Search : 
S1201 24LC00 G952T63U BUL66B D1978 MB86961 A3425EL SB315
Product Description
Full Text Search
 

To Download DF1510S-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD General Purpose Bridge Rectifier
DF15005S-G thru DF1510S-G
Glass Passivated Type Reverse Voltage: 50 ~ 1000 Volts Forward Current: 1.5 Amp Features:
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Low forward voltage drop Glass passivated junction
DF-S
-
+ .047 (1.2) .039 (1.0) .347 (8.8) .322 (8.2)
.255 (8.5) .245 (6.2) .013 (0.33) .003 (0.08) .425 (10.8) .400 (10.2) .60 (1.5) .40 (1.0) .134 (3.4) .118 (3.0)
Mechanical Data:
Case: Molded plastic, DF-S Terminals: solderable per MIL-STD-750, Method 2026 Polarity: Marked on body Mounting position: Any Approx. Weight: 1.0 gram
.205 (5.2) .197 (5.0)
Dimmension in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Parameter Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Max. Average Forward Current Max. Instantaneous Forward Current at 1.5A Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25C Ta=125C Max. Thermal Resistance (Note 1) Operating Junction Temperature Storage Temperature
Note1: Thermal resistance from junction to ambient.
"-G" suffix designated RoHS compliant version
Symbol DF15005S DF1501S DF1502S DF1504S DF1506S DF1508S DF1510S -G -G -G -G -G -G -G
Unit V V V
VRRM VDC VRMS
50 50 35
100 100 70
200 200 140
400 400 280
600 600 420
800 800 560
1000 1000 700
IFSM
50
A
Io VF
1.5 1.1
A V
IR RJA Tj TSTG
10 500 40 -55 to +150 -55 to +150
uA
C/W C C
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Page1
SMD General Purpose Bridge Rectifier
Rating and Characteristic Curves (DF15005S-G thru DF1510S-G)
Fig. 1 - Reverse Characteristics
100 10
Fig.2 - Forward Characteristics
Reverse Current ( uA )
10
Forward Current ( A )
Tj=25 C
1.0
1.0
0.1
0.1
0.01
0.01
0
20
40
60
80
100 120
140
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Percent of Rated Peak Reverse Voltage (%)
Forward Voltage (V)
Fig. 3 - Non Repetitive Forward Surge Current
50
2.1
8.3mS Single Half Sine Wave JEDEC methode
Fig. 4 - Current Derating Curve
Peak Surge Forward Current ( A )
40
Average Forward Current ( A )
1.8 1.5 1.2 0.9 0.6 0.3 0
Single Phase Half wave 60Hz Resistive or inductive Load
30 Tj=25 C 20
10
0
1
5
10
50
1 00
0
25
50
75
100
125 150
175
Number of Cycles at 60Hz
Ambient Temperature ( C)
Fig. 5 - Typical Juction Capacitance
100
Capacitance ( pF )
10
1 0.1 1.0 10 100
Reverse Voltage (V)
"-G" suffix designated RoHS compliant version
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Page2


▲Up To Search▲   

 
Price & Availability of DF1510S-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X