|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER DF15005M THRU DF1510M FEATURES * * * * VOLTAGE RANGE CURRENT 50 to 1000 Volts 1.5 Ampere high forward surge current capability Glass passivated chip junction High case dielectric strength High temperature soldering guaranteed: 260OC / 10 seconds MECHANICAL DATA * * * * * Case: Transfer molded plastic Terminal: Lead solderable per MIL-STD-750 method 2026 Polarity: Polarity symbols marked on case Mounting: any Weight: 0.04 ounce, 1.0 gram DFM MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS * * * Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SYMBOLS DF DF DF DF DF DF DF 15005M 1501M 1502M 1504M 1506M 1508M 1510M UNIT Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, 0.06" (1.5mm) lead length at TA = 40OC (Note 1) Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Rating for Fusing (t<8.3mS) Maximum Instantaneous Forward Voltage drop per Bridge element 1.5A Maximum DC Reverse Current at Rated TA = 25 OC DC Blocking Voltage per element TA = 125 C O VRRM VRMS VDC I(AV) IFSM I2t VF IR CJ RJC TJ TSTG 50 35 50 100 70 100 200 140 200 400 280 400 1.5 50 10 1.1 10 0.5 25 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps A2s Volts A mA pF O Typical Junction Capacitance (Measured at 1.0MHz and applied reverse voltage of 4.0V) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range 40 (-55 to +150) (-55 to +150) C/W O C O C Notes: 1. Unit mounted on PCB with 0.51" X 0.51" (13mm X 13mm) copper pads Sep-03, Rev A Micro Electronic Instrument Inc. RATINGS AND CHARACTERISTIC CURVES DF15005M THRU DF1510M Sep-03, Rev A Micro Electronic Instrument Inc. |
Price & Availability of DF1510M |