Part Number Hot Search : 
CFB0301 82C31 SDP530Q RSM200S NJU3730 ALN0667 9F002 XTU02N5
Product Description
Full Text Search
 

To Download DE275X2-501N16A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Directed Energy, Inc.
An

DE275X2-501N16A
RF Power MOSFET
Preliminary Data Sheet
IXYS Company
Common Source Push-Pull Pair N-Channel Enhancement Mode Low Qg and Rg High dv/dt Nanosecond Switching
VDSS ID25 RDS(on) PDHS
= = = =
500 V 16 A 0.5 750 W
The DE275X2-501N16A is a matched pair of RF power MOSFET devices in a common source configuration. The device is optimized for push-pull or parallel operation in RF generators and amplifiers at frequencies to >65 MHz.
Unless noted, specifications are for each output device
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR dv/dt PDHS
(1) (1)
Test Conditions
TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient Tc = 25C Tc = 25C, pulse width limited by TJM Tc = 25C Tc = 25C IS IDM, di/dt 100A/s, VDD VDSS, Tj 150C, RG = 0.2 IS = 0 Tc = 25C, Derate 6.0W/C above 25C Tc = 25C
Maximum Ratings 500 500 20 30 16 96 16 20 5 >200 750 5.0 0.17 -55...+150 150 -55...+150 V V V V A A A mJ V/ns V/ns W W K/W C C C C g
SG1 SD1 SD2 SG2 GATE 1 GATE 2 DRAIN 1 DRAIN 2
Features
PDAMB
* Isolated Substrate - high isolation voltage (>2500V) - excellent thermal transfer - Increased temperature and power * * - - * * *
cycling capability IXYS advanced low Qg process easier to drive faster switching Low RDS(on) Very low insertion inductance (<2nH) No beryllium oxide (BeO) or other hazardous materials Low gate charge and capacitances
RthJHS (1) TJ TJM Tstg TL Weight Symbol Test Conditions
1.6mm (0.063 in) from case for 10 s
300 4
Characteristic Values
TJ = 25C unless otherwise specified
Advantages
* High Performance Push-Pull RF
Package
min. VDSS VGS(th) IGSS IDSS RDS(on) gfs
VGS = 0 V, ID = 3 ma VDS = VGS, ID = 4 ma VGS = 20 VDC, VDS = 0 VDS = 0.8 VDSS TJ = 25C TJ = 125C VGS = 0 VGS = 15 V, ID = 0.5ID25 Pulse test, t 300S, duty cycle d 2% VDS = 15 V, ID = 0.5ID25, pulse test
typ.
max. V 5.5 100 V nA
500 2.5
* Optimized for RF and high speed
switching at frequencies to >65MHz
* Easy to mount--no insulators needed * High power density
Note: All specifications are per each transistor, unless otherwise noted.
(1)
50 A 1 mA 0.5 2 6 S
Thermal specifications are for the package, not per transistor
Directed Energy, Inc.
An
DE275X2-501N16A
RF Power MOSFET
IXYS Company
Test Conditions Characteristic Values
(TJ = 25C unless otherwise specified)
Symbol
min. RG Ciss Coss Crss Td(on) Ton Td(off) Toff Qg(on) Qgs Qgd Source-Drain Diode Symbol IS ISM VSD Trr QRM IRM
(1) IF = IS, -di/dt = 100A/s, VR = 100V VGS = 10 V, VDS = 0.5 VDSS ID = 0.5 ID25 VGS = 15 V, VDS = 0.8 VDSS ID = 0.5 IDM RG = 0.2 (External) VGS = 0 V, VDS = 0.8 VDSS(max), f = 1 MHz
typ. 0.3 1800 150 45 3 2 4 5 50 20 30
max. pF pF pF ns ns ns ns nC nC nC
Characteristic Values
(TJ = 25C unless otherwise specified)
Test Conditions
VGS = 0 V Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Pulse test, t 300 s, duty cycle 2%
min.
typ.
max. 16 96 1.5 A A V ns C A
200 0.8 6.5
These parameters apply to the package, not individual MOSFET devices.
For detailed device mounting and installation instructions, see the "DESeries MOSFET Mounting Instructions" technical note on DEI's web site at www.directedenergy.com/apptech.htm
Directed Energy, Inc. reserves the right to change limits, test conditions and dimensions. DEI MOSFETS are covered by one or more of the following U.S. patents: 4,835,592 5,034,796 5,381,025 4,850,072 5,049,961 5,640,045 4,881,106 5,063,307 4,891,686 5,187,117 4,931,844 5,237,481 5,017,508 5,486,715
Directed Energy, Inc.
An
DE275X2-501N16A
RF Power MOSFET
IXYS Company
501N16A DE-SERIES SPICE Model
The DE-SERIES SPICE Model is illustrated in Figure 1. The model is an expansion of the SPICE level 3 MOSFET model. It includes the stray inductive terms LG, LS and LD. Rd is the RDS(ON) of the device, Rds is the resistive leakage term. The output capacitance, COSS, and reverse transfer capacitance, CRSS are modeled with reversed biased diodes. This provides a varactor type response necessary for a high power device model. The turn on delay and the turn off delay are adjusted via Ron and Roff.
10 DRAIN
Ld
4
Rd
Lg 20 GATE
Doff
Roff
D1crs
D2crs
5
Ron Don
6
8
1 M3 3 Dcos Rds
2
7
Ls
30 SOURCE
Figure 1 DE-SERIES SPICE Model
This SPICE model may be downloaded as a text file from the DEI web site at www.directedenergy.com/spice.htm
Net List: SYM=POWMOSN .SUBCKT 501N16A 10 20 30 * TERMINALS: D G S * 500 Volt 16 Amp .5 ohm N-Channel Power MOSFET * REVA 6-15-00 M1 1 2 3 3 DMOS L=1U W=1U RON 5 6 .2 DON 6 2 D1 ROF 5 7 .2 DOF 2 7 D1 D1CRS 2 8 D2 D2CRS 1 8 D2 CGS 2 3 2.0N RD 4 1 .5 DCOS 3 1 D3 RDS 1 3 5.0MEG LS 3 30 .5N LD 10 4 1N LG 20 5 1N .MODEL DMOS NMOS (LEVEL=3 VTO=3.0 KP=5.8) .MODEL D1 D (IS=.5F CJO=10P BV=100 M=.5 VJ=.7 TT=1N RS=10M) .MODEL D2 D (IS=.5F CJO=450P BV=500 M=.4 VJ=.6 TT=10N RS=10M) .MODEL D3 D (IS=.5F CJO=900P BV=500 M=.3 VJ=.3 TT=400N RS=10M) .ENDS
Doc #9200-0245 Rev 1 (c) 2001 Directed Energy, Inc.
Directed Energy, Inc. An IXYS Company
2401 Research Blvd., Suite 108 Fort Collins, CO USA 80526 970-493-1901 Fax: 970-493-1903 Email: deiinfo@directedenergy.com Web: http://www.directedenergy.com


▲Up To Search▲   

 
Price & Availability of DE275X2-501N16A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X