Part Number Hot Search : 
TOM9114 FWB156 T0805 33201 EMK13H LF25ABPT LM334 1115A
Product Description
Full Text Search
 

To Download DDY-GJS-K1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DOMINANT Semiconductors
DomiLED - GaP : DDx-GJS-I1
* * * * *
Low current surface mount LED. 120 viewing angle. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8 mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to both IR reflow soldering and TTW soldering.
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 1 of 1
DOMINANT Semiconductors
Part Ordering Number DDR-GJS-J2L1-1-I1
* * * DDR-GJS-J2 DDR-GJS-K1 DDR-GJS-K2 DDR-GJS-L1
Chip Technology / Color GaP / Red, 625 nm
Luminous Intensity @ If = 10mA Iv ( mcd ) 5.6 ... 14.0
5.6 ... 7.2 7.2 ... 9.0 9.0 ... 11.2 11.2 ... 14.0
*
DDO-GJS-H2K1-1-I1
* * * DDO-GJS-H2 DDO-GJS-J1 DDO-GJS-J2 DDO-GJS-K1
GaP / Orange, 605 nm
3.55 ... 9.0
3.55 4.5 5.6 7.2 ... 4.5 ... 5.6 ... 7.2 ... 9.0
*
DDY-GJS- H2K1-1-I1
* * * DDY-GJS-H2 DDY-GJS-J1 DDY-GJS-J2 DDY-GJS-K1
GaP / Yellow, 587 nm
3.55 ... 9.0
3.55 4.5 5.6 7.2 ... 4.5 ... 5.6 ... 7.2 ... 9.0
*
DDG-GJS- KL2-1-I1
* * * DDG-GJS-K1 DDG-GJS-K2 DDG-GJS-L1 DDG-GJS-L2
GaP / Green, 570 nm
7.2 ... 18.0
7.2 ... 9.0 9.0 ... 11.2 11.2 ... 14.0 14.0 ... 18.0
*
DDP-GJS-GH2-1-I1
* * * DDP-GJS-G1 DDP-GJS-G2 DDP-GJS-H1 DDP-GJS-H2
GaP / Green, 560 nm
1.80 ... 4.50
1.80 ... 2.24 2.24 ... 2.80 2.80 ... 3.55 3.55 ... 4.50
*
NOTE: 1. All part number above comes in a quantity of 2000 units per reel. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 2 of 2
DOMINANT Semiconductors
Characteristics.
Forward voltage @ If=10 mA. 2.05 V (typ.); 2.45 V (max) GaP Chip Type Viewing angle Max reverse current, IR at 50% Iv 120 @ VR = 5V. 100 A
All forward voltages are measured using a current pulse of 1 ms and has an accuracy of 0.1 V.
Wavelength Grouping. Color
DDR; Red DDO; Orange
Group
Full Full W X Y Z
Wavelength distribution (nm)
620 - 635 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5 552.5 - 564.5 552.5 - 555.5 555.5 - 558.5 558.5 - 561.5 561.5 - 564.5
DDY; Yellow
Full W X Y Z
DDG; Green
Full W X Y Z
DDP; Pure Green
Full W X Y Z
Dominant wavelength is measured with an accuracy of 1 nm.
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 3 of 3
DOMINANT Semiconductors
Absolute Maximum Ratings.
Maximum Value DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature ) 30 500 5 100 -40 ... +100 -40 ... +100 75 Unit mA mA V C C C mW
Recommended Solder Pad
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 4 of 4
DOMINANT Semiconductors
Relative luminous intensity vs. forward current. Forward current vs. forward voltage.
4.0 Relative intensity. Normalized at 10 mA.
35 Forward Current (mA)
0 5 10 15 20 25 30 35
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 Forward Current (mA)
30 25 20 15 10 5 0 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 Forward Voltage (V)
Radiation pattern.
30 20 10 0
1.0
Maximum forward current vs. temperature.
35
40
0.8
30
50
0.6
60 70 80 90
0.4
Forward Current, If
25
20
15
10
0.2
5
0 0 10 20 30 40 50 60 70 80 90 100
0
A bient Tem m perature
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 5 of 5
DOMINANT Semiconductors
Taping And Orientation.
Reels come in quantity of 2000 units. Reel diameter is 180 mm .
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 6 of 6
DOMINANT Semiconductors
Recommended Sn-Pb IR-Reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020C)
275 250 225
Ramp-up 3 oC/sec max. 235-240 C 10-30s
o
Temperature (oC)
200 175 150 125 100 75 50
183 oC
60-150s
Ramp-down o 6 C/sec max. Preheat 60-120s 360s max
25 0 50 100 150 200
Time (sec)
Recommended Pb Free IR-Reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020C)
300 275 250 Ramp-up 3 oC/sec max. 60-150s 260-255oC 10-30s
Temperature ( oC)
225 200 175 150 125 100 75 50
217 oC
Ramp-down 6 oC/sec max. Preheat 60-180s 480s max
25 0 50 100 150 200
Time (sec)
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 7 of 7
DOMINANT Semiconductors
NOTE.
All the information published is considered to be reliable. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein.
DOMINANT Semiconductors reserves the right to make changes at any time without notice to any products in order to improve reliability, function or design.
DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of DOMINANT Semiconductors.
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 8 of 8


▲Up To Search▲   

 
Price & Availability of DDY-GJS-K1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X