Part Number Hot Search : 
1040C LV11A 4707EX 14N271K IS42S32 DLQ5231B UPB417D 0SMCJ22
Product Description
Full Text Search
 

To Download DDW-DJD-V2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DOMINANT
Semiconductors
Innovating Illumination
TM
DATA SHEET:
DomiLEDTM
InGaN White : DDx-DJx
DomiLED
TM TM
Synonymous with function and performance, the DomiLED series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness.
Features:
> > > > > > > High brightness surface mount LED. Based on InGaN / Sapphire technology. 120 viewing angle. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to IR reflow soldering. Environmental friendly; RoHS compliance.
Applications:
> > > > > Automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. Consumer Appliances: LCD illumination as in PDAs, LCD TV. Communication: indicator and backlight in mobilephone. Display: full color display video notice board. Industry: white goods (eg: Oven, microwave, etc.).
(c) 2005 DomiLED is a tredemark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice.
1
11/05/2007 V1.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN White : DDx-DJx
Part Ordering Number
DDW-DJD-UV2-1 * DDW-DJD-U1 * DDW-DJD-U2 * DDW-DJD-V1 * DDW-DJD-V2
Chip Technology / Color
InGaN White
Viewing Angle
120
Luminous Intensity @ IF = 20mA IV (mcd)
450.0 - 1125.0 450.0 - 560.0 560.0 - 715.0 715.0 - 900.0 900.0 - 1125.0
NOTE 1. All part number above comes in a quantity of 2000 units per reel. 2. Other luminious intensity groups are also available upon request. 3. Luminous intensity is measured with an accuracy of 11%. 4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 5. An optional Vf bining is also available upon request. Bining scheme is as per following table.
Electrical Characteristics at Ta=25C
Vf @ If = 20mA Part Number
DDW
Vr @ Ir = 10uA Max. (V)
3.8
Min. (V)
3.0
Typ. (V)
3.2
Min. (V)
5
Forward voltage, Vf is measured with an accuracy of 0.1 V.
Absolute Maximum Ratings
Maximum Value
DC forward current Peak pulse current; (tp 10s, Duty cycle = 0.005) Reverse voltage ESD Threshold (HBM) LED junction temperature Operating temperature Storage temperature Power dissipation (at room temperature) 20 200 5 2000 100 -40 ... +100 -40 ... +100 73
Unit
mA mA V V C C C mW
2
11/05/2007 V1.0
DOMINANT TM
Innovating Illumination
Semiconductors
InGaN White : DDx-DJx
DDW, White Color Grouping
Dominant InGaN White Bin Structure
0.44 0.42 0.40 0.38 0.36 0.34 0.32 0.30 0.28 0.26 0.24 0.27
* * *
0.28
A1 A2
* * *
0.29
A3 A4
* * *
C1 C2
* * *
C3 C4
* * *
E1 E2
* * *
E3 E4
* * *
0.30
0.31
0.32
0.33
0.34
0.35
0.36
Chromaticity coordinate groups are measured with an accuracy of 0.01.
Bin
A1 A2 A3 A4 C1 C2 C3 C4 Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy 0.2775 0.2732 0.2775 0.2557 0.2900 0.2939 0.2900 0.2764 0.3025 0.3146 0.3025 0.2971 0.3150 0.3354 0.3150 0.3179
W
0.2900 0.2939 0.2900 0.2764 0.3025 0.3146 0.3025 0.2971 0.3150 0.3354 0.3150 0.3179 0.3275 0.3561 0.3275 0.3386 0.2900 0.3114 0.2900 0.2939 0.3025 0.3321 0.3025 0.3146 0.3150 0.3529 0.3150 0.3354 0.3275 0.3736 0.3275 0.3561 0.2775 0.2907 0.2775 0.2732 0.2900 0.3114 0.2900 0.2939 0.3025 0.3321 0.3025 0.3146 0.3150 0.3529 0.3150 0.3354
Bin
E1 E2 E3 E4 Cx Cy Cx Cy Cx Cy Cx Cy 0.3275 0.3561 0.3275 0.3386 0.3400 0.3768 0.3400 0.3593
X
0.3400 0.3768 0.3400 0.3593 0.3525 0.3975 0.3525 0.3800 0.3400 0.3943 0.3400 0.3768 0.3525 0.4150 0.3525 0.3975 0.3275 0.3736 0.3275 0.3561 0.3400 0.3943 0.3400 0.3768
Dominant color coordinate is measured with an accuracy of 0.01.
3
11/05/2007 V1.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN White : DDx-DJx
Relative Luminous Intensity Vs. Forward Current
Relative Intensity; Normalized at 20mA Relative Intensity Normalized, 20mA
2.2 2 1.8
Forward Current Vs Forward Voltage
40 35
Forward Current, mA
0 10 20 30 40 50
1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0
30 25 20 15 10 5 0 1 1.5 2 2.5 3 3.5 4 4.5 5
Forward Current, mA
Forward Voltage, V
Maximum Forward Current Vs. Temperature
25
Relative Intensity Vs. Wavelength
1 0.9
Forward Current, mA
20
0.8
Relative Intensity
0 10 20 30 40 50 60 70 80 90
0.7 0.6 0.5 0.4 0.3 0.2 0.1
15
10
5
0
0 400 450 500 550 600 650 700 750 800
Ambient Temperature
Wavelength, nm
Radiation Pattern
4
11/05/2007 V1.0
DOMINANT TM
Innovating Illumination
TM
Semiconductors
InGaN White : DDx-DJx
DomiLED * InGaN White : DDx-DJx Package Outlines
5
11/05/2007 V1.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN White : DDx-DJx
Recommended Solder Pad
6
11/05/2007 V1.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN White : DDx-DJx
Taping and orientation
* Reels come in quantity of 2000 units. * Reel diameter is 180 mm.
7
11/05/2007 V1.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN White : DDx-DJx
Packaging Specification
8
11/05/2007 V1.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN White : DDx-DJx
Packaging Specification
Moisture level label
Barcode label
DOMINANT Semiconductors
LOT NO : lotno
ROHS Compliant PB Free
S/N : xxx D/C: xxxx
PART NO : partno QTY : qty GROUP : group
Reel Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag
Average 1pc DomiLED/Multi DomiLED
Weight (gram) Weight (gram) 0.034 0.034
1 completed bag (2000pcs)
190 10 190 10
DOMINANT TM
Semiconductors
Cardboard Box
For DomiLED
TM
Cardboard Box Size
Small Large
Dimensions (mm)
Empty Box Weight (kg)
0.3 1.4
Reel / Box
Quantity / Box (pcs)
300 x 250 x 250 416 x 516 x 476
15 reels MAX 50 reels MAX
30,000 MAX 100,000 MAX
9
11/05/2007 V1.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN White : DDx-DJx
Recommended Sn-Pb IR-Reflow Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
275 250 225 200 Ramp-up 3C/sec max. 235-240C 10-30s
Temperature (C)
175 150 125 100 75 50 25 0 50 100 150 200 Preheat 60-120s 360s max Rampdown 6C/sec max. 183C 60-150s
Recommended Pb-free Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
300 275 250 225 217C Ramp-up 3C/sec max. 255-260C 10-30s
Temperature (C)
200 175 150 125 100 75 50 25 0 50 Preheat 60-180s 480s max 100 150 200 Rampdown 6C/sec max. 60-150s
Time (sec)
10
11/05/2007 V1.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN White : DDx-DJx
Revision History
Page Subjects - Change New format Date of Modification 11 May 2007
NOTE All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein. DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the Managing Director of DOMINANT Semiconductors.
11
11/05/2007 V1.0
DOMINANT TM
Semiconductors
Innovating Illumination
InGaN White : DDx-DJx
About Us DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world's leading SMT LED Manufacturers. An excellence - driven organization, it offers a comprehensive product range for diverse industries and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT's extra bright LEDs are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT's state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com.
Please contact us for more information: Head Quarter DOMINANT Semiconductors Sdn. Bhd. Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia Tel: (606) 283 3566 Fax: (606) 283 0566 E-mail: sales@dominant-semi.com
DOMINANT China Sales Office DOMINANT Semiconductors (Shenzhen) Co. Ltd. 24BC Newbaohui Building, No. 1007 West Nanhai Blvd., Nanshan, Shenzhen, China P.C. 518054 Tel: +86 (755) 86031785 / +86 (755) 86031786 Fax: +86 (755) 86031789 E-mail: sales_china@dominant-semi.com
DOMINANT Korea Sales Office DOMINANT Semiconductors Korea Inc. 902 Sunil Technopia, 440 Sangdaewon-dong, Jungwon-gu, Sungnam-si, Kyunggi-do, Korea 462726 Tel: 82-31-777-3978 Fax: 82-31-777-3976 E-mail: sales_korea@dominant-semi.com
Semiconductors
Innovating Illumination
DOMINANT
TM


▲Up To Search▲   

 
Price & Availability of DDW-DJD-V2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X