Part Number Hot Search : 
RK9410 SM4500 045280 TB078 1001C KE180 KRM08 SEL381
Product Description
Full Text Search
 

To Download DDU37F-XXM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDU37F
MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU37F)
FEATURES
* * * * * * * * * * Ideal for "Set and Forget" applications Multi-turn adjustment screw (approx. 40 turns) Input & output fully TTL interfaced & buffered 2 (10 T L fan-out capability) Resolution: As low as 0.12ns Minimum delay (TD0): 6ns typical Output rise time: 2ns typical Min. input pulse width: 20% of maximum delay Power dissipation: 230mW maximum Operating temperature: 0 to 70C (Commercial) -55 to 125C (Military) Temperature coefficient: 100 PPM/C
data 3 (R) delay devices, inc.
PACKAGES
VCC OUT NC
DDU37F
IN GND
DDU37F-xx (Commercial) DDU37F-XXM (Military) xx = Dash number
FUNCTIONAL DESCRIPTION
The DDU37F-series device is a mechanically variable, FAST-TTL interfaced delay line. The signal input (IN) is reproduced at the tap output (OUT), shifted by an amount which can be adjusted between TD0 and TD0+ TDVAR, where TDVAR is given by the device dash number (See Table). The device operates from a single 5V supply and is TTL interfaced, capable of driving up to 10 TTL loads.
PIN DESCRIPTIONS
IN OUT VCC GND NC Signal Input Fixed Output +5V Ground No connection
SERIES SPECIFICATIONS
IN OUT
DASH NUMBER SPECIFICATIONS
Part Number DDU37F-25 DDU37F-30 DDU37F-40 DDU37F-50 DDU37F-60 DDU37F-70 DDU37F-80 DDU37F-100 DDU37F-120 DDU37F-150 DDU37F-200 TDVAR (ns) 15 20 30 40 50 60 70 90 100 130 180
GND
Functional Diagram
VCC OUT
NC
.565 MAX
IN GND
Note: Other delay times available on request
.187
1.750
.285
.125
.020 .100 .200 1.640
.200 MIN .100 .060
.100 .060 .430
Package Dimensions
(c) 2001 Data Delay Devices
Doc #01016
11/12/01
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
1
DDU37F
APPLICATION NOTES
HIGH FREQUENCY RESPONSE
The DDU37F tolerances are guaranteed for input pulse widths and periods greater than those specified in the test conditions. Although the device will function properly for pulse widths as small as 20% of the total delay and periods as small as 40% of the total delay (for a symmetric input), the delays may deviate from their values at low frequency. However, for a given input condition, the deviation will be repeatable from pulse to pulse. Contact technical support at Data Delay Devices if your application requires device testing at a specific input condition.
POWER SUPPLY BYPASSING
The DDU37F relies on a stable power supply to produce repeatable delays within the stated tolerances. A 0.1uf capacitor from VCC to GND, located as close as possible to the VCC pin, is recommended. A wide VCC trace and a clean ground plane should be used.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER DC Supply Voltage Input Pin Voltage Storage Temperature Lead Temperature SYMBOL VCC VIN TSTRG TLEAD MIN -0.3 -0.3 -55 MAX 7.0 VDD+0.3 150 300 UNITS V V C C NOTES
10 sec
TABLE 2: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V) PARAMETER High Level Output Voltage Low Level Output Voltage High Level Output Current Low Level Output Current High Level Input Voltage Low Level Input Voltage Input Clamp Voltage Input Current at Maximum Input Voltage High Level Input Current Low Level Input Current Short-circuit Output Current Output High Fan-out Output Low Fan-out SYMBOL VOH VOL IOH IOL VIH VIL VIK IIHH IIH IIL IOS MIN 2.5 TYP 3.4 0.35 MAX UNITS V V mA mA V V V mA A mA mA Unit Load NOTES VCC = MIN, IOH = MAX VIH = MIN, VIL = MAX VCC = MIN, IOL = MAX VIH = MIN, VIL = MAX
0.5 -1.0 20.0
2.0 0.8 -1.2 0.1 20 -0.6 -150 25 12.5
VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX
-60
Doc #01016
11/12/01
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
2
DDU37F
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT: o o Ambient Temperature: 25 C 3 C Supply Voltage (Vcc): 5.0V 0.1V Input Pulse: High = 3.0V 0.1V Low = 0.0V 0.1V Source Impedance: 50 Max. Rise/Fall Time: 3.0 ns Max. (measured between 0.6V and 2.4V ) Pulse Width: PWIN = 1.5 x Total Delay Period: PERIN = 10 x Total Delay OUTPUT: Load: Cload: Threshold: 1 FAST-TTL Gate 5pf 10% 1.5V (Rising & Falling)
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT PULSE GENERATOR TRIG
IN
DEVICE UNDER TEST (DUT)
OUT
IN TRIG OSCILLOSCOPE
Test Setup
PERIN PWIN TRISE INPUT SIGNAL
2.4 1.5 0.6
TFALL VIH
2.4 1.5 0.6
VIL DFALL VOH
DRISE OUTPUT SIGNAL
1.5
1.5
VOL
Timing Diagram For Testing
Doc #01016
11/12/01
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
3


▲Up To Search▲   

 
Price & Availability of DDU37F-XXM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X