Part Number Hot Search : 
79L15ACF BTA10 CS48C M4S64XAJ Z6B8H U2602BR C18LF2 U2602BR
Product Description
Full Text Search
 

To Download DDU222C-75M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDU222C
5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
FEATURES
* * * * * Five equally spaced outputs Very narrow device (SIP package) Stackable for PC board economy Input & outputs fully CMOS interfaced & buffered 10 T2L fan-out capability
data 3 (R) delay devices, inc.
PACKAGES
12345678
VCC IN T1 T2 T3 T4 T5 GND DDU222F-xx Commercial DDU222F-xxM Military
FUNCTIONAL DESCRIPTION
PIN DESCRIPTIONS
The DDU222C-series device is a 5-tap digitally buffered delay line. The IN Signal Input signal input (IN) is reproduced at the outputs (T1-T5), shifted in time by an T1-T5 Tap Outputs amount given by the device dash number. For dash numbers less than VDD +5 Volts 40, the total delay of the line is measured from T1 to T5, with the nominal GND Ground value given by the dash number. The nominal tap-to-tap delay increment is given by 1/4 of this number. The inherent delay from IN to T1 is nominally 8.0ns. For dash numbers greater than or equal to 40, the total delay of the line is measured from IN to T5, with the nominal value given by the dash number. The nominal tap-to-tap delay increment is given by 1/5 of this number.
SERIES SPECIFICATIONS
* * * * * * Minimum input pulse width: 40% of total delay Output rise time: 8ns typical Supply voltage: 5VDC 5% Supply current: ICCL = 40a typical ICCH = 10ma typical Operating temperature: 0 to 70 C Temp. coefficient of total delay: 300 PPM/C
DASH NUMBER SPECIFICATIONS
Part Number DDU222C-10 DDU222C-20 DDU222C-50 DDU222C-60 DDU222C-75 DDU222C-100 DDU222C-125 DDU222C-150 DDU222C-175 DDU222C-200 DDU222C-250 Total Delay (ns) 10 2.0 * 20 2.0 * 50 3.0 60 3.0 75 4.0 100 5.0 125 6.5 150 7.5 175 8.0 200 10.0 250 12.5 Delay Per Tap (ns) 2.5 1.0 5.0 2.0 10.0 3.0 12.0 3.0 15.0 3.0 20.0 3.0 25.0 3.0 30.0 3.0 35.0 4.0 40.0 4.0 50.0 5.0
8.0ns
25%
25%
25%
25%
* Total delay is referenced to first tap output Input to first tap = 8.0ns 2ns
VCC IN T1 T2 T3 T4 T5 GND
Functional diagram for dash numbers < 40
20% 20% 20% 20% 20%
NOTE: Any dash number between 10 and 250 not shown is also available.
VCC IN
T1
T2
T3
T4
T5 GND
Functional diagram for dash numbers >= 40
(c)1997 Data Delay Devices
Doc #97014
1/28/97
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
1
DDU222C
APPLICATION NOTES
HIGH FREQUENCY RESPONSE
The DDU222C tolerances are guaranteed for input pulse widths and periods greater than those specified in the test conditions. Although the device will function properly for pulse widths as small as 40% of the total delay and periods as small as 80% of the total delay (for a symmetric input), the delays may deviate from their values at low frequency. However, for a given input condition, the deviation will be repeatable from pulse to pulse. Contact technical support at Data Delay Devices if your application requires device testing at a specific input condition.
POWER SUPPLY BYPASSING
The DDU222C relies on a stable power supply to produce repeatable delays within the stated tolerances. A 0.1uf capacitor from VDD to GND, located as close as possible to the VDD pin, is recommended. A wide VDD trace and a clean ground plane should be used.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER DC Supply Voltage Input Pin Voltage Storage Temperature Lead Temperature SYMBOL VDD VIN TSTRG TLEAD MIN -0.3 -0.3 -55 MAX 7.0 VDD+0.3 150 300 UNITS V V C C NOTES
10 sec
TABLE 2: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V) PARAMETER High Level Output Voltage Low Level Output Voltage High Level Output Current Low Level Output Current High Level Input Voltage Low Level Input Voltage Input Current SYMBOL VOH VOL IOH IOL VIH VIL IIH MIN 3.98 TYP 4.4 0.15 MAX UNITS V V mA mA V V A NOTES VDD = 5.0, IOH = MAX VIH = MIN, VIL = MAX VDD = 5.0, IOL = MAX VIH = MIN, VIL = MAX
0.26 -4.0 4.0
3.15 1.35 0.10
VDD = 5.0
Doc #97014
1/28/97
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
2
DDU222C
PACKAGE DIMENSIONS
1
2
3
4
5
6
7
8
.200 MAX.
.900 MAX. .020 TYP.
.300 MAX.
.020 TYP. .700 TYP.
.100 TYP.
.100 MIN. .010 TYP.
DDU222C-xx (Commercial)
1
2
3
4
5
6
7
8
.200 MAX.
.900 MAX.
.005 .375 MIN. MAX.
.150 .030 .018 TYP. .700 TYP. .100 TYP. .010 TYP.
DDU222C-xxM (Military)
Doc #97014
1/28/97
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
3
DDU222C
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT: Ambient Temperature: 25oC 3oC Supply Voltage (VDD): 5.0V 0.1V Input Pulse: High = 5.0V 0.1V Low = 0.0V 0.1V Source Impedance: 50 Max. Rise/Fall Time: 5.0 ns Max. (measured between 0.5V and 4.5V ) Pulse Width: PWIN = 1.5 x Total Delay Period: PERIN = 10 x Total Delay OUTPUT: Load: Cload: Threshold: 1 FAST-TTL Gate 5pf 10% 2.5V (Rising & Falling)
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
COMPUTER SYSTEM
PRINTER
REF PULSE GENERATOR OUT TRIG IN DEVICE UNDER TEST (DUT) T1 T2 T3 T4 T5 IN TRIG TIME INTERVAL COUNTER
Test Setup
PERIN PWIN TRISE INPUT SIGNAL
4.5V 2.5V 0.5V
TFALL VIH
4.5V 2.5V 0.5V
VIL TFALL
TRISE OUTPUT SIGNAL VOH
2.5V
2.5V
VOL
Timing Diagram For Testing
Doc #97014
1/28/97
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
4


▲Up To Search▲   

 
Price & Availability of DDU222C-75M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X