Part Number Hot Search : 
18F66J MX7543TD CTC1F ATU18680 RK73H2H 30D60B F115F G5015S
Product Description
Full Text Search
 

To Download DDTC144WCA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC114ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA
Lead-free
DDTC (R1R2 SERIES) CA
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
SOT-23 Dim
A
Features
* * * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistors, R1R2 Lead Free/RoHS Compliant (Note 2)
TOP VIEW
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
A B
B C
Mechanical Data
* * * * * * * * *
Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Table Below & Page 3) Ordering Information (See Page 2) Weight: 0.008 grams (approximate) R1 (NOM) 1KW 2.2KW 2.2KW 4.7KW 4.7KW 4.7KW 10KW 10KW 22KW 47KW 47KW R2 (NOM) 10KW 10KW 47KW 10KW 22KW 47KW 47KW 4.7KW 47KW 10KW 22KW
E
C D E G H J K L M a
D G H K J L M
OUT 3
C B R1 R2
All Dimensions in mm
P/N DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA
Type Code N02 N05 N06 N09 N10 N11 N14 N15 N18 N21 N22
IN
E
B
1
3
C OUT
1 IN
2 GND(0)
GND (0)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@ TA = 25C unless otherwise specified Symbol VCC DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA All Value 50 -5 to +10 -5 to +12 -5 to +12 -7 to +20 -6 to +30 -5 to +30 -6 to +40 -10 to +30 -10 to +40 -15 to +40 -10 to +40 100 100 100 100 100 100 70 100 50 30 30 100 200 625 -55 to +150 Unit V
Characteristic
VIN
2
E
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout which can be found at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30330 Rev. 7 - 2
1 of 5 www.diodes.com
DDTC (R1R2 SERIES) CA
a Diodes Incorporated
Electrical Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol Min 0.3 0.3 0.5 0.3 0.3 0.5 0.3 0.8 0.4 1.0 0.8 Typ Max Unit Test Condition
Input Voltage
DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA
Vl(off)
3/4
3/4
VCC = 5V, IO = 100mA
Vl(on)
3/4
3/4
3.0 3.0 1.1 2.5 1.3 1.3 1.4 3.0 2.5 5.0 4.0 0.3 7.2 3.8 3.6 1.8 1.8 1.8 0.88 0.88 0.36 0.16 0.16 0.5
V
VO = 0.3V, IO = 20mA VO = 0.3V, IO = 20mA VO = 0.3V, IO = 5mA VO = 0.3V, IO = 20mA VO = 0.3V, IO = 3mA VO = 0.3V, IO = 5mA VO = 0.3V, IO = 1mA VO = 0.3V, IO = 2mA VO = 0.3V, IO = 2mA VO = 0.3V, IO = 2mA VO = 0.3V, IO = 2mA IO/Il = 5mA/0.25mA IO/Il = 5mA/0.25mA IO/Il = 5mA/0.25mA IO/Il = 10mA/0.5mA DDCT123JCA DDCT143ZCA DDCT114YCA All Others
Output Voltage DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA DDTC113ZCA DDTC123YCA DDTC123JCA DDTC143XCA DDTC143FCA DDTC143ZCA DDTC114YCA DDTC114WCA DDTC124XCA DDTC144VCA DDTC144WCA
VO(on)
3/4
0.1
V
Input Current
Il
3/4
3/4
mA
VI = 5V
Output Current
IO(off)
3/4 33 33 80 30 68 80 68 24 68 33 56 -30 -20 3/4
3/4
mA
VCC = 50V, VI = 0V VO = 5V, IO = 5mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA 3/4 3/4 VCE = 10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 DR2/R1 fT
3/4 3/4 250
+30 +20 3/4
% % MHz
Ordering Information (Note 3)
Device DDTC113ZCA-7-F DDTC123YCA-7-F DDTC123JCA-7-F DDTC143XCA-7-F DDTC143FCA-7-F DDTC143ZCA-7-F DDTC114YCA-7-F DDTC114WCA-7-F DDTC124XCA-7-F DDTC144VCA-7-F DDTC144WCA-7-F
Note:
Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS30330 Rev. 7 - 2
2 of 5 www.diodes.com
DDTC (R1R2 SERIES) CA
Marking Information
NXX
NXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code 2002 N Jan 1 2003 P Feb 2 2004 R Mar 3 2005 S Apr 4 2006 T May 5 Jun 6 2007 U Jul 7 2008 V Aug 8 2009 W Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D
DS30330 Rev. 7 - 2
3 of 5 www.diodes.com
YM
DDTC (R1R2 SERIES) CA
TYPICAL CURVES - DDTC123JCA
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
0.1
150
75 C -25 C 25 C
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
VCE = 10V
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
4
f = 1MHz
75 C
COB, CAPACITANCE (pF)
hFE, DC CURRENT GAIN
3
-25 C
25 C
100
2
1
0
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C VO = 5V 25C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2V
100
IC, COLLECTOR CURRENT (mA)
10
-25C
1
Vin, INPUT VOLTAGE (V)
-25C
1
0.1
75 C
25C
0.01
0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30330 Rev. 7 - 2
4 of 5 www.diodes.com
DDTC (R1R2 SERIES) CA
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30330 Rev. 7 - 2
5 of 5 www.diodes.com
DDTC (R1R2 SERIES) CA


▲Up To Search▲   

 
Price & Availability of DDTC144WCA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X