Part Number Hot Search : 
UFS1200 13191 ES3HB B0737 1SMB170A 70M6T CS5460A 02M166VL
Product Description
Full Text Search
 

To Download DDTC144GUA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTC114GUA DDTC124GUA DDTC144GUA DDTC115GUA
DDTC (R2-ONLY SERIES) UA
Lead-free Green
NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Features
NEW PRODUCT
* * * * * * * * * * * * * * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistor, R2 only Lead Free/RoHS Compliant (Note 2) "Green" Device (Note 3 and 4)
B
A C
SOT-323 Dim
BC
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
A B C D
M
E G H
Mechanical Data
Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: Date Code and Type Code, See Page 2 Ordering Information (See Page 2) Type Code: See Table Below Weight: 0.006 grams (approximate) P/N DDTC114GUA DDTC124GUA DDTC144GUA DDTC115GUA R2 (NOM) 10KW 22KW 47KW 100KW Type Code N26 N27 N28 N29
K
0.65 Nominal
E G H J K L M
J
D
F
L
C B
a
All Dimensions in mm
R2
E SCHEMATIC DIAGRAM
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RqJA Tj, TSTG Value 50 50 5 100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note: 1. 2. 3. 4.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with date code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30324 Rev. 6 - 2
1 of 4 www.diodes.com
DDTC (R2-ONLY SERIES) UA
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO Min 50 50 5 3/4 300 140 65 30 3/4 30 56 68 82 -30 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 250 Max 3/4 3/4 3/4 0.5 580 260 130 58 0.3 3/4 +30 3/4 Unit V V V mA mA V 3/4 % MHz IC = 50mA IC = 1mA IE = 720mA, DDTC114GUA IE = 330mA, DDTC124GUA IE = 160mA, DDTC144GUA IE = 72mA, DDTC115GUA VCB = 50V VEB = 4V IC = 10mA, IB = 0.5mA IC = 5mA, VCE = 5V 3/4 VCE = 10V, IE = -5mA, f = 100MHz Test Condition
NEW PRODUCT
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DDTC114GUA DDTC124GUA DDTC144GUA DDTC115GUA DDTC114GUA DDTC124GUA DDTC144GUA DDTC115GUA
IEBO VCE(sat) hFE DR2 fT
Collector-Emitter Saturation Voltage DC Current Transfer Ratio Bleeder Resistor (R2) Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
Ordering Information
Device DDTC114GUA-7-F DDTC124GUA-7-F DDTC144GUA-7-F DDTC115GUA-7-F
Notes:
(Note 4 & 5) Packaging SOT-323 SOT-323 SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
4. Product manufactured with date code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM
2004 R Apr 4
2005 S May 5 Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30324 Rev. 6 - 2
2 of 4 www.diodes.com
DDTC (R2-ONLY SERIES) UA
TYPICAL CURVES - DDTC114GUA
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250
1
IC/IB = 10
Pd, POWER DISSIPATION (MILLIWATTS)
200
0.1
75 C -25 C 25 C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
hFE, DC CURRENT GAIN (NORMALIZED)
VCE = 10
5
IE = 0mA
75 C
COB, CAPACITANCE (pF)
4
3
100
25 C -25 C
2
1 0
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN
75 C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2
1000
IC, COLLECTOR CURRENT (mA)
100
25C
10
-25C
Vin, INPUT VOLTAGE (V)
75 C -25C
1
1
25C
0.1 0.01 0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
0.1 0 100 200 300 400 500 600 700 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30324 Rev. 6 - 2
3 of 4 www.diodes.com
DDTC (R2-ONLY SERIES) UA
NEW PRODUCT
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30324 Rev. 6 - 2
4 of 4 www.diodes.com
DDTC (R2-ONLY SERIES) UA


▲Up To Search▲   

 
Price & Availability of DDTC144GUA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X