Part Number Hot Search : 
BT3904 ADP224 H3500 SD211 MCP3023 160NH00G 12K16 1V680MNR
Product Description
Full Text Search
 

To Download DDTC144GKA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTC114GKA DDTC124GKA DDTC144GKA DDTC115GKA
DDTC (R2-ONLY SERIES) KA
Lead-free Green
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * * * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistor, R2 only Lead Free/RoHS Compliant (Note 2) "Green" Device, Note 3 and 4
B
A C
SC-59
BC E G H K M
Dim A B C D G H J K L
C
Min 0.35 1.50 2.70 0.95 1.90 2.90 0.013 1.00 0.35 0.10 0
Max 0.50 1.70 3.00
Mechanical Data
* * * * * * * * *
Case: SC-59 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Copper leadframe). Terminal Connections: See Diagram Marking: Date Code and Type Code (See Table Below & Page 2) Ordering Information (See Page 2) Weight: 0.006 grams (approximate)
B
J
D
L
3.10 0.10 1.30 0.55 0.20 8
M a
R2
E SCHEMATIC DIAGRAM
All Dimensions in mm
P/N DDTC114GKA DDTC124GKA DDTC144GKA DDTC115GKA
R2 (NOM) 10KW 22KW 47KW 100KW
Type Code N26 N27 N28 N29
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RqJA Tj, TSTG Value 50 50 5 100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note: 1. 2. 3. 4.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30340 Rev. 5 - 2
1 of 4 www.diodes.com
DDTC (R2-ONLY SERIES) KA
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO Min 50 50 5 3/4 300 140 65 30 3/4 30 56 68 82 -30 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 250 Max 3/4 3/4 3/4 0.5 580 260 130 58 0.3 3/4 +30 3/4 Unit V V V mA mA V 3/4 % MHz IC = 50mA IC = 1mA IE = 720mA, DDTC114GKA IE = 330mA, DDTC124GKA IE = 160mA, DDTC144GKA IE = 72mA, DDTC115GKA VCB = 50V VEB = 4V IC = 10mA, IB = 0.5mA IC = 5mA, VCE = 5V 3/4 VCE = 10V, IE = -5mA, f = 100MHz Test Condition
NEW PRODUCT
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DDTC114GKA DDTC124GKA DDTC144GKA DDTC115GKA DDTC114GKA DDTC124GKA DDTC144GKA DDTC115GKA
IEBO VCE(sat) hFE DR2 fT
Collector-Emitter Saturation Voltage DC Current Transfer Ratio Bleeder Resistor (R2) Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
Ordering Information
Device DDTC114GKA-7-F DDTC124GKA-7-F DDTC144GKA-7-F DDTC115GKA-7-F
(Note 4 & 5) Packaging SC-59 SC-59 SC-59 SC-59 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
Notes: 4. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3
YM
2004 R Apr 4
2005 S May 5 Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30340 Rev. 5 - 2
2 of 4 www.diodes.com
DDTC (R2-ONLY SERIES) KA
TYPICAL CURVES - DDTC114GKA
NEW PRODUCT
250
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
1
IC/IB = 10
PD, POWER DISSIPATION (MILLIWATTS)
200
150
0.1
75 C -25 C 25 C
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
0.001 0
10
20
30
40
50
1000
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
hFE, DC CURRENT GAIN (NORMALIZED)
VCE = 10
5 4
IE = 0mA
75 C
COB, CAPACITANCE (pF)
3 2 1 0
100
25 C -25 C
10 1
1000
0
10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN
75 C
5
10
15
20
25
30
100
10
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
VO = 0.2
IC, COLLECTOR CURRENT (mA)
100
-25C
10 1 0.1 0.01 0.001
Vin, INPUT VOLTAGE (V)
75 C -25C
25C
1
25C
0
1
2
3
4
5
6
7
8
9
10
0.1 0 100 200 300 400 500 600 700 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30340 Rev. 5 - 2
3 of 4 www.diodes.com
DDTC (R2-ONLY SERIES) KA
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30340 Rev. 5 - 2
4 of 4 www.diodes.com
DDTC (R2-ONLY SERIES) KA


▲Up To Search▲   

 
Price & Availability of DDTC144GKA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X