Part Number Hot Search : 
RKTV206 M41T94MH ST72T 2SK2666 PE44128 UPA1792G 1E13UM AN2603
Product Description
Full Text Search
 

To Download DDTC144ECA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R1 = R2 SERIES) CA
Lead-free
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR Features
* * * *
Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistors, R1 = R2 Lead Free/RoHS Compliant (Note 2)
TOP VIEW
SOT-23
A
Dim A
B C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
B C D E G
Mechanical Data
* * * * * * * * *
Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: Date Code and Marking Code (See Table Below & Page 2) Ordering Information (See Page 2) Weight: 0.008 grams (approximate)
E
D G H K J L
M
H J K L M a
OUT 3
C B R1 R2
All Dimensions in mm
IN
B
1
3
C OUT
P/N DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA
R1, R2 (NOM) Type Code 2.2KW 4.7KW 10KW 22KW 47KW 100KW N04 N08 N13 N17 N20 N24
1 IN
2 GND(0)
GND (0)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@ TA = 25C unless otherwise specified Symbol VCC DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA All Value 50 -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 100 100 50 30 30 20 100 200 625 -55 to +150 Unit V
Characteristic
VIN
2
E
E
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30329 Rev. 8 - 2
1 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) CA
a Diodes Incorporated
Electrical Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol Vl(off) Min 0.5 Typ 1.1 Max Unit 3/4 V Test Condition VCC = 5V, IO = 100mA VO = 0.3V, IO = 20mA, DDTC123ECA VO = 0.3V, IO = 20mA, DDTC143ECA VO = 0.3V, IO = 10mA, DDTC114ECA VO = 0.3V, IO = 5mA, DDTC124ECA VO = 0.3V, IO = 2mA, DDTC144ECA VO = 0.3V, IO = 1mA, DDTC115ECA IO/Il =10mA/0.5mA, DDTC123ECA IO/Il =10mA/0.5mA, DDTC143ECA IO/Il =10mA/0.5mA, DDTC114ECA IO/Il =10mA/0.5mA, DDTC124ECA IO/Il =10mA/0.5mA, DDTC144ECA IO/Il =5mA/0.25mA, DDTC115ECA
Input Voltage
Vl(on)
3/4
1.9
3
Output Voltage
VO(on)
3/4
0.1
0.3
V
Input Current
DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA DDTC123ECA DDTC143ECA DDTC114ECA DDTC124ECA DDTC144ECA DDTC115ECA
Il
3/4
3/4
3.8 1.8 0.88 0.36 0.18 0.15 0.5
mA
VI = 5V
Output Current
IO(off)
3/4 20 20 30 56 68 82 -30 0.8 3/4
3/4
mA
VCC = 50V, VI = 0V VO = 5V, IO = 20mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA 3/4 3/4 VCE = 10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4 MHz
Ordering Information
Device
(Note 3) Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
DDTC123ECA-7-F DDTC143ECA-7-F DDTC114ECA-7-F DDTC124ECA-7-F DDTC144ECA-7-F DDTC115ECA-7-F
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NXX
NXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code 2002 N Jan 1 2003 P Feb 2 2004 R Mar 3 2005 S Apr 4 2006 T May 5 2007 U Jun 6 Jul 7 2008 V Aug 8 2009 W Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D
DS30329 Rev. 8 - 2
2 of 4 www.diodes.com
YM
DDTC (R1 = R2 SERIES) CA
TYPICAL CURVES - DDTC143ECA
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
150
75 C -25 C 25 C
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
VCE = 10V
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
5
f = 1MHz
100
75 C 25 C -25 C
COB, CAPACITANCE (pF)
4
hFE, DC CURRENT GAIN
3
2
10
1 0
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100
IC, COLLECTOR CURRENT (mA)
75 C
VO = 0.2V
25C
Vin, INPUT VOLTAGE (V)
10
-25C
-25C 75 C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30329 Rev. 8 - 2
3 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) CA
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30329 Rev. 8 - 2
4 of 4 www.diodes.com
DDTC (R1 = R2 SERIES) CA


▲Up To Search▲   

 
Price & Availability of DDTC144ECA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X