Part Number Hot Search : 
TC494 T6B66A SL900 AW003 ST105006 PX6A06 SR2N7 R5F212
Product Description
Full Text Search
 

To Download DDTA144WUA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA
Lead-free Green
DDTA (R1R2 SERIES) UA
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * * * * * * * * * * * * * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1R2 Lead Free/RoHS Compliant (Note 1) "Green" Device (Note 2 & 3)
BC A
SOT-323 Dim A B C D
G H K M
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
Mechanical Data
Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 3. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: Date Code and Type Code, See Page 3 Type Code: See Table Below Ordering Information (See Page 3) Weight: 0.006 grams (approximate) P/N DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA R1 (NOM) 1KW 2.2KW 2.2KW 4.7KW 4.7KW 4.7KW 10KW 10KW 22KW 47KW 47KW R2 (NOM) 10KW 10KW 47KW 10KW 22KW 47KW 47KW 4.7KW 47KW 10KW 22KW
B R1 R2
0.65 Nominal
E G H J K
D E L
J
L M a
All Dimensions in mm
OUT 3
C
Type Code P02 P05 P06 P09 P10 P11 P14 P15 P18 P21 P22
IN
E
B
1
3
C OUT
1 IN
2 GND(+)
GND (+)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@ TA = 25C unless otherwise specified Symbol VCC DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA Value -50 +5 to -10 +5 to -12 +5 to -12 +7 to -20 +6 to -30 +5 to -30 +6 to -40 +10 to -30 +10 to -40 +15 to -40 +10 to -40 -100 -100 -100 -100 -100 -100 -70 -100 -50 -30 -30 Unit V
Characteristic
VIN
2
E
V
Output Current
IO
mA
Note:
1. No purposefully added lead. 2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 3. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30326 Rev. 6 - 2
1 of 5 www.diodes.com
DDTA (R1R2 SERIES) UA
a Diodes Incorporated
Maximum Ratings (continued)
@ TA = 25C unless otherwise specified Symbol All IC (Max) Pd RqJA Tj, TSTG Value -100 200 625 -55 to +150 Unit mA mW C/W C
NEW PRODUCT
Characteristic Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 4) Operating and Storage and Temperature Range
Note:
4.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
Electrical Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol Min -0.3 -0.3 -0.5 -0.3 -0.3 -0.5 -0.3 -0.8 -0.4 -1.0 -0.8 Typ Max Unit Test Condition
Input Voltage
DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA
Vl(off)
3/4
3/4
VCC = 5V, IO = 100mA
Vl(on)
3/4
3/4
-3.0 -3.0 -1.1 -2.5 -1.3 -1.3 -1.4 -3.0 -2.5 -5.0 -4.0 -0.3 -7.2 -3.8 -3.6 -1.8 -1.8 -1.8 -0.88 -0.88 -0.36 -0.16 -0.16 -0.5
V
VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -5mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -3mA VO = -0.3V, IO = -5mA VO = -0.3V, IO = -1mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -2mA IO/Il = -5mA/-0.25mA IO/Il = -5mA/-0.25mA IO/Il = -5mA/-0.25mA IO/Il = -10mA/-0.5mA DDTA123JUA DDTA143ZUA DDTA114YUA All Others
Output Voltage DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA
VO(on)
3/4
-0.1
V
Input Current
Il
3/4
3/4
mA
VI = -5V
Output Current
IO(off)
3/4 -33 -33 -80 -30 -68 -80 -68 -24 -68 -33 -56 -30 -20 3/4
3/4
mA
VCC = -50V, VI = 0V
DC Current Gain
Gl
3/4
3/4
3/4
VO = -5V, IO = -10mA
Input Resistor Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product*
DR1 DR2/R1 fT
3/4 3/4 250
+30 +20 3/4
% % MHz
3/4 3/4 VCE = -10V, IE = 5mA, f = 100MHz
* Transistor - For Reference Only
DS30326 Rev. 6 - 2
2 of 5 www.diodes.com
DDTA (R1R2 SERIES) UA
Ordering Information
(Note 3 & 5) Packaging SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
Device DDTA113ZUA-7-F DDTA123YUA-7-F DDTA123JUA-7-F DDTA143XUA-7-F DDTA143FUA-7-F DDTA143ZUA-7-F DDTA114YUA-7-F DDTA114WUA-7-F DDTA124XUA-7-F DDTA144VUA-7-F DDTA144WUA-7-F
Notes: 3.
Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 2006 T Feb 2 2007 U Mar 3 Apr 4 2008 V May 5 Jun 6 Jul 7 2009 W Aug 8 Sep 9 2010 X Oct O Nov N 2011 Y Dec D
DS30326 Rev. 6 - 2
YM
3 of 5 www.diodes.com
DDTA (R1R2 SERIES) UA
TYPICAL CURVES - DDTA123JUA
NEW PRODUCT
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (MW)
200
0.1
25 C
75 C -25 C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
VCE = 10V
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
f = 1MHz
10
hFE, DC CURRENT GAIN
75 C
COB, CAPACITANCE (pF)
8 6 4 2 0
-25 C
25 C
100
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN
75C VO = 5V 25C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2V
100
IC, COLLECTOR CURRENT (mA)
10
-25C
Vin, INPUT VOLTAGE (V)
-25C
1
1
75 C
0.1
25C
0.01
0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30326 Rev. 6 - 2
4 of 5 www.diodes.com
DDTA (R1R2 SERIES) UA
IMPORTANT NOTICE
NEW PRODUCT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30326 Rev. 6 - 2
5 of 5 www.diodes.com
DDTA (R1R2 SERIES) UA


▲Up To Search▲   

 
Price & Availability of DDTA144WUA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X