Part Number Hot Search : 
1ZC16A 05030 IRFB7534 KF7N60 BCR15807 101EC UCY74A10 T4700D
Product Description
Full Text Search
 

To Download DDTA144KA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTA114KA DDTA124KA DDTA144KA DDTA115KA
DDTA (R2-ONLY SERIES) KA
Lead-free Green
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
Features
* * * * * * * * * * * * * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistor, R2 only Lead Free/RoHS Compliant (Note 2) "Green" Device Note 3 & 4
G H K M BC A
SC-59 Dim A B C D G H J
D L
Min 0.35 1.50 2.70 0.95 1.90 2.90 0.013 1.00 0.35 0.10 0
Max 0.50 1.70 3.00
Mechanical Data
Case: SC-59 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Copper leadframe). Terminal Connections: See Diagram Marking: Date Code and Type Code (See Table Below & Page 2) Ordering Information (See Page 2) Weight: 0.008 grams (approximate)
3.10 0.10 1.30 0.55 0.20 8
J
K L M
OUT 3
C B R2
a
All Dimensions in mm
E
P/N DDTA114KA DDTA124KA DDTA144KA DDTA115KA
R2 (NOM) 10KW 22KW 47KW 100KW
Type Code P26 P27 P28 P29
1 IN
2 GND(+)
Schematic and Pin Configuration
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RqJA Tj, TSTG Value -50 -50 -5 -100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note: 1. 2. 3. 4.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30344 Rev. 6 - 2
1 of 4 www.diodes.com
DDTA (R2-ONLY SERIES) KA
a Diodes Incorporated
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DDTA114KA DDTA124KA DDTA144KA DDTA115KA
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE DR2 fT Min -50 -50 5 3/4 -300 -140 -65 -30 3/4 30 56 68 82 -30 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 250 Max 3/4 3/4 3/4 -0.5 -580 -260 -130 -58 -0.3 3/4 +30 3/4 Unit V V V mA mA V 3/4 % MHz IC = -1mA IE = -720mA, DDTA114GKA IE = -330mA, DDTA124GKA IE = -160mA, DDTA144GKA IE = -72mA, DDTA115GKA VCB = -50V VEB = -4V IC = -10mA, IB = -0.5mA IC = -5mA, VCE = -5V 3/4 VCE = -10V, IE = 5mA, f = 100MHz Test Condition IC = -50mA
Collector-Emitter Saturation Voltage DC Current Transfer Ratio Bleeder Resistor (R2) Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only DDTA114GKA DDTA124GKA DDTA144GKA DDTA115GKA
Ordering Information (Note 4 & 5)
Device DDTA114GKA-7-F DDTA124GKA-7-F DDTA144GKA-7-F DDTA115GKA-7-F
Notes:
Packaging SC-59 SC-59 SC-59 SC-59
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
4. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PXX
PXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code 2002 N Jan 1 2003 P Feb 2 2004 R Mar 3 2005 S Apr 4 2006 T May 5 2007 U Jun 6 Jul 7 2008 V Aug 8 2009 W Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D
DS30344 Rev. 6 - 2
YM
2 of 4 www.diodes.com
DDTA (R2-ONLY SERIES) KA
TYPICAL CURVES - DDTA114KA
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
150
0.1
25 C
75 C -25 C
100
0.01
50
0 -50
0
50
100
150
0.001 0
10
20
30
40
50
TA, AMBIENT TEMPERATURE (C) Fig. 1, Derating Curve
1000
VCE = 10V
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
f = 1MHz
COB, CAPACITANCE (pF)
10 8 6 4 2 0
hFE, DC CURRENT GAIN
75 C
100
25 C -25 C
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN
75 C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2V
1000
VO = 5V
IC, COLLECTOR CURRENT (mA)
100
25C
10 1 0.1 0.01 0.001
-25C
Vin, INPUT VOLTAGE (V)
75 C -25C 25C
1
0
1
2
3
4
5
6
7
8
9
10
0.1 0 100 200 300 400 500 600 700 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30344 Rev. 6 - 2
3 of 4 www.diodes.com
DDTA (R2-ONLY SERIES) KA
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30344 Rev. 6 - 2
4 of 4 www.diodes.com
DDTA (R2-ONLY SERIES) KA


▲Up To Search▲   

 
Price & Availability of DDTA144KA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X