Part Number Hot Search : 
TF1203 1458033 0E0DE 2SD2052 200CA XXXXX 60A163C 1N444
Product Description
Full Text Search
 

To Download DDH-GRS-P2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DOMINANT Semiconductors
DomiLED - AlGaAs: DDH-GRS
Anode marking
* * * * *
Surface mount LED. 120 viewing angle. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8 mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to both IR reflow soldering and TTW soldering.
20/10/04
DomiLED AlGaAs DDH-GRS - Catalogue-v2.doc
Page 1 of 1
DOMINANT Semiconductors
Part Ordering Number DDH-GRS-MN2-1
* * * DDH-GRS-M1 DDH-GRS-M2 DDH-GRS-N1 DDH-GRS-N2
Chip Technology / Color (dom. WL) AlGaAs/ Hyper Red, 645 nm
Luminous Intensity @ If = 20mA Iv ( mcd ) 18.0 ... 45.0
18.0 ... 22.4 22.4 ... 28.5 28.5 ... 35.5 35.5 ... 45.0
*
DDH-GRS-NP2-1
* * * DDH-GRS-N1 DDH-GRS-N2 DDH-GRS-P1 DDH-GRS-P2
28.5 ... 71.5
28.5 ... 35.5 35.5 ... 45.0 45.0 ... 56.0 56.0 ... 71.5
* NOTE:
1. All part number above comes in a quantity of 2000 units per reel. 2. Other luminous intensity groups are also available upon request. 3. Luminous intensity is measured with an accuracy of 11%. 4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 5. An optional Vf binning is also available upon request. Binning scheme is as per following table.
Characteristics.
Forward voltage @ If=20 mA. 1.9 V (typ.); 2.6 V (max)
Chip Type AlGaAs
Viewing angle at 50% Iv 120
Reverse current, IR @ VR = 5V, (max) 100 A
Wavelength Grouping. Color
DDH; Hyper Red
Group
Full
Wavelength distribution (nm)
640 - 650
Dominant wavelength is measured with an accuracy of 1 nm.
20/10/04
DomiLED AlGaAs DDH-GRS - Catalogue-v2.doc
Page 2 of 2
DOMINANT Semiconductors
Vf Binning. Vf Bin @ 20mA 01 02 03 04 Forward voltage (V) 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45 2.45 ... 2.60
Forward voltage, Vf is measured with an accuracy of 0.1 V.
Absolute Maximum Ratings.
Maximum Value DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature ) 30 500 5 100 -40 ... +100 -40 ... +100 75 Unit mA mA V C C C mW
20/10/04
DomiLED AlGaAs DDH-GRS - Catalogue-v2.doc
Page 3 of 3
DOMINANT Semiconductors
Recommended Solder Pad
20/10/04
DomiLED AlGaAs DDH-GRS - Catalogue-v2.doc
Page 4 of 4
DOMINANT Semiconductors
Relative luminous intensity vs. forward current.
Intensity vs. DC Forw ard Current
Relative intensity. Normalized at 20 mA.
2.2
40
Forward current vs. forward voltage.
Forward Current vs. Forward Voltage
1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 FORW ARD CURRENT (m A)
Forward Current (mA)
2
35 30 25 20 15 10 5 0 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
AlGaAs
Forward Voltage (V)
Radiation pattern.
30 20 10 0
1.0
Maximum forward current vs. temperature.
35
30
40
0.8
25 Forward Current, If
50
0.6
20
15
60 70 80 90
0.4
10
0.2
5
0 10 20 30 40 50 60 70 80 85
0
Ambient Temperature
20/10/04
DomiLED AlGaAs DDH-GRS - Catalogue-v2.doc
Page 5 of 5
DOMINANT Semiconductors
Taping And Orientation.
Reels come in quantity of 2000 units. Reel diameter is 180 mm.
1,750,1
5,50,05
12+0,3 -0,1
5,550,1
O 5 -0 1,
40,1
20,05
2,060,1
,1 +0
C
A
3,050,1 40,1
,5 - 0 O1
0,2290,02
2 +0, 5
20/10/04
DomiLED AlGaAs DDH-GRS - Catalogue-v2.doc
Page 6 of 6
DOMINANT Semiconductors
Recommended Sn-Pb IR-Reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020C)
275 250 225
Ramp-up 3 oC/sec max. 235-240 C 10-30s
o
Temperature (oC)
200 175 150 125 100 75 50
183 oC
60-150s
Ramp-down o 6 C/sec max. Preheat 60-120s 360s max
25 0 50 100 150 200
Time (sec)
Recommended Pb Free IR-Reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020C)
300 275 250 Ramp-up 3 oC/sec max. 60-150s 260-255oC 10-30s
Temperature ( oC)
225 200 175 150 125 100 75 50
217 oC
Ramp-down 6 oC/sec max. Preheat 60-180s 480s max
25 0 50 100 150 200
Time (sec)
20/10/04
DomiLED AlGaAs DDH-GRS - Catalogue-v2.doc
Page 7 of 7
DOMINANT Semiconductors
NOTE.
All the information published is considered to be reliable. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein.
DOMINANT Semiconductors reserves the right to make changes at any time without notice to any products in order to improve reliability, function or design.
DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of DOMINANT Semiconductors.
20/10/04
DomiLED AlGaAs DDH-GRS - Catalogue-v2.doc
Page 8 of 8


▲Up To Search▲   

 
Price & Availability of DDH-GRS-P2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X