Part Number Hot Search : 
MEC1322 B1420 ABM42CA LT1366 DDZX9709 100LVE E004730 CED20N06
Product Description
Full Text Search
 

To Download DDB-KJS-M2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DOMINANT
Semiconductors
Innovating Illumination
TM
DATA SHEET:
DomiLEDTM
GaN : DDx-KJS-I1
DomiLED
TM TM
Synonymous with function and performance, the DomiLED series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness.
Features:
> > > > > > > High brightness surface mount LED. Based on GaN technology. 120 viewing angle. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to IR reflow soldering. Environmental friendly; RoHS compliance.
Applications:
> > > > > Automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. Consumer Appliances: LCD illumination as in PDAs, LCD TV. Communication: indicator and backlight in mobilephone. Display: full color display video notice board. Industry: white goods (eg: Oven, microwave, etc.).
(c) 2005 DomiLED is a trademark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice.
1
27/06/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
GaN : DDx-KJS-I1
Part Ordering Number
DDB-KJS-LM2-1-I1 * DDB-KJS-L1 * DDB-KJS-L2 * DDB-KJS-M1 * DDB-KJS-M2
Chip Technology / Color
GaN Blue, 470nm
Viewing Angle
120
Luminous Intensity @ IF = 10mA IV (mcd)
11.2 - 28.5 11.2 - 14.0 14.0 - 18.0 18.0 - 22.4 22.4 - 28.5
NOTE 1. All part number above comes in a quantity of 2000 units per reel. 2. Other luminious intensity groups are also available upon request. 3. Luminous intensity is measured with an accuracy of 11%. 4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Wavelength Grouping
Color
DDB; Blue
Group
Full W X Y
Wavelength distribution (nm)
464 - 476 464 - 468 468 - 472 472 - 476
Dominant wavelength is measured with an accuracy of 1 nm.
Electrical Characteristics at Ta=250C
Part Number
DDB-KJS
Vf @ If = 10 mA Typ. (V)
3.9
Max. (V)
4.2
Vr @ Ir = 10 A Min. (V)
5.0
Forward Voltage, Vf is measured with an accuracy of 0.1 V.
2
27/06/2007 V(O)
DOMINANT TM
Innovating Illumination
Semiconductors
GaN : DDx-KJS-I1
Absolute Maximum Ratings
Maximum Value
DC forward current Peak pulse current; (tp 10s, Duty cycle = 0.005) Reverse voltage (IR = 10 A) ESD threshold (HBM) LED junction temperature Operating temperature Storage temperature Power dissipation (at room temperature) Thermal resistance - Junction / ambient, Rth JA - Junction / solder point, Rth JS 500 280 K/W K/W 20 200 5 2000 125 -40 ... +100 -40 ... +100 85
Unit
mA mA V V C C C mW
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
Characteristics (Ta = 25C)
Symbol
Temperature coefficient of dom (typ) IF = 10mA; 0 C <= T <= 100 C Temperature coefficient of VF (typ) IF = 10mA; 0 C <= T <= 100 C Temperature coefficient of IV (typ) IF = 10mA; 0 C <= T <= 100 C TC dom (typ)
Part Number
DDB-KJS
Value
0.01
Unit
nm / K
TCV
DDB-KJS
-2.60
mV / K
TCIV
DDB-KJS
-0.30
mcd / K
3
27/06/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
GaN : DDx-KJS-I1
Forward Current Vs Forward Voltage
35 30
Relative Luminous Intensity Vs Forward Current
Relative Intensity; Normalized at 10 mA
2.2 2 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 1.8
Forward Current, mA
25 20 15 10 5 0 3 3.5 4 4.5 5
Forward Current, mA
Forward Voltage, V
Maximum Forward Current Vs Temperature
25
Relative Intensity Vs Wavelength
1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
Forward Current, mA
15
10
5
0 0 10 20 30 40 50 60 70 80 90 100
Relative Intensity
20
350
400
450
500
550
600
650
Ambient Temperature
Wavelength, nm
Allowable Forward Current Vs Duty Ratio Allowable Forward Current Vs Duty Ratio (Ta=25 Deg C, Tp<10us)
1000
Radiation Pattern
30 20 10 0
1.0
Allowable Forward Current, mA
40
100
0.8
50
0.6
10
60 70
0.4
0.2
1 1 10 100
80 90
0
Duty Ratio, %
4
27/06/2007 V(O)
DOMINANT TM
Innovating Illumination
Semiconductors
GaN : DDx-KJS-I1
DomiLED * GaN : DDx-KJS-I1 Package Outlines
TM
5
27/06/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
GaN : DDx-KJS-I1
Recommended Solder Pad
6
27/06/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
GaN : DDx-KJS-I1
Taping and orientation
* Reels come in quantity of 2000 units. * Reel diameter is 180 mm.
7
27/06/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
GaN : DDx-KJS-I1
Packaging Specification
8
27/06/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
GaN : DDx-KJS-I1
Packaging Specification
Moisture sensitivity level
Barcode label
DOMINANT Semiconductors
LOT NO : lotno
ROHS Compliant PB Free
S/N : xxx D/C: xxxx
PART NO : partno QTY : qty GROUP : group
Reel Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag
Average 1pc DomiLED/Multi DomiLED
Weight (gram) Weight (gram) 0.034 0.034
1 completed bag (2000pcs)
190 10 190 10
DOMINANT TM
Semiconductors
Cardboard Box
For DomiLED
TM
Cardboard Box Size
Small Large
Dimensions (mm)
Empty Box Weight (kg)
0.58 1.74
Reel / Box
Quantity / Box (pcs)
300 x 250 x 250 416 x 516 x 476
15 reels MAX 55 reels MAX
30,000 MAX 110,000 MAX
9
27/06/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
GaN : DDx-KJS-I1
Recommended Sn-Pb IR-Reflow Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
275 250 225 200 Ramp-up 3C/sec max. 235-240C 10-30s
Temperature (C)
175 150 125 100 75 50 25 0 50 100 150 200 Preheat 60-120s 360s max Rampdown 6C/sec max. 183C 60-150s
Recommended Pb-free Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
300 275 250 225 217C Ramp-up 3C/sec max. 255-260C 10-30s
Temperature (C)
200 175 150 125 100 75 50 25 0 50 Preheat 60-180s 480s max 100 150 200 Rampdown 6C/sec max. 60-150s
Time (sec)
10
27/06/2007 V(O)
DOMINANT TM
Innovating Illumination
Semiconductors
GaN : DDx-KJS-I1
Revision History
Page Subjects Initial Release Date of Modification 27 Jun 2007
NOTE All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein. DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the Managing Director of DOMINANT Semiconductors.
11
27/06/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
GaN : DDx-KJS-I1
About Us DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world's leading SMT LED Manufacturers. An excellence - driven organization, it offers a comprehensive product range for diverse industries and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT's extra bright LEDs are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT's state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com.
Please contact us for more information: Head Quarter DOMINANT Semiconductors Sdn. Bhd. Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia Tel: (606) 283 3566 Fax: (606) 283 0566 E-mail: sales@dominant-semi.com
DOMINANT China Sales Office DOMINANT Semiconductors (Shenzhen) Co. Ltd. 24BC Newbaohui Building, No. 1007 West Nanhai Blvd., Nanshan, Shenzhen, China P.C. 518054 Tel: +86 (755) 86031785 / +86 (755) 86031786 Fax: +86 (755) 86031789 E-mail: sales_china@dominant-semi.com
DOMINANT Korea Sales Office DOMINANT Semiconductors Korea Inc. 902 Sunil Technopia, 440 Sangdaewon-dong, Jungwon-gu, Sungnam-si, Kyunggi-do, Korea 462726 Tel: 82-31-777-3978 Fax: 82-31-777-3976 E-mail: sales_korea@dominant-semi.com
DOMINANT
Semiconductors
Innovating Illumination
TM


▲Up To Search▲   

 
Price & Availability of DDB-KJS-M2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X