Part Number Hot Search : 
AR912 1N5224C SK1060D1 E260H PVR2300 BGU7051 TM6157 32F10
Product Description
Full Text Search
 

To Download DDA144EU-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA143TU DDA114TU
DDA (xxxx) U
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
Mechanical Data
* * * * * * * * *
Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 3) Ordering Information (See Page 3) Weight: 0.006 grams (approx.)
J K
P/N DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA113TU DDA143TU DDA114TU
R1 22KW 47KW 10KW 2.2KW 10KW 1KW 4.7KW 10KW
R2 22KW 47KW 47KW 47KW 10KW 3/4 3/4 3/4
MARKING P17 P20 P14 P06 P13 P01 P07 P12
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VCC DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA113TU DDA143TU DDA114TU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA113TU DDA143TU DDA114TU All Value 50 +10 to -40 +10 to -40 +6 to -40 +5 to -12 +10 to -40 +5 Vmax +5 Vmax +5 Vmax -30 -30 -70 -100 -50 -100 -100 -100 -100 200 625 Unit V
Characteristic Supply Voltage, (1) to (6) and (4) to (3) Input Voltage, (1) to (2) and (4) to (5)
Output Current
Output Current Power Dissipation (Total) Thermal Resistance, Junction to Ambient Air (Note 1)
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. 150mW per element must not be exceeded. 3. No purposefully added lead.
DS30346 Rev. 7 - 2
1 of 6 www.diodes.com
PXX YM PXX YM
G H D F
* * *
Epitaxial Planar Die Construction Built-In Biasing Resistors Lead Free/RoHS Compliant (Note 3)
A
SOT-363 Dim
BC
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
A B C D F
M
0.65 Nominal
H J K L M a
L
All Dimensions in mm
6
5
R1 R 2 R2 R1
4
6
5
R1 R1
4
1
2
R1, R2
3
1
2
R1 Only
3
SCHEMATIC DIAGRAM
VIN
V
IO
mA
IC (Max) Pd RqJA
mA mW C/W
DDA (xxxx) U
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified
NEW PRODUCT
Characteristic (DDA113TU & DDA143TU & DDA114TU only) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product* Characteristic DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE DR1 fT
Min -50 -50 -5 3/4 3/4 3/4 100 -30 3/4
Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 3/4 250 Min -0.5 -0.5 -0.3 -0.5 -0.5 3/4
Max 3/4 3/4 3/4 -0.5 -0.5 -0.3 600 +30 3/4 Typ -1.1 -1.1 ---1.1 -1.9 -1.9 ---1.9
Unit V V V mA mA V 3/4 % MHz Max 3/4 V Unit
Test Condition IC = -50mA IC = -1mA IE = -50mA VCB = -50V VEB = -4V IC/IB = -2.5mA / -0.25mA IC/IB = -1mA / -0.1mA IC/IB = -10mA / -1mA 3/4 VCE = -10V, IE = 5mA, f = 100MHz Test Condition DDA143TU DDA114TU DDA113TU
IC = -1mA, VCE = -5V
Symbol
Vl(off)
VCC = -5V, IO = -100mA
Input Voltage
Vl(on)
-3.0 -3.0 -1.4 -1.1 -3.0
VO = -0.3, IO = -5mA VO = -0.3, IO = -2mA VO = -0.3, IO = -1mA VO = -0.3, IO = -5mA VO = -0.3, IO = -10mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -5mA / -0.25mA IO/Il = -5mA / -0.25mA IO/Il = -10mA / -0.5mA
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
Il
3/4 3/4 56 68 68 80 30 -30 -20 3/4
3/4 3/4 3/4 3/4 3/4 250
-0.36 -0.18 -0.88 -3.6 -0.88 -0.5 3/4
mA mA 3/4
VI = -5V
Output Current
IO(off)
VCC = -50V, VI = -0V VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA 3/4 3/4 VCE = -10V, IE = -5mA, f = 100MHz
DC Current Gain
Gl DR1 R2/R1 fT
Input Resistor (R1) Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
+30 +20 3/4
% % MHz
DS30346 Rev. 7 - 2
2 of 6 www.diodes.com
DDA (xxxx) U
Ordering Information (Note 4)
NEW PRODUCT
Device DDA124EU-7-F DDA144EU-7-F DDA114YU-7-F DDA123JU-7-F DDA114EU-7-F DDA113TU-7-F DDA143TU-7-F DDA114TU-7-F
Notes:
Packaging SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September 2007 U May 5 Jun 6 2008 V Jul 7 Aug 8 2009 W Sep 9 2010 X Oct O Nov N 2011 Y Dec D
Date Code Key Year Code Month Code 2004 R Jan 1 Feb 2 2005 S Mar 3 2006 T Apr 4
DS30346 Rev. 7 - 2
PXX YM PXX YM
3 of 6 www.diodes.com
DDA (xxxx) U
NEW PRODUCT
TYPICAL CURVES - DDA123JU ONE SECTION
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
0.1
25 C
75 C -25 C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
VCE = 10V
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
f = 1MHz
10
hFE, DC CURRENT GAIN
75 C
COB, CAPACITANCE (pF)
8 6 4 2 0
-25 C
25 C
100
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C VO = 5V 25C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2V
100
IC, COLLECTOR CURRENT (mA)
10
-25C
Vin, INPUT VOLTAGE (V)
-25C
1
1
75 C
0.1
25C
0.01
0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30346 Rev. 7 - 2
4 of 6 www.diodes.com
DDA (xxxx) U
NEW PRODUCT
TYPICAL CURVES - DDA114TU ONE SECTION
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
0.1
75 C
25 C -25 C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
75 C VCE = 10V
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
f = 1MHz
10
25 C
-25 C
COB, CAPACITANCE (pF)
hFE, DC CURRENT GAIN
100
8 6 4 2 0
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2V
100
IC, COLLECTOR CURRENT (mA)
25C
10
Vin, INPUT VOLTAGE (V)
-25C
1
-25C
1
75 C 25C
0.1
0.01
0.001 0 1 2 3 4 5
6
7
8
9
10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30346 Rev. 7 - 2
5 of 6 www.diodes.com
DDA (xxxx) U
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30346 Rev. 7 - 2
6 of 6 www.diodes.com
DDA (xxxx) U


▲Up To Search▲   

 
Price & Availability of DDA144EU-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X