Part Number Hot Search : 
MB90671 ANTXV1N C1510 Z5245B 2N7002LL MB90671 2SD998 00400
Product Description
Full Text Search
 

To Download DDA144EH-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH
Pb
Lead-free
DDA (xxxx) H
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
Features
* * * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDC) Built-In Biasing Resistors Lead Free By Design/RoHS Compliant (Note 3)
A
Dim A
SOT-563 Min 0.15 1.10 1.55 0.90 1.50 0.56 0.15 0.10 Max 0.30 1.25 1.70 0.50 1.10 1.70 0.60 0.25 0.18 1.00 1.60 0.60 0.20 0.11 Typ 0.25 1.20 1.60
PXXYM
D G
BC
B C D G H K L M
Mechanical Data
* * * * * *
Case: SOT-563 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Weight: 0.005 grams (approx.)
K H
M
L
All Dimensions in mm
SEE NOTE 1
6
P/N DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH R1 22KW 47KW 4.7KW 10KW 2.2KW 10KW 4.7KW 10KW R2 22KW 47KW 4.7KW 47KW 47KW 10KW MARKING P17 P20 P08 P14 P06 P13 P07 P12
5
4
6
5
R1 R1
4
R1 R 2 R2 R1
1
2
R1, R2
3
1
2
R1 Only
3
SCHEMATIC DIAGRAM, TOP VIEW
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VCC DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH All Value -50 +10 to -40 +10 to -40 +10 to -30 +6 to -40 +5 to -12 +10 to -40 +5 Vmax +5 Vmax -30 -30 -100 -70 -100 -50 -100 -100 -100 150 833 -55 to +150 Unit V
Characteristic Supply Voltage (6) to (1) and (3) to (4) Input Voltage (2) to (1) and (5) to (4)
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 2) Operating and Storage and Temperature Range
Note:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180 rotated, or mixed (both ways). 2. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 3. No purposefully added lead.
DS30420 Rev. 3 - 2
1 of 5 www.diodes.com
DDA (xxxx) H
a Diodes Incorporated
Electrical Characteristics
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Gain-Bandwidth Product* Characteristic
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Min -50 -50 -5 3/4 3/4 3/4 100 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 250 Min -0.5 -0.5 -0.5 -0.3 -0.5 -0.5 Max 3/4 3/4 3/4 -0.5 -0.5 -0.3 600 3/4 Typ -1.1 -1.1 -1.1 ---1.1 -1.9 -1.9 -1.9 ---1.9 Unit V V V mA mA V 3/4 MHz Max Unit Test Condition IC = -50mA IC = -1mA IE = -50mA VCB = -50V VEB = -4V IC/IB = -2.5mA / -0.25mA IC/IB = -1mA / -0.1mA DDA143TH DDA114TH
Characteristic (DDA143TH & DDA114TH only)
IC = -1mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz Test Condition
Symbol DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH
Vl(off)
3/4 V
VCC = -5V, IO = -100mA
Input Voltage
Vl(on)
3/4
-3.0 -3.0 -3.0 -1.4 -1.1 -3.0
VO = -0.3V, IO = -5mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -1mA VO = -0.3V, IO = -5mA VO = -0.3V, IO = -10mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -5mA / -0.25mA IO/Il = -5mA / -0.25mA IO/Il = -10mA / -0.5mA
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
Il
3/4
3/4
-0.36 -0.18 -1.8 -0.88 -3.6 -0.88 -0.5
mA
VI = -5V
Output Current
IO(off)
3/4 56 68 20 68 80 30 3/4
3/4
mA
VCC = -50V, VI = -0V VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VCE = -10V, IE = -5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Gain-Bandwidth Product* * Transistor - For Reference Only
fT
250
3/4
MHz
DS30420 Rev. 3 - 2
2 of 5 www.diodes.com
DDA (xxxx) H
Ordering Information (Note 4)
Device DDA124EH-7 DDA144EH-7 DDA143EH-7 DDA114YH-7 DDA123JH-7 DDA114EH-7 DDA143TH-7 DDA114TH-7
Notes:
Packaging SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PXXYM
Date Code Key Year Code Month Code Jan 1 Feb 2 2003 P Mar 3
PXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
2004 R Apr 4
2005 S May 5
2006 T Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
DS30420 Rev. 3 - 2
3 of 5 www.diodes.com
DDA (xxxx) H
TYPICAL CURVES - DDA143EH
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
75 C -25 C 25 C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
VCE = 10V
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
f = 1MHz
100
75 C 25 C -25 C
COB, CAPACITANCE (pF)
10 8 6 4 2 0
hFE, DC CURRENT GAIN
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100
IC, COLLECTOR CURRENT (mA)
75 C
VO = 5V 25C
VO = 0.2V
-25C
Vin, INPUT VOLTAGE (V)
10
-25C
75 C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30420 Rev. 3 - 2
4 of 5 www.diodes.com
DDA (xxxx) H
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30420 Rev. 3 - 2
5 of 5 www.diodes.com
DDA (xxxx) H


▲Up To Search▲   

 
Price & Availability of DDA144EH-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X