Part Number Hot Search : 
OPN20 A5800 MIC2010 BA604 C2434S 140SA1 1N3050D AP4056
Product Description
Full Text Search
 

To Download DCR258 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * CURRENT REGULATOR DIODES * CONSTANT CURRENT OVER WIDE VOLTAGE RANGE * HIGH SOURCE IMPEDANCE * METALLURGICALLY BONDED * DOUBLE PLUG CONSTRUCTION
DCR250 thru DCR257
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500 mW @ +50C @ TL = 3/8" Power Derating: 4 mW / C above +50C
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified
TYPE NUMBER
REGULATOR CURRENT l p (mA) @ VS = 25V (Note 1) NOM MIN 4.59 5.04 5.58 6.12 6.75 7.38 8.19 9.00 MAX 5.61 6.16 6.82 7.48 8.25 9.02 10.01 11.10 5.10 5.60 6.20 6.80 7.50 8.20 9.10 10.00
MINIMUM DYNAMIC IMPEDANCE @VS = 25V ZS (K ) (Note 2) 100 90 80 70 50 30 20 10
MINIMUM KNEE IMPEDANCE @VK = 6.0 V ZK(K ) (Note 3) 4.0 4.0 3.0 2.0 1.5 1.5 1.0 1.0
MAXIMUM LIMITING VOLTAGE @ lL = 0.8 l p (min) VL (VOLTS) 3.67 4.03 4.46 4.90 5.40 5.90 6.55 7.20
PEAK OPERATING VOLTAGE VOLTS 80 80 70 70 60 60 50 50
FIGURE 1
DCR250 DCR251 DCR252 DCR253 DCR254 DCR255 DCR256 DCR257
DESIGN DATA
CASE: Hermetically sealed glass case. DO-7 outline. LEAD MATERIAL: Copper clad steel.
NOTE 1 NOTE 2 NOTE 3
Pulse measurement @ 1% duty cycle, 10 milliseconds maximum. ZS is derived by superimposing A 90Hz RMS signal equal to 10% of VS on VS ZK is derived by superimposing A 90Hz RMS signal equal to 10% of VK on VK
LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 25 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end negative. MOUNTING POSITION: Any
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
83


▲Up To Search▲   

 
Price & Availability of DCR258

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X