Part Number Hot Search : 
BL317L AAT3512 EL6296CL BL317L TLSU163F GBL205 CS433408 001118
Product Description
Full Text Search
 

To Download DCR150-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
DISCRETE SEMICONDUCTORS
DCR150-4 THRU DCR150-8
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 200 to 600 Volts CURRENT - 1.5 Amperes
Description
* Driven directly with IC and MOS device * Feature proprietary, void-free glass passivated chips * Available in voltage ratings from 200 to 600 volts * Sensitive gate trigger current * Designed for high volume, line-powered control application in relay lamp drivers, small motor controls, gate drivers for large thyristors
TO-92
.190(4.83) .170(4.33) .190(4.83) .170(4.33) 2 Typ
o o
Pinning
1 = Cathode, 2 = Gate, 3 = Anode
2 Typ
Absolute Maximum Ratings(TA=25
Characteristic Peak Repetitive Off-State Voltage and Reverse Voltage DCR150-4 DCR150-6 DCR150-8
o
C)
Rating 200 400 600 1.5 15 1.0 0.1 0.01 -40 to +110 -40 to +150 Unit V A A A W W
o o
Symbol VDRM, VRRM IT(RMS) ITSM IGM PGM PG(AV) TJ TSTG
.500 Min (12.70) .022(0.56) .014(0.36) .100 Typ (2.54) .022(0.56) .014(0.36)
.050 Typ (1.27)
On-State RMS Current (TA=57oC, 180o Conduction Angles) Peak Non-repetitive Surge Current (1/2 Cycle, Sine Wave 60Hz) Forward Peak Gate Current Forward Peak Gate Power Dissipation Forward Average Gate Power Dissipation Operating Junction Temperature Storage Temperature
321
.148(3.76) .132(3.36)
.050 Typ o o 5 Typ 5 Typ (1.27)
C
Dimensions in inches and (millimeters)
C
Electrical Characteristics o
Characteristic Peak Repetitive Forward or Reverse Off-State Blocking Current Peak Forward On-State Voltage Continuous DC Gate Trigger Current Continuous DC Gate Trigger Voltage DC Holding Current
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol TJ=25oC TJ=110oC IDRM, IRRM VTM IGT VGT IH dv/dt Tgt RJC Min Typ 25 3.5 75 Max 10 200 1.7 200 0.8 5.0 Unit A V A V mA V/S sec
o
Test Conditions VAK=Rated VDRM or VRRM RGK=1K ITM=1A Peak VAK=7V DC, RL=100 VAK=7V DC, RL=100 RGK=1K RGK=1K IGT=10mA -
Critical Rate-of-Rise of Off-State Voltage Gate Controlled Turn-on Time(tD+tR) Thermal Resistance, Junction to Case
C/W


▲Up To Search▲   

 
Price & Availability of DCR150-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X