Part Number Hot Search : 
ST2204 ST19WP18 SMLJ40CA ADG467 HI576605 766104 EMK23 TND517VS
Product Description
Full Text Search
 

To Download DC56-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-11GWA
GREEN
Features
0.56 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. TWO DIGIT PACKAGE SIMPLIFIESALIGNMENTS & ASSEMBLY. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAA5879 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: APR/23/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 3 ERP:1302000356
Selection Guide
Part No. Dice Lens Type Iv (ucd) @ 10mA Min. DC56-11GWA GREEN (GaP) WHITE DIFFUSED 1900 Typ. 10500 Common Cathode, Rt. Hand Decimal. Description
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 5mm below package base.
Green 105 25 140 5 -40C To +85C 260C For 5 Seconds
Units mW mA mA V
SPEC NO: DSAA5879 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: APR/23/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 3 ERP:1302000356
Green
DC56-11GWA
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAA5879 APPROVED: J. Lu
REV NO: V.7 CHECKED: Joe Lee
DATE: APR/23/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 3 ERP:1302000356


▲Up To Search▲   

 
Price & Availability of DC56-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X