Part Number Hot Search : 
242003B HD61200 CY22391 SI851X EE320 ATMEGA MAZ3027 XR1015CN
Product Description
Full Text Search
 

To Download DC2406KL-04W-B50-L00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC 2406KL Series Fan
s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s s
0.169.008 (4.3.02) DIA thru 4 plcs
7.9 Min. (200 Min.)
0.17 (4.3) DIA 4 Holes
AIR
2.48 DIA (63)
1.97 (50.0) 2.24 (57.0)
FEATURES/ BENEFITS * Size: 2.36 in sq. X 0.59 in (60mm sq. X 15mm) * Low Noise Levels: 19 ~ 34 dB(A) * Low Weight: 1.59 oz (45g) * Long life and quiet operation guaranteed by dual ball bearing design * Temperature range: -10C to +70C (operating range) * Meets UL/CSA, VDE, CE requirements * Airflow: 7 ~ 19 CFM
Inlet/Outlet
0.590.00 (15.00.2)
1.970.00 (50.00.3) 2.360.00 (60.00.3)
LOT NO.
Dimensions are in inches. ( ) are in millimeters
Model Number 2406KL-04W-B10-L00 2406KL-04W-B20-L00 2406KL-04W-B30-L00 2406KL-04W-B40-L00 2406KL-04W-B50-L00
1) Average values
Operating Voltage 7~13.8 6~13.8 6~13.8 6~13.8 6~13.8
Rated Voltage V 12 12 12 12 12
Max. Air Flow 1 m /min 0.19 0.33 0.40 0.45 0.52
3
Max. Static Pressure 1 Pa 8.5 23.4 31.3 39.7 51.2
Speed rpm 1800 3100 3600 4100 4600
1
Current A 0.04 0.07 0.09 0.13 0.16
Input Power W 0.48 0.84 1.08 1.56 1.92
Noise dB 19 25 28 31 34
SPEED (RPM) 1000 2000 3000 4000 STATIC PRESSURE (In. of Water) 0 .04 .08 .12 .16
SPEED (RPM) 1000 2000 3000 4000 5000 6000 STATIC PRESSURE (In. of Water) 0 .04 .08 .12 .16 .20 .24
B20 RPM Curve
* Applications: PentiumTM Class Notebooks, Set Top Boxes, Docking Stations, and Telephone Packs
B40 RPM Curve
SPEED (RPM) 1000 2000 3000 4000 5000 6000 STATIC PRESSURE (In. of Water) 0 .04 .08 .12 .16 .20 .24
* Lead Wires: AWG 26, Red/Black/UL1007
Air Flow Curves
B10/B20 B30/B40 B50
RPM Curve
B10 RPM Curve
B30 RPM Curve
P-Q Curve
B20 P-Q Curve B10 P-Q Curve
B40 P-Q Curve B30 P-Q Curve 4 8 12 16 AIR FLOW (CFM) 20
0
0
0
4
8 12 AIR FLOW (CFM)
16
0
0
0
4
8 12 16 AIR FLOW (CFM)
20
9730 Independence Ave., Chatsworth, California 91311 *Telephone: (800) 662-8321 *Internet: http://www.nmbtech.com
AF8/97 Printed in U.S.A. Specifications Subject to Change Without Notice. All other brand or product names mentioned are trademarks or registered trademarks of their respective holders.


▲Up To Search▲   

 
Price & Availability of DC2406KL-04W-B50-L00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X