Part Number Hot Search : 
CR5229 HAL880UT 2SC5739 PJF13N50 2545CT BC857C UPD78 SHA2604
Product Description
Full Text Search
 

To Download DBI25005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DBI 25-005 ... DBI 25-16 Three-Phase Si-Bridge Rectifiers Dreiphasen-Si-Bruckengleichrichter Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Metal case - Metallgehause Dimensions Abmessungen Weight approx. - Gewicht ca. Compound has classification UL94V-0 Vergumasse UL94V-0 klassifiziert
Dimensions / Mae in mm
25 A 50...1600 V
40 x 20 x 10 [mm] 35 g
Standard packaging: bulk see page 22 Standard Lieferform: lose im Karton s. Seite 22
Maximum ratings Type Typ DBI 25-005 DBI 25-01 DBI 25-02 DBI 25-04 DBI 25-06 DBI 25-08 DBI 25-10 DBI 25-12 DBI 25-14 DBI 25-16 max. alternating input voltage max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700 800 900 1000
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000 1200 1400 1600 100A 2) 350 A 550 A2s - 50...+150/C - 50...+150/C
Repetitive peak fwd. current - Period. Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t <10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1 2
f > 15 Hz TA = 25/C TA = 25/C
IFRM IFSM i2t Tj TS
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if the temperature of the case is kept to 120/C - Gultig, wenn die Gehausetemp. auf 120/C gehalten wird 342 28.02.2002
DBI 25-005 ... DBI 25-16 Characteristics Max. current without cooling fin Dauergrenzstrom ohne Kuhlblech Max. current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlaspannung Leakage current - Sperrstrom TA = 50/C TA = 50/C Tj = 25/C Tj = 25/C R-load C-load R-load C-load IF = 12.5 A VR = VRRM IFAV IFAV IFAV IFAV VF IR VISO RthC M4 Kennwerte 4.0 A 4.0 A 25.0 A 25.0 A < 1.05 V 1) < 10 :A >2500 V < 3.3 K/W 18 10% lb.in 2 10% Nm
Isolation voltage terminals to case Isolationsspannung Anschlusse zum Gehause Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment
1
) Valid for one branch - Gultig fur einen Bruckenzweig 28.02.2002
343


▲Up To Search▲   

 
Price & Availability of DBI25005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X