Part Number Hot Search : 
XP306B 72004 MS27473 TC1902 IZ0065 SF315 X1624 FMMT4124
Product Description
Full Text Search
 

To Download DB107S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
DB101S THRU DB107S
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES
* * * * Surge overload rating - 30 Amperes peak Ideal for printed circuit board Reliable low cost construction Glass passivated junction
DB-1S
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: MIL-STD-202E, Method 208 guaranteed Polarity: Symbols molded or marked on body Mounting position: Any Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage
o Maximum Average Forward Output Current at TA = 40 C
DB101S DB102S 50 35 50 100 70 100
DB103S DB104S DB105S DB106S DB107S 200 140 200 400 280 400 1.0 30 600 420 600 800 560 800 1000 700 1000
UNITS Volts Volts Volts Amps Amps
VRRM VRMS VDC IO IFSM
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per Bridge Element at 1.0A DC Maximum DC Reverse Current at rated DC Blocking Voltage per element I 2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance ( Note1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts @TA = 25 C @TA = 125 o C
o
VF
1.1 10 500
Volts uAmps A 2 Sec pF
0
IR I2t CJ RJ A TJ,TSTG
10 25 40 -55 to + 150
C/W C
0
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13x13mm) copper pads.
362
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT
RATING AND CHARACTERISTIC CURVES ( DB101S THRU DB107S )
DC COMPONENTS CO., LTD.
R
363
NEXT EXIT EXI BACK NEXT BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of DB107S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X