Part Number Hot Search : 
TDA737 FF0750L FF0750L 80020 2SD2170 20SY01 SP8854 MMC4055
Product Description
Full Text Search
 

To Download DAN217U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DAN217U
Diodes
Switching diode
DAN217U
Application Ultra high speed switching External dimensions (Unit : mm) Land size figure (Unit : mm)
1.3
2.00.2 0.30.1
Features 1) Ultra small mold type. (UMD3) 2) High reliability.
(3)
1.250.1
2.10.1
0.9MIN.
Each lead has same dimension
0.150.05
0.65
0.8MIN
00.1 0.1Min
Construction Silicon epitaxial planar
(2) 0.65 0.65
(1)
UMD3
1.30.1
0.70.1 0.90.1
Structure
ROHM : UMD3 JEDEC : SOT-323 JEITA : SC-70 dot (year week factory)
Taping specifications (Unit : mm)
4.00.1 2.00.05 1.550.05 0.30.1 1.750.1
3.50.05
8.00.2
2.40.1
5.50.2
2.250.1 0
4.00.1
0.50.05
00.1
2.40.1
1.250.1
Absolute maximum ratings (Ta=25C)
Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Forward current (Single) Average rectified forward current (Single) Surge curretnt t=1us Power dissipation Junction temperature Storage temperature Symbol VRM VR IFM Io Isurge Pd Tj Tstg Limits 80 80 300 100 4 200 150 -55 to +150 Unit V V mA mA A mW
Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Capacitance between terminals Reverse recovery time Symbol VF IR Ct trr Min. Typ. Max. 1.2 0.2 3.5 4 Unit V A pF ns Conditions IF=100mA VR=70V VR=6V , f=1MHz VR=6V , IF=5mA , RL=50
Rev.B
1.6
1/2
DAN217U
Diodes
Electrical characteristic curves (Ta=25C)
Ta=150 100 Ta=75 Ta=125 10000 1000 Ta=125 2.5 2.4 Ta=25 VR=0V f=1MHz n=10pcs
FORWARD CURRENT:IF(mA)
REVERSE CURRENT:IR(nA)
10
Ta=150
Ta=25 Ta=-25
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
Ta=75 100 Ta=25 10 1 0.1 0.01 0 10 20 30 40 50 60 70 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 80 Ta=-25
2.3 2.2 2.1 2 1.9 1.8 1.7 1.6 AVE:1.981pF
1
0.1
0 100 200 300 400 500 600 700 800 900 100 0
1.5 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS
950
100 Ta=25 IF=100mA n=30pcs 90 Ta=25 VR=80V n=10pcs
2.5 2.4 Ta=25 VR=0V f=1MHz n=10pcs
FORWARD VOLTAGE:VF(mV)
REVERSE CURRENT:IR(nA)
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
940
80 70 60 50 40 30 20 10 0 AVE:9.655nA
2.3 2.2 2.1 2 1.9 1.8 1.7 1.6 1.5 AVE:1.981pF
930
920
910 AVE:921.7m 900
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
20
10
5
PEAK SURGE FORWARD CURRENT:IFSM(A)
15 8.3ms 10
8 7 6 5 4 3 2 1 0 AVE:1.93ns
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm
1cyc
RESERVE RECOVERY TIME:trr(ns)
9
Ta=25 VR=6V IF=5mA RL=50 n=10pcs
4
Ifsm 8.3ms 8.3ms
3
1cyc
2
5 AVE:3.50A 0 IFSM DISRESION MAP
1
0 1 trr DISPERSION MAP 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100
100
1000 Ifsm t
10
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
Rth(j-a)
ELECTROSTATIC DISCHARGE TEST ESD(KV)
9 8 7 6 5 4 3 2 1 0 C=200pF R=0 C=100pF R=1.5k AVE:0.97kV AVE:2.54kV
PEAK SURGE FORWARD CURRENT:IFSM(A)
100
10
Rth(j-c)
Mounted on epoxy board
10
IM=1mA
IF=10mA
1ms
time
1 0.1 TIME:t(ms) IFSM-t CHARACTERISTICS 1 10 100
1 0.001
300us
TIME:t(s) Rth-t CHARACTERISTICS
0.1
10
1000
ESD DISPERSION MAP
Rev.B
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of DAN217U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X