Part Number Hot Search : 
CPH6103 PVM5WXX 70018 QT161 HT7938A 01V9A M035E IF1801
Product Description
Full Text Search
 

To Download DAN217 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DAN217
Diodes
Switching diode
DAN217
Application Ultra high speed switching External dimensions (Unit : mm) Land size figure (Unit : mm)
1.9
2.80.2
1.60.1
0.2
Features 1) Small mold type. (SMD3) 2) High reliability.
0.15 0.06 (3)
0.1
1.0MIN.
0.95
0.8MIN.
00.1 0.30.6 (2) 0.95 0.95 1.90.2 (1)
0.80.1 1.10.2 0.01
Construction Silicon epitaxial planar
SMD3
Structure
ROHM : SMD3 JEDEC :S0T-346 JEITA : SC-59 weekcode
Taping specifications (Unit : mm)
4.00.1 2.00.05 1.50.1 0
1.750.1
0.30.1
3.50.05
8.00.2
3.20.1
3.20.1
4.00.1
1.05MIN
00.5
5.50.2
3.20.1
1.350.1
Absolute maximum ratings (Ta=25C)
Param eter R evers e voltage (repetitive peak) Revers e voltage (DC) Forward current (Single) Average rectified forward current (Single) S urge current t=1us P ower dis s ipation J unction tem perature S torage tem perature Sym bol VRM VR IFM Io Isurg e Pd Tj Ts tg Lim its 80 80 300 100 4 200 150 -55 to +150 Unit V V mA mA A mW
Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Capacitance between terminals Reverse recovery time Symbol VF IR Ct trr Min. Typ. Max. 1.2 0.1 3.5 4 Unit V A pF ns Conditions IF=100mA VR=70V VR=6V , f=1MHz VR=6V , IF=5mA , RL=50
Rev.B
2.4
2.90.2 0.1 Each lead has same dimension 0.4 0.05
1/2
DAN217
Diodes
Electrical characteristic curves (Ta=25C)
Ta=150 100 Ta=75 Ta=125 10000 1000 Ta=125 10 f=1MHz Ta=75 100 Ta=25 10 1 0.1 0.01 0 100 200 300 400 500 600 700 800 900 100 0 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS 0 10 20 30 40 50 60 70 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 80 Ta=-25
FORWARD CURRENT:IF(mA)
REVERSE CURRENT:IR(nA)
10
Ta=25 Ta=150 Ta=-25
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
1
1
0.1
0.1 0 5 10 15 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS 20
950
100 Ta=25 IF=100mA n=30pcs 90 Ta=25 VR=80V n=10pcs
10 9 Ta=25 VR=6V f=1MHz n=10pcs
FORWARD VOLTAGE:VF(mV)
REVERSE CURRENT:IR(nA)
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
940
80 70 60 50 40 30 20 10 0 AVE:9.655nA
8 7 6 5 4 3 2 1 0 AVE:1.17pF
930
920
910 AVE:921.7mV 900 VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
20
10
5
PEAK SURGE FORWARD CURRENT:IFSM(A)
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm 15
1cyc 8.3ms
RESERVE RECOVERY TIME:trr(ns)
9 8 7 6 5 4 3 2 1 0 AVE:1.93ns
Ta=25 VR=6V IF=5mA RL=50 n=10pcs
4
Ifsm 8.3ms 8.3ms
3
1cyc
10
2
5 AVE:3.50A 0 IFSM DISRESION MAP
1
0 1 trr DISPERSION MAP 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100
100
1000
10 9
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
PEAK SURGE FORWARD CURRENT:IFSM(A)
ELECTROSTATIC DISCHARGE TEST ESD(KV)
Ifsm t
8 7 6 5 4 3 2 1 0
100 Mounted on epoxy board 10
IM=1mA IM=100mA IF=10mA IF=10A
10
AVE:2.54kV AVE:0.97kV
1ms time 1ms time 300us 300us
1 0.1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 1 100
1 0.001
0.1 TIME:t(s) 10 Rth-t CHARACTERISTICS
1000
C=200pF R=0
C=100pF R=1.5k
ESD DISPERSION MAP
Rev.B
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of DAN217

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X