Part Number Hot Search : 
20211 P60CA B57221 00AT90M 105001 1032E AT5669H 1604U
Product Description
Full Text Search
 

To Download DAN202K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DAN202K
Diodes
Switching diode
DAN202K
Applications Ultra high speed switching External dimensions (Unit : mm) Land size figure (Unit : mm)
0.8MIN.
2.90.2 Each lead has same dimension 0.15 0.06 (3)
0.1
Features 1) Small mold type. (SMD3) 2) High reliability
2.80.2 1.60.1
0.2
0.95
1.9
00.1 0.30.6
SMD3
(2) 0.95 0.95 1.90.2
(1)
0.80.1 1.10.2 0.01
Structure
Construction Silicon epitaxial planar
ROHM : SMD3 JEDEC :S0T-346 JEITA : SC-59 week code
Taping specifications (Unit : mm)
4.00.1 2.00.05 1.50.1 0 1.750.1 0.30.1
3.50.05
8.00.2
3.20.1
3.20.1
4.00.1
1.05MIN
00.5
5.50.2
3.20.1
1.350.1
Absolute maximum ratings (Ta=25C)
Parameter Reverse voltage (repatitive peak) Reverse voltage (DC) Forward current (Single) Forward current (Double) Average rectified forward current (Single) Average rectified forward current (double) Surge current t=1us (Single) Surge current t=1us Double Power dissipation Junction temperature Storage temperature Symbol VRM VR IFM IFM Io Io Isurge Isurge Pd Tj Tstg Limits 80 80 300 450 100 150 4 6 200 150 -55 to +150 Unit V V mA mA mA mA A A mW
Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Capacitance between terminals Reverse recovery time Symbol VF IR Ct trr Min. Typ. Max. 1.2 0.2 3.5 4 Unit V A pF ns Conditions IF=100mA VR=70V VR=0.5V , f=1MHz VR=6V , IF=5mA , RL=50
Rev.A
2.4
0.4 0.1 0.05
1.0MIN.
1/2
DAN202K
Diodes
Electrical characteristic curves (Ta=25C)
Ta=150 100
Ta=75 Ta=125
10000 1000
Ta=125
10 f=1MHz
FORWARD CURRENT:IF(mA)
REVERSE CURRENT:IR(nA)
Ta=75 100 Ta=25 10 1 0.1 0.01 Ta=-25
10
Ta=150
Ta=25 Ta=-25
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
80
1
1
0.1
0 100 200 300 400 500 600 700 800 900 1000
0.1 0 10 20 30 40 50 60 70 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 0 5 10 15 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS 20
FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS
950
100
10 Ta=25 VR=80V n=10pcs 9 Ta=25 VR=6V f=1MHz n=10pcs
FORWARD VOLTAGE:VF(mV)
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
940 930 920 910 AVE:921.7m 900 VF DISPERSION MAP
REVERSE CURRENT:IR(nA)
Ta=25 IF=100mA n=30pcs
90 80 70 60 50 40 30 20 10 0 IR DISPERSION MAP AVE:9.655nA
8 7 6 5 4 3 2 1 0 Ct DISPERSION MAP AVE:1.17pF
20
10 8 7 6 5 4 3 2 1 0 IFSM DISRESION MAP trr DISPERSION MAP AVE:1.93ns
5
PEAK SURGE FORWARD CURRENT:IFSM(A)
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm 15
1cyc 8.3ms
RESERVE RECOVERY TIME:trr(ns)
9
Ta=25 VR=6V IF=5mA RL=50 n=10pcs
4 3 2 1 0 1
Ifsm 8.3ms 8.3ms 1cyc
10
5 AVE:3.50A 0
10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS
100
100
1000
10
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
PEAK SURGE FORWARD CURRENT:IFSM(A)
ELECTROSTATIC DISCHARGE TEST ESD(KV)
Ifsm
Rth(j-a)
100
9 8 7 6 5 4 3 2 1 0 C=200pF R=0 C=100pF R=1.5k AVE:0.97kV AVE:2.54kV
t
Rth(j-c)
Mounted on epoxy board
10
10
IM=100mA
IF=10A
time 300us
1 0.1 TIME:t(ms) IFSM-t CHARACTERISTICS 1 10 100
1 0.001
0.01
TIME:t(ms) Rth-t CHARACTERISTICS
0.1
1 1ms
10
100
1000
ESD DISPERSION MAP
Rev.A
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of DAN202K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X