Part Number Hot Search : 
TPA6120 24D12 122ML 4787497 H8205A 01GEEG3V SP505BCM AT83C
Product Description
Full Text Search
 

To Download D66L6L-849HZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D66 & DP66 Series
1.0 Hz to 100 kHz Fixed Frequency
Description The D66 and DP66 Series of small 6-pole fixedfrequency, precision active filters provide high performance linear active filtering in a compact 32pin DIP package, with a broad range of corner frequencies and a choice of transfer functions. Individual D66 filters can serve in low-pass or highpass applications (DP66, low-pass only) or be combined to create custom band-pass or bandreject filters. These fully self-contained units require no external components or adjustments. Each model comes factory tuned to a user-specified corner frequency between 1 Hz and 100 kHz (DP66, 1 Hz to 5 kHz) and operate with low total harmonic distortion over a wide dynamic input voltage range from non-critical +/-5V to +/-18V power supplies. Features/Benefits: * Low harmonic distortion and wide signal-to-noise ratio to 16 bit resolution. * Compact 1.8"L x 0.8"W x 0.3"H minimizes board space requirements. * Plug-in ready-to-use, reducing engineering design and manufacturing cycle time. * Factory tuned, no external clocks or adjustments needed * Broad range of transfer characteristics and corner frequencies to meet a wide range of applications. Applications * Anti-alias filtering * Data acquisition systems * Communication systems and electronics * Medical electronics equipment and research * Aerospace, navigation and sonar applications * Sound and vibration testing * Acoustic and vibration analysis and control * Noise elimination * Signal reconstruction
1
32 Pin DIP 6-Pole Filters
Available D66L6B DP66L6B D66L6L DP66L6L
Low-Pass Models: ......................Page 6-pole Butterworth ....................................2 6-pole Butterworth (Low Power) ..............2 6-pole Bessel ............................................2 6-pole Bessel (Low Power) ......................2
Available High-Pass Models: .................................. D66H8B 6-pole Butterworth ....................................2 General Specifications: ........................................ Pin-out/package data & ordering information ..........3
25 Locust St, Haverhill, Massachusetts 01830 * Tel: 800/252-7074, 978/374-0761 * FAX: 978/521-1839 e-mail: sales@freqdev.com * Web Address: http://www.freqdev.com
D66 & DP66 Series
Fixed Frequency
Model Product Specifications Transfer Function Size Range fc D66 DP66 Theoretical Transfer Characteristics Passband Ripple
(theoretical)
6-Pole Low-Pass and High-Pass Filters
D66L6L & DP66L6L Low-Pass 6-Pole, Bessel 1.8" x 0.8" x 0.3" 1 Hz to 100 kHz 1 Hz to 5 kHz Appendix A Page 3 0.0 dB 0 0.1 dB max. 0 0.05 dB typ. Transfer Function Size Range fc D66 DP66 Theoretical Transfer Characteristics Passband Ripple
(theoretical)
D66L6B & DP66L6B Low-Pass 6-Pole, Butterworth 1.8" x 0.8" x 0.3" 1 Hz to 100 kHz 1 Hz to 5 kHz Appendix A Page 8 0.0 dB 0 0.1 dB max. 0 0.05 dB typ.
Model
D66H6B High-pass 6-Pole, Butterworth 1.8" x 0.8" x 0.3" 1 Hz to 100 kHz Not Available Appendix A Page 28 0.0 dB 0 0.1 dB to 100 kHz 0 0.05 dB to 120 kHz
DC Voltage Gain
(non-inverting)
Voltage Gain
(non-inverting)
Stopband Attenuation Rate
36 dB/octave
36 dB/octave
Stopband Attenuation Rate Power Bandwidth Power Bandwidth
36 dB min. (-6dB) 1 MHz 120 kHz fc 0.01% /C -3dB -270 80.0 dB 60.0 dB 3.01 dB 0.00 dB fc - 100 kHz 1% max.
Cutoff Frequency Stability Amplitude Phase Filter Attenuation
(theoretical)
fc 0.01% /C -3dB -270 0.29 dB 3.01 dB 60.0 dB 80.0 dB 0 - 0.8 fc 0.8 fc - 1.0 fc
1% max.
fc 0.01% /C -3dB -155 1.89 dB 3.01 dB 60.0 dB 80.0 dB 0 - fc
1% max.
Cutoff Frequency Stability Amplitude Phase Filter Attenuation
(theoretical)
0.80 fc 1.00 fc 3.16 fc 4.64 fc 2 max. 1 typ. 3 max. 1.5 typ.
0.80 fc 1.00 fc 5.41 fc 7.99 fc 2 max. 1 typ.
.21 fc .32 fc 1.00 fc 2.5 fc 3 max. 1.5 typ.
Phase Match1
Phase Match1
Amplitude Accuracy
(theoretical)
0.2 dB max. 0.1 dB typ. 0.8 fc - 1.0 fc 0.3 dB max. 0.15 dB typ. 0 - 0.8 fc
0 - fc
0.2 dB max. 0.1 dB typ.
Amplitude Accuracy
(theoretical)
0.3 dB max. 0.15 dB typ. 1.25fc-100kHz 0.2 dB max. 0.1 dB typ.
1.0 - 1.25 fc
Total Harmonic Distortion @ 1 kHz D66 DP66 Wide Band Noise
(5 Hz - 2 MHz)
<-100 dB typ. <-80 dB typ. 200 mVrms typ. 50 mVrms typ.
<-100 dB typ. <-80 dB typ. 200 mVrms typ. 50 mVrms typ.
Total Harmonic Distortion @ 1 kHz D66 Wide Band Noise
(5 Hz - 2 MHz)
<-88 dB typ. 400 mVrms typ. 100 mVrms typ.
Narrow Band Noise
(20 Hz - 100 kHz)
Narrow Band Noise
(20 Hz - 100 kHz)
Filter Mounting Assembly
FMA-01A
FMA-01A
Filter Mounting Assembly
FMA-01A
1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
2
25 Locust St, Haverhill, Massachusetts 01830 * Tel: 800/252-7074, 978/374-0761 * FAX: 978/521-1839 e-mail: sales@freqdev.com * Web Address: http://www.freqdev.com
D66 & DP66 Series
Specification
(25C and Vs 15 Vdc)
Analog Input Characteristics Impedance 10 kW min. Voltage Range 10 Vpeak Max. Safe Voltage Vs Analog Output Characteristics Impedance(Closed Loop) 1 W typ. 10 W max. Linear Operating Range 10 V 2 Maximum Current 2 mA 3 Offset Voltage 2 mV typ. 20 mV max. Offset Temp. Coeff. 50 mV / C Power Supply (V) Rated Voltage Operating Range Maximum Safe Voltage Quiescent Current D66
1
Pin-Out and Package Data Ordering Information
0.80
Side View
0.025 dia.
1.80
All dimensions are in inches All case dimensions 0.01"
Front View
0.30 0.15 (min)
0.80 0.70
OUT +VS
-VS OS4
Bottom View
GND IN
15 Vdc 5 to 18 Vdc 18 Vdc 19 mA typ. 30 mA max.
0.10 0.00
0.00 0.15 0.45 0.55 1.55 1.65 1.80
Filter Mounting Assembly-See FMA-01A
Quiescent Current DP66 7.0 mA typ. 8.0 mA max. Temperature Operating Storage 0 to + 70 C - 25 to + 85 C
Ordering Information
Filter Type L - Low Pass H - High Pass Transfer Function B - Butterworth L - Bessel
DC Offset Adjustment
Vs Do not connect if trim is not required. 20 k W (Cermet) OS Power Level
D66L6B-849 Hz
D - Standard Power DP - Low Power
Notes:
- 3 dB Corner Frequency
5
e.g., 849 Hz 2.50 kHz 33.3 kHz
1. Input and output signal voltage referenced to supply common. 2. Output is short circuit protected to common. DO NOT CONNECT TO Vs. 3. Adjustable to zero.
- Vs
4. Units operate with or with out offset pin connected. 5. How to Specify Corner Frequency: Corner frequencies are specified by attaching a three digit frequency designator to the basic model number. Corner frequencies can range from 1.00 Hz to 100 kHz.
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements, recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements, recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright. IN-00D66-00
3
25 Locust St, Haverhill, Massachusetts 01830 * Tel: 800/252-7074, 978/374-0761 * FAX: 978/521-1839 e-mail: sales@freqdev.com * Web Address: http://www.freqdev.com
Low-Pass
6-Pole Appendix A Theoretical Transfer Characteristics 1 f/fc Amp Phase Delay (Hz) (dB) (deg) (sec) 0.00 0.00 0.00 .430 0.10 -0.029 -15.5 .430 0.20 -0.116 -31.0 .430 0.30 -0.261 -46.5 .430 0.40 -0.465 -62.0 .430 0.50 -0.728 -77.4 .430 0.60 -1.05 -92.9 .430 0.70 -1.44 -108 .430 0.80 -1.89 -124 .430 0.85 -2.15 -132 .430 0.90 -2.42 -139 .430 0.95 -2.70 -147 .430 1.00 -3.01 -155 .430 1.10 -3.68 -170 .429 1.20 -4.44 -186 .428 1.30 -5.29 -201 .426 1.40 -6.23 -216 .422 1.50 -7.29 -232 .416 1.60 -8.46 -246 .401 1.70 -9.74 -261 .393 1.80 -11.1 -275 .376 1.90 -12.6 -287 .357 2.00 -14.2 -300 .335 2.25 -18.3 -328 .279 2.50 -22.6 -351 .228 2.75 -26.7 -369 187 3.00 -30.7 -385 .156 3.25 -34.5 -398 .131 3.50 -38.1 -408 .111 4.00 -44.7 -426 .083 5.00 -55.9 -449 .052 6.00 -65.2 -465 .036 7.00 -73.2 -476 .026 8.00 -80.1 -484 .020 9.00 -86.2 -490 .015 10.0 -91.6 -495 .013 Bessel Frequency Response 0 Amp (dB) -20 -40 -60 -80 -100 0.1 2 3 4 56781.0 2 3 4 567 10.0 Normalized Frequency(f/fc)
Delay (Normalized) 1.0 Delay (sec)
0.5
0.0 3 4 5 6 7 89 0.1 0.15 2 1.0 1.5 Normalized Time (1/f sec) Step Response 1.2 1.0 0.8 0.6 0.4 0.2 -0.0 -0.2 0 Step Response (V/V)
1.Normalized Group Delay: The above delay data is normalized to a corner frequency of 1.0Hz.The actual delay is the normalized delay divided by the actual corner frequency (fc). Actual Delay = Normalized Delay Actual Corner Frequency (fc) in Hz
1 2 3 4 Normalized Time (1/f sec)
5
25 Locust St., Haverhill, Massachusetts 01830 Tel :800/252-7074, 978/374-0761 FAX:978/521-1839 e-mail: sales@freqdev.com Web Address: http://www.freqdev.com Fax on Demand: 978/521-5178
3
Low-Pass
6-Pole Appendix A Theoretical Transfer Characteristics 1 f/fc Amp Phase Delay (Hz) (dB) (deg) (sec) 0.00 0.00 0.00 .615 0.10 0.00 -22.2 .617 0.20 0.00 -44.5 .624 0.30 0.00 -67.2 .637 0.40 0.00 -90.4 .656 0.50 -0.001 -115 .685 0.60 -0.009 -140 .731 0.70 -0.060 -167 .803 0.80 -0.289 -198 .911 0.85 -0.578 -215 .970 0.90 -1.080 -233 1.02 0.95 -1.88 -252 1.03 1.00 -3.01 -270 1.00 1.10 -6.17 -304 .845 1.20 -9.96 -331 .660 1.30 -13.9 -352 .518 1.40 -17.6 -368 .417 1.50 -21.2 -382 .345 1.60 -24.5 -393 .291 1.70 -27.7 -403 .251 1.80 -30.6 -412 .219 1.90 -33.5 -419 .193 2.00 -36.1 -425 .171 2.25 -42.3 -439 .132 2.50 -47.8 -450 .105 2.75 -52.7 -458 .086 3.00 -57.3 -465 .071 3.25 -61.4 -471 .060 3.50 -65.3 -476 .052 4.00 -72.2 -484 .039 5.00 -83.9 -496 .025 6.00 -503 .017 -93.4 7.00 -508 .012 -101 8.00 -512 .0097 -108 9.00 -515 .0076 -115 10.0 -518 .0062 -120 Butterworth Frequency Response 0 Amp (dB) -20 -40 -60 -80 -100 0.1
2
1.0 2 3 4 5 6 7 10.0 Normalized Frequency(f/fc)
3 4 5 6 78
Delay (Normalized) 2.0 Delay (sec)
1.0
0.0 0.1
0.15 2
3
4
5 6 7 89
Normalized Time (1/f sec)
1.0
1.5
Step Response Step Response (V/V) 1.2 1.0 0.8 0.6 0.4 0.2 -0.0 0 1 2 3 4 Normalized Time (1/f sec) 5
1.Normalized Group Delay: The above delay data is normalized to a corner frequency of 1.0Hz.The actual delay is the normalized delay divided by the actual corner frequency (fc). Actual Delay = Normalized Delay Actual Corner Frequency (fc) in Hz
25 Locust St., Haverhill, Massachusetts 01830 Tel :800/252-7074, 978/374-0761 FAX:978/521-1839 e-mail: sales@freqdev.com Web Address: http://www.freqdev.com Fax on Demand: 978/521-5178
8
High-Pass
6-Pole Appendix A Theoretical Transfer Characteristics 1 f/fc Amp Phase Delay (Hz) (dB) (deg) (sec) 0.10 -120 518 0.617 -83.9 0.20 496 0.624 -62.7 0.30 473 0.637 -47.8 0.40 450 0.656 -36.1 0.50 425 0.685 0.60 -26.6 400 0.731 0.70 -18.6 373 0.803 0.80 -11.9 342 0.911 0.85 -9.05 325 0.970 307 0.90 -6.57 1.017 0.95 -4.55 288 1.033 1.00 -3.01 270 1.005 0.660 1.20 -0.46 209 0.417 1.40 -0.08 172 0.291 1.60 -0.02 147 1.80 -0.00 128 0.219 2.00 -0.00 115 0.171 90.4 2.50 -0.00 0.105 -0.00 74.8 3.00 0.071 0.00 55.8 4.00 0.039 5.00 0.00 44.5 0.025 6.00 0.00 37.0 0.017 7.00 0.00 31.7 0.013 0.00 8.00 27.7 0.010 0.00 9.00 24.6 0.008 10.0 0.00 22.2 0.006 Butterworth Frequency Response 0 Amp (dB) -20 -40 -60 -80 -100 0.1
2
1.0 2 3 4 5 6 7 10.0 Normalized Frequency(f/fc)
3 4 5 6 78
1.Normalized Group Delay: The above delay data is normalized to a corner frequency of 1.0Hz.The actual delay is the normalized delay divided by the actual corner frequency (fc). Actual Delay = Normalized Delay Actual Corner Frequency (fc) in Hz
25 Locust St., Haverhill, Massachusetts 01830 Tel :800/252-7074, 978/374-0761 FAX:978/521-1839 e-mail: sales@freqdev.com Web Address: http://www.freqdev.com Fax on Demand: 978/521-5178
28


▲Up To Search▲   

 
Price & Availability of D66L6L-849HZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X