Part Number Hot Search : 
NCP5111 110K1 NJW41 MX536AJC BZW03C91 EPSA1 7GZITE1 SIS85
Product Description
Full Text Search
 

To Download D4SBS4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
SBD Bridges
D4SBS4
40V 4A
FEATURES *oe Single In-Line Package Thin *oe SBD Bridge *oe Low VF APPLICATION
OUTLINE DIMENSIONS
Case : 3S
(Unit : mm)
*oe power supply Switching
*oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z VRM Maximum Reverse Voltage 40 V VVoltage width 0.5ms, duty 1/40 Repetitive Peak Surge Reverse RRSM Pulse 45 V IO 50Hz sine wave, R-load With heatsink Tc=116*Z Average Rectified Forward Current 4 A 50Hz sine wave, R-load Without heatsink Ta=33*Z 2.3 Peak Surge Forward Current IFSM50Hz sine wave, Non-repetitive 1cycle peak value,60 Tj=25 *Z A P Power Repetitive Peak Surge Reverse RRSM Pulse width 10Es, Rating of per diode, Tj=25*Z160 W Dielectric Strength Vdis Terminals to case, AC 1 minute 2 kV Mounting Torque TOR * ecommended torque*0.5Nm*j R i F 0.8 Nm *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit VF IF Forward Voltage =2A, Pulse measurement, Rating of per diode Max.0.55 V IR V=V , Pulse measurement, Rating of per diode Max.2 mA Reverse Current R RM Junction Capacitance Cj f=1MHz, VR=10V, Rating of per diode TYP 95 pF AEjcjunction to case *@*@With heatsink Max.5.5 Thermal Resistance AEjljunction to lead *@*@ Without heatsink Max.6 *Z/W AEjajunction to ambient Without heatsink Max.40
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D4SBS4
Forward Voltage
10
Forward Current IF [A]
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
Forward Voltage VF [V]
D4SBS4
Junction Capacitance
f=1MHz Tc=25C TYP per diode
1000
Junction Capacitance Cj [pF]
100
10 0.1 1
10
Reverse Voltage VR [V]
D4SBS4
1000
Reverse Current
100
Tc=150C [MAX]
Reverse Current IR [mA]
Tc=150C [TYP] 10 Tc=125C [TYP]
Tc=100C [TYP] 1
Tc=75C [TYP]
0.1
Pulse measurement per diode
0.01
0
5
10
15
20
25
30
35
40
Reverse Voltage VR [V]
D4SBS4
8 7
Reverse Power Dissipation
Reverse Power Dissipation PR [W]
DC D=0.05 0.1 0.2 0.3
6 5 4
0.5 3 2 1 0
SIN 0.8
0
10
20
30
40
50
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
D4SBS4
8 7
Forward Power Dissipation
DC
D=0.8 0.5
Forward Power Dissipation PF [W]
6 0.3 5 0.1 4 3 2 1 0 0.05 0.2
SIN
0
1
2
3
4
5
6
7
Average Rectified Forward Current IO [A]
Tj = 150C IO 0 tp D=tp /T T
D4SBS4
8
Derating Curve
Average Rectified Forward Current IO [A]
7 DC 6 5 4 0.5 SIN 0.3 D=0.8
3 0.2 2 1 0 0.1 0.05
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = 20V 0 0
IO
VR tp D=tp /T T
D4SBS4
4
Derating Curve
Average Rectified Forward Current IO [A]
DC 3.5 3 0.5 2.5 2 1.5 0.1 1 0.5 0 0.05 SIN 0.3 0.2 D=0.8
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = 20V 0 0
IO
VR tp D=tp /T T
D4SBS4
100
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
80
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
60
40
20
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of D4SBS4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X