Part Number Hot Search : 
AT220 IRF7805 RGC20MH 4553B USD432 BC846B SMA20 HMC44909
Product Description
Full Text Search
 

To Download D4SBL40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Super Fast Recovery Rectifiers
Super Fast Bridges
D4SBL40
400V 4A
FEATURES *oe noise Low *oe Package SIL *oe High IFSM APPLICATION
OUTLINE DIMENSIONS
Case : 3S
(Unit : mm)
*oe power supply Switching
*oe ome (Electrical) Appliances Home H *oe ffice Equipment, Telecommunication, Office O Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 400 V IO 50Hz Average Rectified Forward Current sine wave, R-load With heatsink Tc=91*Z 4 A 50Hz sine wave, R-load Without heatsink Ta=25*Z.95 1 IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25 *Z A Peak Surge Forward Current 50 Dielectric Strength Vdis Terminals to case, AC 1 minute 2 kV Mounting Torque TOR * ecommended torque*0.5Nm*j R i F 0.8 Nm *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions VF IF Forward Voltage =2.5A, Pulse measurement, Rating of per diode IR V =V , Pulse measurement, Rating of per diode Reverse Current R RM = Reverse Recovery Time trr IF= 0.5A,RI 1A AEjc junction to case * * With heatsink @@ Thermal Resistance AEjl junction to lead * * Without heatsink @@ AEjajunction to ambient Without heatsink Ratings Unit Max.1.3 V Max.10 EA Max.50 ns Max.5.5 Max.6 *Z/W Max.30
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D4SBL40
Forward Voltage
10
Forward Current IF [A]
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.5
1
1.5
2
2.5
3
Forward Voltage VF [V]
D4SBL40
Junction Capacitance
f=1MHz Tc=25C TYP per diode
100
Junction Capacitance Cj [pF]
10
1 10
1
100
Reverse Voltage VR [V]
D4SBL40
16
Forward Power Dissipation
DC
14
D=0.8 0.5 SIN 0.3 0.2 0.1 0.05
Forward Power Dissipation PF [W]
12 10 8 6 4 2 0
0
1
2
3
4
5
6
7
Average Rectified Forward Current IO [A]
Tj = 150C 0
IO tp D=tp /T T
D4SBL40
8
Derating Curve
Heatsink Tc Tc
Average Rectified Forward Current IO [A]
7 DC 6 5 4 3 2 1 0 D=0.8
0.5 SIN 0.3 0.2 0.1 0.05
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = VRM 0 0
IO
VR tp D=tp /T T
D4SBL40
3
Derating Curve
Average Rectified Forward Current IO [A]
DC 2.5 0.5 2 SIN 0.3 1.5 0.2 0.1 0.05 0.5
D=0.8 Glass-epoxy substrate Soldering land 5mm
1
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = VRM Sine wave R-load Free in air
IO 0 0 VR tp D=tp /T T
D4SBL40
80
Peak Surge Forward Capability
IFSM
70
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
60
non-repetitive, sine wave, Tj=25C before surge current is applied
50
40
30
20
10
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of D4SBL40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X