Part Number Hot Search : 
OCS37 LTC3205 F7476 60NF0 31402 KAD5510 1N4740 UT7C139
Product Description
Full Text Search
 

To Download D4SB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY
LTD.
D4SB10(KBJ601G) Thru D4SB100(KBJ610G)
FEATURES
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 This series is UL listed under the Recognized Component index,file number E231047 Single-in-line package High current capality with small package Superior thermal conductivity High temperature soldering guaranted: 260 /10 seconds
High IFSM
Maximum Ratings & Thermal Characteristics Ratings at 25
ambient temperature unless otherwise specified.
Parameter Symbol Maximum repetitive voltage
Maximum DC reverse current at rated DC blocking voltage TA=25 TA=125
Symbol VRM IR
D4SB10
D4SB20
D4SB40
D4SB60
D4SB80
D4SB100
Unit V A
KBJ601G KBJ602G KBJ604G KBJ606G KBJ608G KBJ610G
100
200
400 10 500 6 120 2.5 1.1 150
600
800
1000
Average rectified forward current 60Hz Sine wave Resistance load with heat sink Tc=100 Peak forward surge current 8.3ms single half sinewave superimposed on rated load Dielectric strength Terminals to case AC 1 minute Current 1mA Maximum instantaneous forward voltage at 3A Operating junction temperature Storage temperature
Io IFSM Vdia VF TJ Tstg
A A KV V
-40~150


▲Up To Search▲   

 
Price & Availability of D4SB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X