Part Number Hot Search : 
ATA6285 SMAJ26A E226M NV23K C4020 5MF500 SMC100 SMAJ26A
Product Description
Full Text Search
 

To Download D4F60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
Single
D4F60
600V 4A
OUTLINE DIMENSIONS
Case : 2F Unit : mm
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage V RM 600 V 50Hz sine wave, R-load Tl=68*Z 4 Average Rectified Forward Current 50Hz sine wave, R-load Ta=25*Z On alumina substrate A IO 1.85 50Hz sine wave, R-load Ta=25*Z On glass-epoxy substrate 1.3 Peak Surge Forward Current IFSM50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z A 200 2 1ms*...t*10*" Current squared time It A2 s 150 *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions Forward Voltage V I =4A FF Pulse measurement Reverse Current IR V=600V R Pulse measurement AEjl junction to lead Thermal Resistance AEjajunction to ambient, On alumina substrate junction to ambient, On glass-epoxy substrate Ratings Unit Max.0.95 V Max.10 EA Max.23 Max.80 *Z/W Max.115
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D4F60
100
Forward Voltage
10
Forward Current IF [A]
Tl=150C [TYP]
Tl=25C [TYP]
1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D4F60
5
Forward Power Dissipation
Forward Power Dissipation PF [W]
4 SIN
3
2
1
0
0
1
2
3
4
5
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
D4F60
2.5
Derating Curve
Average Rectified Forward Current IO [A]
2
SIN
Alumina substrate Soldering land 2mm Conductor layer 20m Substrate thickness 0.64mm
1.5
1
0.5
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = VRM 0 0
IO
VR tp D=tp /T T
D4F60
2
Derating Curve
Average Rectified Forward Current IO [A]
1.5 SIN
Glass-epoxy substrate Soldering land 2mm Conductor layer 35m
1
0.5
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = VRM 0 0
IO
VR tp D=tp /T T
D4F60
6
Derating Curve
Average Rectified Forward Current IO [A]
5 SIN 4
3
2
1
0
0
20
40
60
80
100
120
140
160
Lead Temperature Tl [C]
VR = VRM 0 0
IO
VR tp D=tp /T T
D4F60
250
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
200
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
150
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of D4F60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X