Part Number Hot Search : 
XMXXX MAX485 LT1737 ZXM61N03 80PFR40 HFM106L PTZ13B 16N60
Product Description
Full Text Search
 

To Download D45H803 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
D45H5 D45H8 \ D45H11
PNP SILICON POWER TRANSISTORS
s
s
s
STMicroelectronics PREFERRED SALESTYPES LOW COLLECTOR-EMITTER SATURATION VOLTAGE FAST SWITCHING SPEED
s
APPLICATIONS GENERAL PURPOSE SWITCHING AND AMPLIFIER DESCRIPTION The D45H5, D45H8 and D45H11 are silicon Multi-Epitaxial Planar PNP transistors mounted in Jedec TO-220 plastic package. They are inteded for various switching and general purpose applications. D45H8, D45H11 are complementary with D44H8, D44H11.
1 2
3
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CEO V EBO IC I CM IB P tot T stg Tj Parameter D45H5 Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Base Current Total Dissipation at T c 25 C Storage Temperature Max. Operating Junction Temperature
o
Value D45H8 -60 -5 -10 -20 -5 50 -65 to 150 150 D45H11 -80 -45
Unit V V A A A W
o o
C C
February 2003
1/5
D45H5/D45H8/D45H11
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 2.5
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CBO I EBO Parameter Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CB = rated V CEO V EB = -5V I C = -100 mA for D45H5 for D45H8 for D45H11 I C = -8 A I C = -8 A I C = -8 A I C = -2 A I C = -4 A I B = -0.4 A I B = -0.8 A I B = -0.8 A V CE = -1 V V CE = -1 V 60 40 120 70 Min. Typ. Max. -10 -100 Unit A A
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V CE(sat) V BE(sat) h FE Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain
-45 -60 -80 -1 -1 -1.5
V V V V V
Pulsed: Pulse duration = 300 s, duty cycle 2 %
Safe Operating Area
Derating Curves
2/5
D45H5/D45H8/D45H11
DC Current Gain DC Current Gain
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
3/5
D45H5/D45H8/D45H11
TO-220 MECHANICAL DATA
DIM. A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M DIA. 3.75 13.00 2.65 15.25 6.20 3.50 2.60 3.85 0.147 mm MIN. 4.40 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.40 10.00 16.40 14.00 2.95 15.75 6.60 3.93 0.511 0.104 0.600 0.244 0.137 0.102 0.151 TYP. MAX. 4.60 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.70 10.40 MIN. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.394 0.645 0.551 0.116 0.620 0.260 0.154 inch TYP. MAX. 0.181 0.052 0.107 0.027 0.034 0.067 0.067 0.202 0.106 0.409
P011CI
4/5
D45H5/D45H8/D45H11
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of D45H803

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X