Part Number Hot Search : 
FMMT4 BA10324A MA751A M74ALS SMA17 MB90F 2N4901 M03623FC
Product Description
Full Text Search
 

To Download D44H802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
D44H8 D44H11
NPN SILICON POWER TRANSISTORS
s
s
s
STMicroelectronics PREFERRED SALESTYPES LOW COLLECTOR-EMITTER SATURATION VOLTAGE FAST SWITCHING SPEED
APPLICATIONS GENERAL PURPOSE SWITCHING s GENERAL PURPOSE AMPLIFIER
s
3 1 2
DESCRIPTION The D44H8, and D44H11 are silicon Multiepitaxial Planar NPN transistors mounted in Jedec TO-220 plastic package. They are inteded for various switching and general purpose applications. D44H8, D44H11 are complementary with D45H8, D45H11.
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CEO V EBO IC I CM P tot T stg Tj Parameter D44H8 Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Total Dissipation at T c 25 o C Storage Temperature Max. Operating Junction Temperature 60 5 10 20 50 -65 to 150 150 Value D44H11 80 V V A A W
o o
Unit
C C
July 2002
1/5
D44H8/D44H11
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 2.5
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CBO I EBO Parameter Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CB = rated V CEO V EB = 5V I C = 100 mA for D44H8 for D44H11 IC = 8 A IC = 8 A IC = 2 A IC = 4 A I B = 0.4 A I B = 0.8 A V CE = 1 V V CE = 1 V 60 40 Min. Typ. Max. 10 100 Unit A A
V CEO(sus) Collector-Emitter Sustaining Voltage V CE(sat) V BE(sat) h FE Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain
60 80 1 1.5
V V V V
Pulsed: Pulse duration = 300 s, duty cycle 2 %
Safe Operating Area
Derating Curves
2/5
D44H8/D44H11
DC Current Gain DC Current Gain
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
3/5
D44H8/D44H11
TO-220 MECHANICAL DATA
DIM. A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M DIA. 3.75 13.00 2.65 15.25 6.20 3.50 2.60 3.85 0.147 mm MIN. 4.40 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.40 10.00 16.40 14.00 2.95 15.75 6.60 3.93 0.511 0.104 0.600 0.244 0.137 0.102 0.151 TYP. MAX. 4.60 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.70 10.40 MIN. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.394 0.645 0.551 0.116 0.620 0.260 0.154 inch TYP. MAX. 0.181 0.052 0.107 0.027 0.034 0.067 0.067 0.202 0.106 0.409
P011CI
4/5
D44H8/D44H11
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of D44H802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X