Part Number Hot Search : 
OP27GN8 RT33L012 IS357B 663005 PI3B3251 RT33L012 C1317 OP27GN8
Product Description
Full Text Search
 

To Download D2F20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
Single
D2F20 200V 1.4A
FEATURES *oe High reliability with superior moisture resistance *oe Applicable to Automatic Insertion APPLICATION
*oe Conventional Rectification
OUTLINE DIMENSIONS
Case : 2F: 2F Case (Unit : mm)
*oe Power source(Power Supply) *oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Storage Temperature Tstg -55*150 Operating Junction Temperature Tj 150 Maximum Reverse Voltage VRM 200 Average Rectified Forward Current 50Hz sine wave, R-load, Ta=25*Z On alumina substrate IO 1.4 50Hz sine wave, R-load, Ta=25*Z On glass-epoxy substrate 1.1 Peak Surge Forward Current IFSM 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z 60 *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions Forward Voltage V IF F =1.4A, Pulse measurement Reverse Current IR V=V , Pulse measurement R RM AEjl junction to lead Thermal Resistance junction to ambient, On alumina substrate AEja junction to ambient, On glass-epoxy substrate Unit *Z *Z V A A
Ratings Unit Max.1.05 V Max.10 EA Max.24 Max.90 *Z/W Max.120
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D2Fx
Forward Voltage
10
Forward Current IF [A]
Tl=150C [TYP] 1
Tl=25C [TYP]
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage VF [V]
D2Fx
2.5
Forward Power Dissipation
SIN
Forward Power Dissipation PF [W]
2
1.5
1
0.5
0
0
0.5
1
1.5
2
2.5
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
D2Fx
2.8
Derating Curve
Average Rectified Forward Current IO [A]
2.4
Alumina substrate Glass-epoxy substrate Soldering land 2mm Soldering land 2mm Conductor layer 20m Conductor layer 35m Substrate thickness 0.64mm
2
1.6
1.2
0.8
Alumina substrate
0.4
Glass-epoxy substrate
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air
D2Fx
100
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
80
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
60
40
20
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of D2F20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X