Part Number Hot Search : 
MV8410 SMF4L54A MTV212M SM2N60 AN328 MV1404H C7860 L7866
Product Description
Full Text Search
 

To Download D2152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN TRANSISTOR 3.0A
D2152
AF OUTPUT AMPLIFIER FOR DC-DC CONVERTER FOR CAMERA MOTOR DRIVER
TO-92
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS]
Ta=25J^ UNIT V V V uA uA V CONDITION Ic=1mA Ic=5uA Ie=50g A Vcb=10V Veb=5V Ic=2A Ib=0.1A Vce=2V,Ic=0.5A Vce=2V,Ic=2A
PARAMETERS SYMBOL MIN TYP MAX Collector-Emitter Breakdown Voltage BVceo 20 Collector-Base Breakdown Voltage BVcbo 40 Emitter-Base Breakdown Voltage BVebo 6 Collector-Base Leakage Icbo 0.1 Emitter-Base Leakage Iebo 0.1 Collector-Emitter Saturation Voltage Vce] sat ^ 0.5 DC Current Gain Collector Current Peak Collector Current Current Gain Bandwidth Output Capacitance Power Dissipation Junction Temperature Storage Temperature Hfe1 Hfe2 Ic Icp fT Cob Pc Tj Tstg 120 150 560 3 5
150
-55
A A(Pulse) MHz Vcb=6V, Ic=50mA 50 pF Vcb=20V,Ie=0,f=1MHz 0.75 W 150 J 150 J
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295


▲Up To Search▲   

 
Price & Availability of D2152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X