Part Number Hot Search : 
TA48018F JHB0802B ICS722M RN2317 08A10 ISL6608 XMXXX 56000
Product Description
Full Text Search
 

To Download D2089UK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TetraFET
D2089UK
METAL GATE RF SILICON FET
MECHANICAL DATA
H
B
4
3
1
G (2 pls)
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 1W - 28V - 2GHz SINGLE ENDED
FEATURES
F E
D
2
C (2 pls)
A
* SIMPLIFIED AMPLIFIER DESIGN
GATE DRAIN
PIN 1 PIN 3
SOURCE SOURCE
PIN 2 PIN 4
* SUITABLE FOR BROAD BAND APPLICATIONS * LOW Crss * SIMPLE BIAS CIRCUITS
DIM A B C D E F G H
Millimetres 25.40 45 0.76 5.21 DIA 1.02 0.13 3.18 3.18
Tol. 0.25 5 0.05 0.13 0.13 0.02 0.13 REF
Inches 1.00 45 0.030 0.205 0.040 0.005 0.125 0.125
Tol. 0.010 5 0.002 0.005 0.005 0.001 0.005 REF
* LOW NOISE * HIGH GAIN
APPLICATIONS
* HF/VHF/UHF COMMUNICATIONS from DC to 2 GHz
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
PD BVDSS BVGSS ID(sat) Tstg Tj Power Dissipation Drain - Source Breakdown Voltage Gate - Source Breakdown Voltage Drain Current Storage Temperature Maximum Operating Junction Temperature 4W 65V 20V 1A -65 to 150C 200C
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 5/96
D2089UK
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated) Parameter Test Conditions Min.
BVDSS IDSS IGSS gfs Pout Ciss Coss Crss Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Leakage Current Forward Transconductance* Power Output Input Capacitance Output Capacitance Reverse Transfer Capacitance VGS = 0 VDS = 28V VGS = 20V ID = 10mA VDS = 10V VDS = 28V f = 30MHz VDS = 0V |D = 10mA VGS = 0 VDS = 0 VDS = VGS ID = 0.2A IDQ = 75mA Pin = 5mW VGS = -5V f = 1MHz f = 1MHz 1 0.18 750 65
Typ.
Max. Unit
V 1 1 7 mA A V mhos mW 12 6 0.5 pF
VGS(th) Gate Threshold Voltage
VDS = 28V VGS = 0
* Pulse Test:
Pulse Duration = 300 s , Duty Cycle 2%
THERMAL DATA
RTHj-case Thermal Resistance Junction - Case Max. 30C / W
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 5/96


▲Up To Search▲   

 
Price & Availability of D2089UK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X