Part Number Hot Search : 
ADP3422 WP7113ND AZ23C10 MAX5722 2SK3488 FSU01 2SK3488 W18000
Product Description
Full Text Search
 

To Download D1NS6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Single
D1NS6
60V 1A
FEATURES *oe Tj150*Z *oe PRRSM avalanche guaranteed *oe mm pitch mounting applicable 5 APPLICATION *oe Switching power supply *oe DC/DC converter *oe Home Appliances, Office Equipment *oe Telecommunication
OUTLINE DIMENSIONS
Case : AX057
Unit : mm
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z VRM Maximum Reverse Voltage 60 V Repetitive Peak Surge Reverse Voltage Pulse width 0.5ms, duty 1/40 VRRSM 65 V Average Rectified Forward Current IO 50Hz sine wave, Ta=46*Z 1 A IFSM 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z Peak Surge Forward Current 30 A Repetitive Peak Surge Reverse Power Pulse width 10Es, Tj=25*Z PRRSM 60 W *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions VF IF=1A, Pulse measurement Forward Voltage Reverse Current IR V =V , Pulse measurement R RM Junction Capacitance =10V Cj f=1MHz, R V Thermal Resistance AEjl junction to lead AEja junction to ambient Ratings Unit Max.0.58 V Max.1 mA Typ.53 pF Max.10 *Z/W Max.113
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D1NS6
10
Forward Voltage
Tl=150C [MAX] Tl=150C [TYP]
Forward Current IF [A]
Tl=25C [MAX] Tl=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D1NS6
Junction Capacitance
f=1MHz Tl=25C TYP per diode
Junction Capacitance Cj [pF]
100
10 0.1 1
10
Reverse Voltage VR [V]
D1NS6
100
Reverse Current
Tl=150C [MAX]
Tl=150C [TYP]
10 Tl=125C [TYP]
Reverse Current IR [mA]
Tl=100C [TYP] 1
Tl=75C [TYP]
0.1
Pulse measurement per diode
0.01
0
10
20
30
40
50
60
Reverse Voltage VR [V]
D1NS6
3.5
Reverse Power Dissipation
Reverse Power Dissipation PR [W]
3
DC D=0.05 0.1 0.2 0.3
2.5
2
1.5
0.5
1 SIN 0.5 0.8
0
0
10
20
30
40
50
60
70
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
D1NS6
1
Forward Power Dissipation
DC D=0.8
Forward Power Dissipation PF [W]
0.8 0.2 0.6 0.05 0.1 0.3
0.5 SIN
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Average Rectified Forward Current IO [A]
Tj = 150C IO 0 tp D=tp /T T
D1NS6
2
Derating Curve
Average Rectified Forward Current IO [A]
l DC 1.5 PCB D=0.8 l = 5mm
0.5 1 SIN 0.3 0.2 0.5 0.1 0.05
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = 30V 0 0
IO
VR tp D=tp /T T
D1NS6
50
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
40
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
30
20
10
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of D1NS6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X