Part Number Hot Search : 
OPT8C CY7C138 XLN8018 2T213 2SJ661 1000W 17015E 1N498
Product Description
Full Text Search
 

To Download D15XB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
SIL Bridges
D15XB80
800V 15A
FEATURES *oe Single In-Line Package Thin *oe High current capacity with Small Package *oe High IFSM *oe Superior Thermal Conductivity APPLICATION
OUTLINE DIMENSIONS
Case : 5S
Unit : mm
*oe power supply Switching
*oe Home Appliances, Office Equipment *oe Factory Automation, Inverter
RATINGS
*oe* Absolute Maximum Ratings (If not specified Tc=25*Z) @ Item Symbol Conditions Ratings Storage Temperature Tstg -40*150 Operating Junction Temperature Tj 150 Maximum Reverse Voltage VRM 800 IO 50Hz sine wave, R-load With heatsink Average Rectified Forward Current Tc=100*Z 15 50Hz sine wave, R-load Without heatsink Ta=25*Z 3.2 Peak Surge Forward CurrentIFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25*Z 200 2 Current Squared Time I t 1ms*...t*10ms*@Tj=25*Z 110 Dielectric Strength Vdis Terminals to case, AC 1 minute 2.5 Mounting Torque R i TOR * ecommended torque : 0.5Nm*j 0.8 *oe* Electrical Characteristics (If not specified Tc=25*Z) @ Item Symbol Conditions VF I =7.5A, Pulse measurement, Rating of per diode Forward Voltage F IR V=V , Pulse measurement, Rating of per diode Reverse Current R RM AEjc junction to case * * With heatsink @@ Thermal Resistance AEjl junction to lead * * Without heatsink @@ AEja junction to ambient Without heatsink Unit *Z *Z V A A A2 s kV Nm
Ratings Unit Max.1.1 V Max.10 EA Max.1.5 Max.5 *Z/W Max.22
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D15XBx
Forward Voltage
10
Forward Current IF [A]
Tc=150C [TYP]
Tc=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D15XBx
60
Forward Power Dissipation
SIN
Forward Power Dissipation PF [W]
50
40
30
20
10
0
0
5
10
15
20
25
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
D15XBx
20
Derating Curve
Heatsink Tc Tc
Average Rectified Forward Current IO [A]
SIN 15
10
5
0 80
90
100
110
120
130
140
150
160
Case Temperature Tc [C]
Sine wave R-load with heatsink
D15XBx
5
Derating Curve
Average Rectified Forward Current IO [A]
4 SIN 3
PCB Glass-epoxy substrate Soldering land 5mm
2
1
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air
D15XBx
250
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
200
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
150
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of D15XB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X