Part Number Hot Search : 
T323033 15KPJ58 C486FD19 B3925 B3925 16373 BC857BL C486FD19
Product Description
Full Text Search
 

To Download D10SBS4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
SBD Bridges
D10SBS4
40V 10A
FEATURES *oe Single In-Line Package Thin *oe SBD Bridge *oe Low VF APPLICATION
OUTLINE DIMENSIONS
Case : 3S
(Unit : mm)
*oe power supply Switching
*oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction TemperatureTj 150 *Z VRM Maximum Reverse Voltage 40 V VRRSM Repetitive Peak Surge Reverse Voltage ulse width 0.5ms, duty 1/40 P 45 V IO Average Rectified Forward Current 50Hz sine wave, R-load With heatsink Tc=67*Z10 A 50Hz sine wave, R-load Without heatsink Ta=25*Z 3.4 Peak Surge Forward Current IFSM50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25 *Z 100 A PRRSM Repetitive Peak Surge Reverse Power Pulse width 10Es, Rating of per diode, Tj=25*Z 330 W Dielectric Strength Vdis Terminals to case, AC 1 minute 2 kV Mounting Torque TOR * ecommended torque*0.5Nm*j R i F 0.8 Nm *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit VF IF Forward Voltage =5A, Pulse measurement, Rating of per diode Max.0.55 V IR V =V , Pulse measurement, Rating of per diodeMax.3.5 mA Reverse Current R RM Junction Capacitance Cj f=1MHz, VR=10V, Rating of per diode TYP 180 pF AEjc junction to case *@*@With heatsink Max.5.5 Thermal Resistance AEjl junction to lead *@* Without heatsink @ Max.6 *Z/W AEjajunction to ambient Without heatsink Max.30
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D10SBS4
Forward Voltage
10
Forward Current IF [A]
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D10SBS4
Junction Capacitance
f=1MHz Tc=25C TYP per diode
1000
Junction Capacitance Cj [pF]
100
0.1
1
10
Reverse Voltage VR [V]
D10SBS4
1000
Reverse Current
Tc=150C [MAX]
100
Tc=150C [TYP]
Reverse Current IR [mA]
Tc=125C [TYP] 10 Tc=100C [TYP]
1
Tc=75C [TYP]
0.1
Pulse measurement per diode
0.01
0
5
10
15
20
25
30
35
40
Reverse Voltage VR [V]
D10SBS4
20
Reverse Power Dissipation
Reverse Power Dissipation PR [W]
15
DC D=0.05 0.1 0.2 0.3
10 0.5
5
SIN 0.8
0
0
10
20
30
40
50
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
D10SBS4
20
Forward Power Dissipation
D=0.8
DC
Forward Power Dissipation PF [W]
15 0.3 0.2 0.05 10 0.1
SIN
0.5
5
0
0
2
4
6
8
10
12
14
16
Average Rectified Forward Current IO [A]
Tj = 150C IO 0 tp D=tp /T T
D10SBS4
20
Derating Curve
Average Rectified Forward Current IO [A]
DC 15 D=0.8
10
0.5 SIN 0.3 0.2
5
0.1 0.05
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = 20V 0 0
IO
VR tp D=tp /T T
D10SBS4
6
Derating Curve
Average Rectified Forward Current IO [A]
DC 5 D=0.8
4 SIN 3 0.3 2 0.2 0.1 0.5
1
0.05 0 0 20 40 60 80 100 120 140 160
Ambient Temperature Ta [C]
VR = 20V 0 0
IO
VR tp D=tp /T T
D10SBS4
150
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied 100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of D10SBS4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X