Part Number Hot Search : 
2N90H TXV1N 10230 1808792 SK156 HC40600 SC1531A Z20107
Product Description
Full Text Search
 

To Download D1029UK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TetraFET
D1029UK
METAL GATE RF SILICON FET
MECHANICAL DATA
C (2 pls)
B
G (typ)
2 1
H D
3
P (2 pls) A
5
4
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 350W - 28V - 175MHz PUSH-PULL
FEATURES
* SIMPLIFIED AMPLIFIER DESIGN
E (4 pls) F I
N
M
O
J
K
* SUITABLE FOR BROAD BAND APPLICATIONS
DRAIN 1 GATE 2
DR
PIN 1 PIN 3 PIN 5 SOURCE (COMMON) DRAIN 2 GATE 1 DIM A B C D E F G H I J K M N O P Millimetres 19.05 10.77 45 9.78 5.71 27.94 1.52R 10.16 22.22 0.13 2.72 1.70 5.08 34.03 1.57R Tol. 0.50 0.13 5 0.13 0.13 0.13 0.13 0.13 MAX 0.02 0.13 0.13 0.50 0.13 0.08 PIN 2 PIN 4
* LOW Crss * SIMPLE BIAS CIRCUITS
Inches 0.75 0.424 45 0.385 0.225 1.100 0.060R 0.400 0.875 0.005 0.107 0.067 0.200 1.340 0.062R
Tol. 0.020 0.005 5 0.005 0.005 0.005 0.005 0.005 MAX 0.001 0.005 0.005 0.020 0.005 0.003
* LOW NOISE * HIGH GAIN - 13 dB MINIMUM
APPLICATIONS
* VHF/UHF COMMUNICATIONS from 1 MHz to 200 MHz
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
PD BVDSS BVGSS ID(sat) Tstg Tj * Per Side Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Prelim.12/00
Power Dissipation Drain - Source Breakdown Voltage * Gate - Source Breakdown Voltage * Drain Current * Storage Temperature Maximum Operating Junction Temperature
438W 70V 20V 35A -65 to 150C 200C
D1029UK
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated) Parameter Test Conditions Min.
PER SIDE
BVDSS IDSS IGSS VGS(th) gfs GPS Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Leakage Current Gate Threshold Voltage* Forward Transconductance* Common Source Power Gain Drain Efficiency Load Mismatch Tolerance Input Capacitance Output Capacitance VGS = 0 VDS = 28V VGS = 20V ID = 10mA VDS = 10V PO = 350W VDS = 28V f = 175MHz IDQ = 2A ID = 100mA VGS = 0 VDS = 0 VDS = VGS ID = 7A 1 5.6 13 65 20:1 VGS = -5V f = 1MHz VGS = 0 VGS = 0 f = 1MHz f = 1MHz 70
Typ.
Max. Unit
V 7 7 7 mA
mA
V S dB % --
TOTAL DEVICE
h
VSWR Ciss Coss Crss
PER SIDE
VDS = 28V VDS = 28V 420 210 17.5 pF pF pF
Reverse Transfer Capacitance VDS = 28V
* Pulse Test:
Pulse Duration = 300 ms , Duty Cycle 2%
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and metal flange is beryllium oxide. Beryllium oxide dust is highly toxic and care must be taken during handling and mounting to avoid damage to this area. THESE DEVICES MUST NEVER BE THROWN AWAY WITH GENERAL INDUSTRIAL OR DOMESTIC WASTE.
THERMAL DATA
RTHj-case Thermal Resistance Junction - Case Max. 0.4C / W
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim.12/00
D1029UK

3RXW :
*DLQ G%

3RXW :
'UDLQ(IILFLHQF\


I 0+] ,GT $ 9GV 9

3LQ:

3RXW JDLQ
I 0+] ,GT $ 9GV 9


3LQ:
3RXW 'UDLQ(IILFLHQF\
Figure 1 Output Power and Gain vs. Input Power
Figure 2 Output Power and Efficiency vs. Input Power

,0' G%F
OPTIMUM SOURCE AND LOAD IMPEDANCE
9GV 9 ,GT $ I 0+] I 0+]

3RXW:3(3

Frequency MHz
175 225
ZS
W
ZL
W
2.1 + j1.9 1.8 - j0.5
2.8 + j2.4 2.9 + j0.7
Figure 3 IMD3 vs. Output Power
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim.12/00
D1029UK
L2
G a te -B ia s
100n T2 1n
10k 100k L1 D 1029U K 12 1n T4 680pF 1n 100n 1000u
28V
820K
T6 T1 1u 90pF 2 -1 8 p F 47pF 2 -1 8 p F
680pF 1u T3 D 1029U K T5
175MHz Test Fixture
T1, 2, 3, T4,5 T6 L1 L2 7cm Storm Products EXE18 19/30 S1TW coaxial cable on Siemens A1 x 1 2 hole core 14cm Storm Products EXE18 19/30 S1TW coaxial cable 11cm Storm Products EXE18 19/30 S1TW coaxial cable 6 turns 1.2mm dia wire, 5mm internal diameter 1.5 turns 0.9mm dia wire on Siemens A1 x 1 2 hole core
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim.12/00


▲Up To Search▲   

 
Price & Availability of D1029UK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X