![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
D10-28 NPN SILICON RF POWER TRANSISTOR DESCRIPTION: The ASI D10-28 is Designed for General Purpose UHF Amplifier Applications up to 1200 MHz. PACKAGE STYLE .280 4L STUD A 45 C B E B D C E FEATURES: * PG = 5.2 dB Typ. at 10 W/960 MHz * Emitter Ballasting for Ruggedness * OmnigoldTM Metallization System E F G J I H K #8-32 UNC MAXIMUM inches / mm MAXIMUM RATINGS IC VCEO PDISS TJ TSTG JC 1.0 A 30 V 20 W @ TC = 25 C -65 to +200 C -65 to +150 C 8.8 C/W O DIM A B C D E F G H I J K MINIMUM inches / mm 1.010 / 25.65 .220 / 5.59 .270 / 6.86 .003 / 0.08 .117 / 2.97 .572 / 14.53 .130 / 3.30 .245 / 6.22 .640 / 16.26 .175 / 4.45 .275 / 6.99 1.055 / 26.80 .230 /5.84 .285 / 7.24 .007 / 0.18 .137 / 3.48 .255 / 6.48 .217 / 5.51 .285 / 7.24 CHARACTERISTICS SYMBOL BVCEO BVCES BVEBO ICBO hFE CCB PG C IC = 50 mA IC = 10 mA IE = 5.0 mA VCE = 28 V VCE = 5.0 V VCB = 28 V VCE = 28 V TC = 25 C TEST CONDITIONS MINIMUM TYPICAL MAXIMUM 30 50 4.0 250 UNITS V V V A --pF dB % IC = 100 mA f = 1.0 MHz POUT = 10 W f = 960 MHz 15 150 12 5.2 50 A D V A N C E D S E M I C O N D U C T O R, I N C. 7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004 Specifications are subject to change without notice. REV. A 1/1 |
Price & Availability of D10-28
![]() |