Part Number Hot Search : 
MFM65 1062246 MN512K TSOP6156 S2222A BSS51 141000 BSS51
Product Description
Full Text Search
 

To Download D1-28Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D1-28Z
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The D1-28Z is Designed for General Purpose Class C Amplifier Applications up to 1.0 GHz.
PACKAGE STYLE .280 4L STUD
A 45
C
B
FEATURES:
* PG = 8.0 dB Typ. at 1 W/1,000 MHz * Emitter Ballasting for Ruggedness * OmnigoldTM Metallization System
D
E B
C
E
J E F G I
MAXIMUM RATINGS
IC VCB PDISS TJ T STG JC 1.0 A 45 V 7 W @ TC = 25 OC -65 to +200 OC -65 to +150 OC 25 C/W
O
H K DIM A B C D E F G H I J K .175 / 4.45 .275 / 6.99 .245 / 6.22 .640 / 16.26 MINIMUM
inches / mm
#8-32 UNC MAXIMUM
inches / mm
1.010 / 25.65 .220 / 5.59 .270 / 6.86 .003 / 0.08 .117 / 2.97 .572 / 14.53 .130 / 3.30
1.055 / 26.80 .230 /5.84 .285 / 7.24 .007 / 0.18 .137 / 3.48
.255 / 6.48 .217 / 5.51 .285 / 7.24
ORDER CODE: ASI10807
CHARACTERISTICS
SYMBOL
BV CBO BV CER BV EBO ICBO hFE Cob PG C IC = 1 mA IC = 20 mA IE = 1 mA VCE = 28 V VCE = 5.0 V VCB = 28 V VCE = 28 V
TC = 25 OC
TEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
45 45 3.5 250
UNITS
V V V A --pF dB %
IC = 100 mA f = 1.0 MHz POUT = 1.0 W f = 1,000 MHz
15
150 5.0
7.0 65
8.0
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of D1-28Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X