Part Number Hot Search : 
TA7673 F0140 63000 LLZ16B E914ID 2SD16 BD933 PT3935
Product Description
Full Text Search
 

To Download CZRT55C9V1-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Zener Diodes
CZRT55C2V4-G thru CZRT55C39-G
Voltage: 2.4 ~ 29 Volts Power: 410 mW Features:
Planar Die Constructions 500mW Power Dissipation Zener Voltages from 2.4V ~ 39V Ideally Suited for Automated Assembly Processes
.119 (3.0) .110 (2.8) .020 (0.5)
SOT-23
Top View
Mechanical Data:
Case: SOD-23, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.008 gram
.037 (0.95) .037 (0.95)
.056 (1.40) .047 (1.20)
.006 (0.1) max.
.029(0.5)
.020 (0.5)
.103 (2.6) .086 (2.2)
Dimensions in inches (millimeters)
Maximum Ratings and Thermal Characterics
Parameter Power Dissipation (Note A) at 75oC Peak Forward Surge Current Surge, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) (Note B) Operating Junction and Storage Temperature Range Symbols Value 410 Units
mW
PD IFSM TJ
2
Amps
oC
-55 to +150
Notes: A. Mounted on 5.0mm2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
"-G" suffix designated RoHS compliant version
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 657-8921 . www.comchiptech.com
.044 (1.15) .035 (0.90) Page1
Circuit Schematic:
.006 (0.15) .002 (0.05)
Surface Mount Zener Diodes
CZRT55C2V4-G thru CZRT55C39-G
Maximum Ratings and Electrical Characterics
(TA=25C unless otherwise noted) V F=1.2V max, I F=100mA for all types
Nominal Zener Voltage Part Number VZ @ IZT Nom. V Min. V Max. V
Max. Zener Impedance ZZT @ IZT Ohm mA ZZK @ IZK Ohm mA
Max Reverse Leakage Current IR @ VR nA V
Typical Temp. Coefficient TC
Max Zener Current IZM@ TA mA
410 mWatts Zener Diodes
CZRT55C2V4-G CZRT55C2V7-G CZRT55C3V0-G CZRT55C3V3-G CZRT55C3V6-G CZRT55C3V9-G CZRT55C4V3-G CZRT55C4V7-G CZRT55C5V1-G CZRT55C5V6-G CZRT55C6V2-G CZRT55C6V8-G CZRT55C7V5-G CZRT55C8V2-G CZRT55C9V1-G CZRT55C10-G CZRT55C11-G CZRT55C12-G CZRT55C13-G CZRT55C15-G CZRT55C16-G CZRT55C18-G CZRT55C20-G CZRT55C22-G CZRT55C24-G CZRT55C27-G CZRT55C30-G CZRT55C33-G CZRT55C36-G CZRT55C39-G
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 15 16 18 20 22 24 27 30 33 36 39
2.28 2.5 2.8 3.1 3.4 3.7 4 4.4 4.8 5.2 5.8 6.4 7 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37
2.56 2.9 3.2 3.5 3.8 4.1 4.6 5 5.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41
85 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
600 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
100000 75000 50000 25000 15000 10000 5000 5000 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
1 1 1 1 1 1 1 2 0.8 1 2 3 5 6 7 7.5 8.5 9 10 11 12 14 15 17 18 20 22.5 25 27 29
-0.075 -0.065 -0.06 -0.055 -0.055 -0.05 -0.035 -0.015 0.005 0.02 0.03 0.045 0.05 0.055 0.065 0.07 0.075 0.08 0.08 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.11
134 118 109 100 92 84 76 67 59 54 49 44 40 36 33 30 28 25 23 20 18 17 16 13 12 10 9 9 8
NOTE: 1.Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2.Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3.Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body. 4.Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5.Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
"-G" suffix designated RoHS compliant version
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 657-8921 . www.comchiptech.com
Page2
Surface Mount Zener Diodes
CZRT55C2V4-G thru CZRT55C39-G
Rating and Characteristic Curves
8 7
100
TEMPERATURE COEFFICIENT,mV/ o C)
6 5 4 3 2
1
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
TEMPERATURE COEFFICIENT,mV/ o C)
10
1 10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL
REVERSE
CURRENT
1000
1000
DYNAMIC IMPEDANCE,
IZ = 1 mA
FORWARD CURRENT, mA
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
100
5 mA 20 mA
100
10
10
150OC
75OC
25OC
5C
O
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
TYPICAL
FORW ARD VOL TAGE
1.2 1.0 0.8 0.6
1000 0 V BIAS 1 V BIAS 100 BIAS AT 50% OF VZ NOM 10
TA=25oC
POWER DISSIPATION, Watts
PD V.S. TA
0.4 0.2 0
CAPACITANCE, pF
75 100
o
25
50
125
150
155
1
1
10
NOMINAL ZENER VOLTAGE, Volts
100
TEMPERATURE ( C)
"-G" suffix designated RoHS compliant version
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 657-8921 . www.comchiptech.com
Page3
Surface Mount Zener Diodes
CZRT55C2V4-G thru CZRT55C39-G
Rating and Characteristic Curves
100
TA=25 C
ZENER CURRENT, mA ZENER CURRENT, mA
o
100
TA=25 C
o
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER
VOL TAGE V.S. ZENER
CURRENT
1000
LEAKAGE CURRENT ( A)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150 C
O
+25 C -55 C
80 90
O
O
NOMINAL ZENER VOLTAGE, Vlots
"-G" suffix designated RoHS compliant version
Comhip Technology Corporation . Tel:510-657-8671 . Fax: 657-8921 . www.comchiptech.com
Page4


▲Up To Search▲   

 
Price & Availability of CZRT55C9V1-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X