Part Number Hot Search : 
BL8596 429BE AT88S NESJ25 2N350 KBJ410 K2750 CS8530
Product Description
Full Text Search
 

To Download CYG2911 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYG2911
CybergateTM
Features * Transformer signal coupling * Complete ring detector circuit * Low power hookswitch * Electronic inductor/gyrator circuit * Surge protection * Caller ID pinout to external relay (optional) * Transient protection zeners * V.32 compatible * FCC Compatible * PC board mountable * Parallel telephone off-hook detection
Description The CYG2911 is a Data Access Arrangement (DAA) module providing a complete telephone line interface circuit in a small 1.07" x 1.07" x 0.4" plastic package. This module incorporates a circuit which signals HIGH when another phone in parallel has been taken off-hook when the CYG2911 is off-hook. This feature is important for cable TV set-top boxes and direct broadcast satellite units which must hang-up (go on-hook) when a consumer needs the phone line to place a 911 or emergency call. The module is designed to meet FCC Part 68 requirements thus providing a low-risk design solution.
Applications * Home medical devices * Plant monitoring equipment * Security/alarm systems * Utility meters * Network routers * PBX systems * Telephony applications * Set top boxes
Approvals * UL 1950/UL1459 * Compatible with U.S. and Canadian phone lines
Ordering Information Part # CYG2911 Description DAA Module
Block Diagram
CYG2911
LINE 1 LINE 2 1 2
GYRATOR/ CALLER ID
RING
R_LIM
18 17
470 VCC
VCC GND
HOOKSWITCH
14 13
911
CID1 CID2
911 OH RING
7 8 9 200k 47k
R_LIM
VCC VCC
RING SURGE DETEC- PROTECTION TION
11 10
TIP RING
RING
Handling and Assembly Recommendations The CYG2911 products are not hermetically sealed and should not be exposed to any liquid-based rinsing processes. Clare recommends two (2) approaches. The modem should either use a no clean soldering flux that would mostly evaporate during the normal wave soldering processes, or be soldered in by hand after the rest of the card is wave soldered. DS-CYG2911-R1
www.clare.com
1
CYG2911
Absolute Maximum Ratings (@ 25 C)
Parameter Min Isolation Voltage Operational Temperature 0 Storage Temperature 0 Relative Humidity 10 (Non-Condensing) Soldering Temperature Tip/Ring (5, 6) Load Current (continuous) Hookswitch LED Drive Current Hookswitch LED Reverse VoltageRing Detect Phototransistor Voltage VCC Typ Max Units 1000 VRMS +70 C - +100 C 85 % +260 120 50 5 20 C mA mA V V
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Electrical Characteristics
Parameter DC Electrical Characteristics On-Hook Impedance Off-Hook Line Leakage Current Hookswitch Resistance Off-Hook Supply Current Hookswitch Power Source, Pin 8 DC Loop Current AC Signal Path Electrical Characteristics Return Loss Insertion Loss Transmit Receive Frequency Response Longitudinal Balance On-Hook Off-Hook DC Loop Current Total Harmonic Distortion + N Secondary Load Impedance Primary Source Impedance Ring Detection Circuit Characteristics Ringing Voltage Detection Range Ringing Frequency Detection Range Ringer Equivalence Number RING (Pin 9) Output Voltage (Pulsed) Logic `0', Ring present Logic `1', Ring not present Surge, Transient, and Isolation Characteristics Surge Protection Voltage Tip and Ring (Pins 11,10) Transient Voltage Protection on Line 1 and Line 2 (Pins 1,2) Isolation Voltage (Pins 1,2,7,8,9,17,18 to 10,11,13,14) Conditions @100VDC across pins 10,11 (R,T), per FCC 68.312 @100VDC across pins 10,11 (R,T), per FCC 68.312 @+5V, VCC 300-3500Hz Test Circuit 1 Test Circuit 2 300-3500Hz Per FCC 68.310 Per FCC 68.310 @600Hz and -10dBm Line 1 and Line 2 Tip and Ring VCC @+5V Min 10 7 4.75 20 18 -0.25 60 40 20 20 15 Typ 8 5.0 25 -45 294 600 0.8B Max 10 15 9 20 120 9 9 +0.25 120 150 70 0.8 VCC Unit M A mA V mA dB dB dB dB dB dB mA dBm VRMS Hz
V V
Per FCC 68.302
-5 -
-
300 +5 1000 V VRMS
R1
2
www.clare.com
CYG2911
Electrical Characteristics (Continued)
Parameter 911 Detection Characteristics (Pin 7) Pulse Voltage External phone off-hook External phone on-hook Pulse Width Internal pull-up resistor Conditions Min Typ Max Unit
Telephone DCR 200 -
2.4 20 -
40 200K
VCC 0.8 60 -
V V mS
Package Pinout
CYG2911 LINE 1 LINE 2 1 2 18 17 14 13 7 8 9 Top View 11 10 VCC GND CID1 CID2 TIP RING
CYG2911 Pinouts & Definitions PIN# I/O Name Function 1 2 7 I/O LINE1 Transformer isolated audio signal coupling path for the telephone line. I/O LINE2 Transformer isolated audio signal coupling path for the telephone line. O 911 Signals HIGH for 20-60ms when the CYG2911 is off-hook and another phone goes off-hook. Glitches may appear on this pin when the CYG2911 first goes off-hook, and should be ignored for a minimum of 200ms. Driving this pin LOW asserts the off-hook condition. The hookswitch LED is current limited by an internal 470 resistor. Active LOW indicates an incoming ring signal. This is pulsed LOW by the AC ring signal at the ring frequency from 15-40Hz. Connection to telephone line Ring conductor. Connection to telephone line Tip conductor. Caller ID connection. CID1/CID2 connect to an external 1Form-A solid state relay (Clare LCA110). When the SSR is closed (connecting CID1 to CID2), Caller ID information is presented to LINE1/LINE2 after the first telephone ring burst. Caller ID connection. See CID2 above. Connected to host system ground. Provides power to the hookswitch LED. Typically +5V for 8mA LED current. LED is current limited by an internal 470 resistor. VCC should not exceed 20V.
911 OH RING
8
I
OH
9
O RING
10 11 13
I/O RING I/O TIP O CID2
14 17 18 CYG2911 Caller ID Connections Pins 13 & 14 should be connected to a 1-Form-A relay (Clare LCA110), as follows:
VCC 1 14 CID1
O CID1 I I GND VCC
P Control (Active Low)
R1
2
13
CID2
www.clare.com
3
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-CYG2911-R1 (c)Copyright 2001, Clare, Inc. All rights reserved. Printed in USA. 1/12/01


▲Up To Search▲   

 
Price & Availability of CYG2911

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X